Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR2010PBF Datasheet(PDF) 11 Page - International Rectifier

Part # IR2010PBF
Description  Floating channel designed for bootstrap operation
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2010PBF Datasheet(HTML) 11 Page - International Rectifier

Back Button IR2010PBF Datasheet HTML 7Page - International Rectifier IR2010PBF Datasheet HTML 8Page - International Rectifier IR2010PBF Datasheet HTML 9Page - International Rectifier IR2010PBF Datasheet HTML 10Page - International Rectifier IR2010PBF Datasheet HTML 11Page - International Rectifier IR2010PBF Datasheet HTML 12Page - International Rectifier IR2010PBF Datasheet HTML 13Page - International Rectifier IR2010PBF Datasheet HTML 14Page - International Rectifier IR2010PBF Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
IR2010(S)PBF
11
www.irf.com
© 2015 International Rectifier
April 14, 2015
Figure 14B. High Level Output vs. VBIAS Voltage
Figure 15A. Low Level Output vs. Temperature
Figure 15B. Low Level Output vs. VBIAS Voltage
Figure 16A. Offset Supply Current vs. Temperature
Figure 16B. Offset Supply Current vs. Offset
Voltage
Figure 17A. VBS Supply Current vs. Temperature


Similar Part No. - IR2010PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2010PBF IRF-IR2010PBF Datasheet
337Kb / 17P
   HIGH AND LOW SIDE DRIVER
logo
Infineon Technologies A...
IR2010PBF INFINEON-IR2010PBF Datasheet
2Mb / 20P
   High and Low Side Driver
April 14, 2015
More results

Similar Description - IR2010PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2301STRPBF IRF-IRS2301STRPBF Datasheet
396Kb / 15P
   Floating channel designed for bootstrap operation
AUIRS2123 IRF-AUIRS2123_15 Datasheet
563Kb / 20P
   Floating channel designed for bootstrap operation
logo
Shenzhen Huazhimei Semi...
HM2103A HMSEMI-HM2103A Datasheet
3Mb / 9P
   Floating channel designed for bootstrap operation
logo
International Rectifier
AUIRS2191S IRF-AUIRS2191S_15 Datasheet
353Kb / 19P
   Floating channel designed for bootstrap operation
AUIRS2302S IRF-AUIRS2302S_15 Datasheet
394Kb / 19P
   Floating channel designed for bootstrap operation
IRS2001MPBF IRF-IRS2001MPBF_15 Datasheet
735Kb / 17P
   Floating channel designed for bootstrap operation
logo
Infineon Technologies A...
AUIRS2181S INFINEON-AUIRS2181S Datasheet
670Kb / 22P
   Floating channel designed for bootstrap operation
January 10, 2014
AUIRS2191S INFINEON-AUIRS2191S Datasheet
353Kb / 19P
   Floating channel designed for bootstrap operation
November 18, 2013
logo
Shenzhen Huazhimei Semi...
HM2103F HMSEMI-HM2103F Datasheet
4Mb / 9P
   Floating channel designed for bootstrap operation
logo
International Rectifier
IRS21867STRPBF IRF-IRS21867STRPBF Datasheet
748Kb / 21P
   Floating channel designed for bootstrap operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com