Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR2010PBF Datasheet(PDF) 3 Page - International Rectifier

Part # IR2010PBF
Description  Floating channel designed for bootstrap operation
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2010PBF Datasheet(HTML) 3 Page - International Rectifier

  IR2010PBF_15 Datasheet HTML 1Page - International Rectifier IR2010PBF_15 Datasheet HTML 2Page - International Rectifier IR2010PBF_15 Datasheet HTML 3Page - International Rectifier IR2010PBF_15 Datasheet HTML 4Page - International Rectifier IR2010PBF_15 Datasheet HTML 5Page - International Rectifier IR2010PBF_15 Datasheet HTML 6Page - International Rectifier IR2010PBF_15 Datasheet HTML 7Page - International Rectifier IR2010PBF_15 Datasheet HTML 8Page - International Rectifier IR2010PBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
IR2010(S)PBF
3
www.irf.com
© 2015 International Rectifier
April 14, 2015
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage
parameters are absolute voltages referenced to COM. The thermal resistance and power dissipation ratings are
measured under board mounted and still air conditions.
Symbol
Definition
Min.
Max.
Units
VB
High side floating supply voltage
-0.3
225
V
VS
High side floating supply offset voltage
VB - 25
VB + 0.3
VHO
High side floating output voltage
VS - 0.3
VB + 0.3
VCC
Low side fixed supply voltage
-0.3
25
VLO
Low side output voltage
-0.3
VCC + 0.3
VDD
Logic supply voltage
-0.3
VSS + 25
VSS
Logic supply offset voltage
VCC - 25
VCC + 0.3
VIN
Logic input voltage (HIN, LIN & SD)
VSS - 0.3
VDD + 0.3
dVs/dt
Allowable offset supply voltage transient (figure 2)
50
V/ns
PD
Package power dissipation
@ TA ≤ +25°C
14-Lead PDIP
1.6
W
16-Lead SOIC
1.25
RthJA
Thermal resistance, junction to
ambient
14-Lead PDIP
75
°C/W
16-Lead SOIC
100
TJ
Junction temperature
150
°C
TS
Storage temperature
-55
150
TL
Lead temperature (soldering, 10 seconds)
300
Recommended Operating Conditions
The input/output logic timing diagram is shown in figure 1. For proper operation the device should be used within
the recommended conditions. The VS and VSS offset rating is tested with all supplies biased at 15V differential.
Typical ratings at other bias conditions are shown in figures 24 and 25.
Symbol
Definition
Min.
Max.
Units
VB
High side floating supply absolute voltage
VS + 10
VS + 20
V
VS
High side floating supply offset voltage
200
VHO
High side floating output voltage
VS
VB
VCC
Low side fixed supply voltage
10
20
VLO
Low side output voltage
0
VCC
VDD
Logic supply voltage
VSS + 3
VSS + 20
VSS
Logic supply offset voltage
-5
††
5
VIN
Logic input voltage (HIN, LIN, & SD)
VSS
VDD
TA
Ambient temperature
-40
125
°C
Logic operational for VS of -4 to +200V. Logic state held for VS of -4V to -VBS.
†† When VDD < 5V, the minimum VSS offset is limited to -VDD
(Please refer to the Design Tip DT97-3 for more details).


Similar Part No. - IR2010PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2010PBF IRF-IR2010PBF Datasheet
337Kb / 17P
   HIGH AND LOW SIDE DRIVER
logo
Infineon Technologies A...
IR2010PBF INFINEON-IR2010PBF Datasheet
2Mb / 20P
   High and Low Side Driver
April 14, 2015
More results

Similar Description - IR2010PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2301STRPBF IRF-IRS2301STRPBF Datasheet
396Kb / 15P
   Floating channel designed for bootstrap operation
AUIRS2123 IRF-AUIRS2123_15 Datasheet
563Kb / 20P
   Floating channel designed for bootstrap operation
logo
Shenzhen Huazhimei Semi...
HM2103A HMSEMI-HM2103A Datasheet
3Mb / 9P
   Floating channel designed for bootstrap operation
logo
International Rectifier
AUIRS2191S IRF-AUIRS2191S_15 Datasheet
353Kb / 19P
   Floating channel designed for bootstrap operation
AUIRS2302S IRF-AUIRS2302S_15 Datasheet
394Kb / 19P
   Floating channel designed for bootstrap operation
IRS2001MPBF IRF-IRS2001MPBF_15 Datasheet
735Kb / 17P
   Floating channel designed for bootstrap operation
logo
Infineon Technologies A...
AUIRS2181S INFINEON-AUIRS2181S Datasheet
670Kb / 22P
   Floating channel designed for bootstrap operation
January 10, 2014
AUIRS2191S INFINEON-AUIRS2191S Datasheet
353Kb / 19P
   Floating channel designed for bootstrap operation
November 18, 2013
logo
Shenzhen Huazhimei Semi...
HM2103F HMSEMI-HM2103F Datasheet
4Mb / 9P
   Floating channel designed for bootstrap operation
logo
International Rectifier
IRS21867STRPBF IRF-IRS21867STRPBF Datasheet
748Kb / 21P
   Floating channel designed for bootstrap operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com