Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR1161LPBF Datasheet(PDF) 5 Page - International Rectifier

Part # IR1161LPBF
Description  Secondary side synchronous rectification controller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR1161LPBF Datasheet(HTML) 5 Page - International Rectifier

  IR1161LPBF Datasheet HTML 1Page - International Rectifier IR1161LPBF Datasheet HTML 2Page - International Rectifier IR1161LPBF Datasheet HTML 3Page - International Rectifier IR1161LPBF Datasheet HTML 4Page - International Rectifier IR1161LPBF Datasheet HTML 5Page - International Rectifier IR1161LPBF Datasheet HTML 6Page - International Rectifier IR1161LPBF Datasheet HTML 7Page - International Rectifier IR1161LPBF Datasheet HTML 8Page - International Rectifier IR1161LPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
IR1161LPBF
5
www.irf.com
© 2015 International Rectifier
Submit Datasheet Feedback
June 1, 2015
Electrical Characteristics
VCC=12V and TA=25°C unless otherwise specified. The output voltage and current (VO and IO) parameters are
referenced to GND pin.
CLOAD=1nF,
fSW=300kHz
RMOT=50k
VCC= VCC ON - 0.1V
230
-10
-7.5
7
30
tBLANK
Blanking Pulse Duration
8
13
24
µs
Reset Threshold
1.18
V
Blanking Time of Reset
400
ns
RMOT=5k
RMOT=24k
RMOT=50k


Similar Part No. - IR1161LPBF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IR1161LPBF INFINEON-IR1161LPBF Datasheet
416Kb / 26P
   SmartRectifier
2016-07-01
IR1161LPBF INFINEON-IR1161LPBF_16 Datasheet
416Kb / 26P
   SmartRectifier
2016-07-01
More results

Similar Description - IR1161LPBF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
APR343 DIODES-APR343 Datasheet
473Kb / 12P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
logo
ON Semiconductor
FAN6230A ONSEMI-FAN6230A Datasheet
1Mb / 29P
   Secondary-Side Synchronous Rectification Controller
May 2015 Rev. 1.1
logo
Diodes Incorporated
APR346 DIODES-APR346 Datasheet
380Kb / 11P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
APR347 DIODES-APR347 Datasheet
439Kb / 9P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
APR345 DIODES-APR345 Datasheet
429Kb / 11P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
APR340 DIODES-APR340 Datasheet
578Kb / 9P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
Rev. 3 - 2 May 2021
APR349 DIODES-APR349 Datasheet
531Kb / 10P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
Rev. 2 - 2 July 2021
APR348 DIODES-APR348 Datasheet
377Kb / 9P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
March 2021
logo
Rohm
BM1R00146F ROHM-BM1R00146F Datasheet
2Mb / 26P
   Secondary Side Synchronous Rectification Controller IC
logo
International Rectifier
IRFH5020PBF IRF-IRFH5020PBF_15 Datasheet
266Kb / 9P
   Secondary Side Synchronous Rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com