Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ALVCH16543 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74ALVCH16543
Description  16-bit D-type registered transceiver; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH16543 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74ALVCH16543_15 Datasheet HTML 7Page - NXP Semiconductors 74ALVCH16543_15 Datasheet HTML 8Page - NXP Semiconductors 74ALVCH16543_15 Datasheet HTML 9Page - NXP Semiconductors 74ALVCH16543_15 Datasheet HTML 10Page - NXP Semiconductors 74ALVCH16543_15 Datasheet HTML 11Page - NXP Semiconductors 74ALVCH16543_15 Datasheet HTML 12Page - NXP Semiconductors 74ALVCH16543_15 Datasheet HTML 13Page - NXP Semiconductors 74ALVCH16543_15 Datasheet HTML 14Page - NXP Semiconductors 74ALVCH16543_15 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
1999 Nov 23
11
Philips Semiconductors
Product specification
16-bit D-type registered transceiver; 3-state
74ALVCH16543
AC WAVEFORMS
Notes: VCC = 2.3 to 2.7 V
VM = 0.5VCC;
VX =VOL + 150 mV;
VY =VOH − 150 mV;
VI =VCC;
VOL and VOH are typical output voltage drop that occur
with the output load.
Notes: VCC = 3.0 to 3.6 V and VCC = 2.7 V
VM = 1.5 V;
VX =VOL + 300 mV;
VY =VOH − 300 mV;
VI = 2.7 V;
VOL and VOH are typical output voltage drop that occur
with the output load.
Fig.6
The inputs nAn, nBn to outputs nBn, nAn
propagation delay times.
handbook, halfpage
MNA302
nAn, nBn
input
nBn, nAn
output
tPHL
tPLH
GND
VI
VM
VM
VOH
VOL
Fig.7 The latch enable inputs nLEXX pulse width, the latch enable inputs to output nBn, nAn propagation delays.
handbook, full pagewidth
MNA303
tPHL
tPLH
tW
VM
VM
nLEXX input
nAn, nBn output
GND
VI
VOH
VOL


Similar Part No. - 74ALVCH16543_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVCH16543DGG PHILIPS-74ALVCH16543DGG Datasheet
89Kb / 20P
   16-bit D-type registered transceiver; 3-state
1999 Nov 23
logo
Nexperia B.V. All right...
74ALVCH16543DGG NEXPERIA-74ALVCH16543DGG Datasheet
204Kb / 17P
   16-bit D-type registered transceiver; 3-state
Rev. 3 - 15 December 2017
logo
Texas Instruments
74ALVCH16543DGGRE4 TI1-74ALVCH16543DGGRE4 Datasheet
356Kb / 16P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
74ALVCH16543DGGRG4 TI1-74ALVCH16543DGGRG4 Datasheet
356Kb / 16P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
74ALVCH16543DLG4 TI1-74ALVCH16543DLG4 Datasheet
356Kb / 16P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Similar Description - 74ALVCH16543_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVCH16543 PHILIPS-74ALVCH16543 Datasheet
89Kb / 20P
   16-bit D-type registered transceiver; 3-state
1999 Nov 23
logo
Nexperia B.V. All right...
74ALVCH16543 NEXPERIA-74ALVCH16543 Datasheet
204Kb / 17P
   16-bit D-type registered transceiver; 3-state
Rev. 3 - 15 December 2017
logo
NXP Semiconductors
74ALVCH16952 PHILIPS-74ALVCH16952_15 Datasheet
99Kb / 17P
   16-bit registered transceiver; 3-state
Rev. 02-27 April 2006
logo
Nexperia B.V. All right...
74ALVCH16952 NEXPERIA-74ALVCH16952 Datasheet
196Kb / 14P
   16-bit registered transceiver; 3-state
Rev. 3 - 9 January 2018
logo
NXP Semiconductors
74ABT16952 PHILIPS-74ABT16952 Datasheet
87Kb / 12P
   16-bit registered transceiver 3-State
1998 Feb 25
74ALVCH16952 PHILIPS-74ALVCH16952 Datasheet
85Kb / 12P
   16-bit registered transceiver 3-State
1998 Sep 01
logo
Texas Instruments
SN74LVC16543 TI-SN74LVC16543 Datasheet
124Kb / 8P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16543 TI-SN74ALVCH16543 Datasheet
165Kb / 11P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT16543 FAIRCHILD-74ABT16543 Datasheet
72Kb / 7P
   16-Bit Registered Transceiver with 3-STATE Outputs
74ACT16543 FAIRCHILD-74ACT16543 Datasheet
56Kb / 6P
   16-Bit Registered Transceiver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com