Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR1153S Datasheet(PDF) 4 Page - International Rectifier

Part # IR1153S
Description  Cycle by cycle peak current limit
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR1153S Datasheet(HTML) 4 Page - International Rectifier

  IR1153S_15 Datasheet HTML 1Page - International Rectifier IR1153S_15 Datasheet HTML 2Page - International Rectifier IR1153S_15 Datasheet HTML 3Page - International Rectifier IR1153S_15 Datasheet HTML 4Page - International Rectifier IR1153S_15 Datasheet HTML 5Page - International Rectifier IR1153S_15 Datasheet HTML 6Page - International Rectifier IR1153S_15 Datasheet HTML 7Page - International Rectifier IR1153S_15 Datasheet HTML 8Page - International Rectifier IR1153S_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
IR1153S
www.irf.com
4
© 2011 International Rectifier
Internal Voltage Reference Section
Parameters
Symbol
Min.
Typ.
Max.
Units
Remarks
Reference Voltage
VREF
4.9
5
5.1
V
Regulation Voltage on VFB pin,
TAMB=25°C
Line Regulation
RREG
10
20
mV
14V < VCC < 17V
Temp Stability
TSTAB
0.4
%
-25°C < TAMB < 125°C, Note 1
Total Variation
ΔVTOT
4.83
5.12
V
Line & Temperature
Voltage Error Amplifier Section
Parameters
Symbol
Min.
Typ.
Max.
Units
Remarks
Transconductance
gm
35
49
59
µS
30
44
58
TAMB=25°C
Source Current (Normal
Mode)
IOVEA(SRC)
17
80
µA
-25°C < TAMB < 125°C
-58
-44
-30
TAMB=25°C
Sink Current (Normal Mode)
IOVEA(SNK)
-80
-17
µA
-25°C < TAMB < 125°C
Soft Start Delay Time
(calculated)
tSS
35
msec
RGAIN=8kΩ, CZERO=0.33μF,
CPOLE=2nF
VCOMP Voltage (Fault)
VCOMP FLT
1
1.5
V
@100uA steady state
Effective VCOMP voltage
VCOMP EFF
4.7
4.9
5.1
V
VFB Input Bias Current
IFB(Bias)
-0.2
µA
Output Low Voltage
VOL
0.25
V
Output High Voltage
VOH
5
5.45
V
VCOMP Start Voltage
VCOMP
START
210
325
435
mV


Similar Part No. - IR1153S_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR1153SPBF IRF-IR1153SPBF Datasheet
386Kb / 20P
   FIXED 22.2kHz FREQUENCY
IR1153STRPBF IRF-IR1153STRPBF Datasheet
386Kb / 20P
   FIXED 22.2kHz FREQUENCY
More results

Similar Description - IR1153S_15

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX20446CEVKIT MAXIM-MAX20446CEVKIT Datasheet
672Kb / 13P
   Demonstrates Cycle-by-Cycle Current Limit and Thermal-Shutdown Features
Rev 0; 2/21
MAX20446BEVKIT MAXIM-MAX20446BEVKIT Datasheet
1Mb / 14P
   Demonstrates Cycle-by-Cycle Current Limit and Thermal-Shutdown Features
Rev 0; 1/21
logo
Unisonic Technologies
UC2000DG-AG6-R UTC-UC2000DG-AG6-R Datasheet
202Kb / 5P
   Cycle-by-Cycle current limiting
UD38251G-SH2-R UTC-UD38251G-SH2-R Datasheet
274Kb / 7P
   Cycle-by-Cycle Over Current Protection
logo
Alliance Semiconductor ...
ASM3P623S00A ALSC-ASM3P623S00A Datasheet
301Kb / 16P
   Zero Cycle Slip Peak EMI reduction IC
logo
Texas Instruments
TPS51220A TI1-TPS51220A_16 Datasheet
1Mb / 51P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51222 TI1-TPS51222 Datasheet
1Mb / 42P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51221 TI-TPS51221 Datasheet
956Kb / 36P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220A TI-TPS51220A Datasheet
838Kb / 45P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220A-Q1 TI-TPS51220A-Q1_15 Datasheet
1Mb / 51P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com