Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR1153S Datasheet(PDF) 3 Page - International Rectifier

Part # IR1153S
Description  Cycle by cycle peak current limit
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR1153S Datasheet(HTML) 3 Page - International Rectifier

  IR1153S_15 Datasheet HTML 1Page - International Rectifier IR1153S_15 Datasheet HTML 2Page - International Rectifier IR1153S_15 Datasheet HTML 3Page - International Rectifier IR1153S_15 Datasheet HTML 4Page - International Rectifier IR1153S_15 Datasheet HTML 5Page - International Rectifier IR1153S_15 Datasheet HTML 6Page - International Rectifier IR1153S_15 Datasheet HTML 7Page - International Rectifier IR1153S_15 Datasheet HTML 8Page - International Rectifier IR1153S_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
IR1153S
www.irf.com
3
© 2011 International Rectifier
Electrical Characteristics
The electrical characteristics involve the spread of values guaranteed within the specified supply voltage and
junction temperature range TJ from – 25° C to 125°C. Typical values represent the median values, which are
related to 25°C. If not otherwise stated, a supply voltage of VCC =15V is assumed for test condition.
Supply Section
Parameters
Symbol
Min.
Typ.
Max.
Units
Remarks
Supply Voltage Operating
Range
VCC
14
17
V
VCC Turn On Threshold
VCC ON
12.2
13.1
14
V
VCC Turn Off Threshold
(Under Voltage Lock Out)
VCC UVLO
9.4
10.1
10.8
V
VCC Turn On/Off Hysteresis
VCC HYST
2.4
3
3.6
V
7
mA
CLOAD =1nF
8
mA
CLOAD =4.7nF
Operating Current
ICC
3.5
5
mA
OVP Mode, Inactive gate
Start-up Current
ICC START
26
75
µA
VCC=VCC ON - 0.2V
Sleep current
ISLEEP
26
75
µA
Pin OVP/EN=VSLEEP-0.2V
Sleep Mode Threshold
VSLEEP
0.5
0.8
V
Bias on OVP/EN pin
Oscillator Section
Parameters
Symbol
Min.
Typ.
Max.
Units
Remarks
20.2
22.2
24.2
TAMB=25°C
Fixed Oscillator Frequency
fSW
18.3
25
kHz
-25
°C < TAMB < 125°C
Maximum Duty Cycle
DMAX
93
99
%
VCOMP=5V
Minimum Duty Cycle
DMIN
0
%
Pulse Skipping
Protection Section
Parameters
Symbol
Min.
Typ.
Max.
Units
Remarks
Open Loop Protection
(OLP)Threshold
VOLP
17
19
21
%
VREF
Bias on VFB pin
Output Overvoltage
Protection (OVP)
Threshold
VOVP
104
106
108
%
VREF
Bias on OVP/EN pin
Output Overvoltage
Protection Reset Threshold
VOVP(RST)
101
103
105
%
VREF
Bias on OVP/EN pin
OVP Input Bias Current
IOVP(Bias)
-0.2
µA
Brown-out Protection
(BOP) Threshold
VBOP
0.66
0.76
0.86
V
Bias on BOP pin
Brown-out Protection
Enable Threshold
VBOP(EN)
1.46
1.56
1.66
V
Bias on BOP pin
BOP Input Bias Current
IBOP(Bias)
-0.2
µA
Peak Current Limit
Protection ISNS Voltage
Threshold (IPK LIMIT)
VISNS(PK)
-0.58
-0.51
-0.44
V
Bias on ISNS pin


Similar Part No. - IR1153S_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR1153SPBF IRF-IR1153SPBF Datasheet
386Kb / 20P
   FIXED 22.2kHz FREQUENCY
IR1153STRPBF IRF-IR1153STRPBF Datasheet
386Kb / 20P
   FIXED 22.2kHz FREQUENCY
More results

Similar Description - IR1153S_15

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX20446CEVKIT MAXIM-MAX20446CEVKIT Datasheet
672Kb / 13P
   Demonstrates Cycle-by-Cycle Current Limit and Thermal-Shutdown Features
Rev 0; 2/21
MAX20446BEVKIT MAXIM-MAX20446BEVKIT Datasheet
1Mb / 14P
   Demonstrates Cycle-by-Cycle Current Limit and Thermal-Shutdown Features
Rev 0; 1/21
logo
Unisonic Technologies
UC2000DG-AG6-R UTC-UC2000DG-AG6-R Datasheet
202Kb / 5P
   Cycle-by-Cycle current limiting
UD38251G-SH2-R UTC-UD38251G-SH2-R Datasheet
274Kb / 7P
   Cycle-by-Cycle Over Current Protection
logo
Alliance Semiconductor ...
ASM3P623S00A ALSC-ASM3P623S00A Datasheet
301Kb / 16P
   Zero Cycle Slip Peak EMI reduction IC
logo
Texas Instruments
TPS51220A TI1-TPS51220A_16 Datasheet
1Mb / 51P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51222 TI1-TPS51222 Datasheet
1Mb / 42P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51221 TI-TPS51221 Datasheet
956Kb / 36P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220A TI-TPS51220A Datasheet
838Kb / 45P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220A-Q1 TI-TPS51220A-Q1_15 Datasheet
1Mb / 51P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com