Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AUP3G04 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74AUP3G04
Description  Low-power triple inverter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP3G04 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74AUP3G04_15 Datasheet HTML 2Page - NXP Semiconductors 74AUP3G04_15 Datasheet HTML 3Page - NXP Semiconductors 74AUP3G04_15 Datasheet HTML 4Page - NXP Semiconductors 74AUP3G04_15 Datasheet HTML 5Page - NXP Semiconductors 74AUP3G04_15 Datasheet HTML 6Page - NXP Semiconductors 74AUP3G04_15 Datasheet HTML 7Page - NXP Semiconductors 74AUP3G04_15 Datasheet HTML 8Page - NXP Semiconductors 74AUP3G04_15 Datasheet HTML 9Page - NXP Semiconductors 74AUP3G04_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
74AUP3G04
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 7 — 29 January 2013
6 of 22
NXP Semiconductors
74AUP3G04
Low-power triple inverter
10. Static characteristics
Table 7.
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Tamb = 25 C
VIH
HIGH-level input voltage
VCC = 0.8 V
0.70VCC
--
V
VCC = 0.9 V to 1.95 V
0.65VCC
--
V
VCC = 2.3 V to 2.7 V
1.6
-
-
V
VCC = 3.0 V to 3.6 V
2.0
-
-
V
VIL
LOW-level input voltage
VCC = 0.8 V
-
-
0.30VCC
V
VCC = 0.9 V to 1.95 V
-
-
0.35VCC
V
VCC = 2.3 V to 2.7 V
-
-
0.7
V
VCC = 3.0 V to 3.6 V
-
-
0.9
V
VOH
HIGH-level output voltage
VI = VIH or VIL
IO = 20 A; VCC = 0.8 V to 3.6 V
VCC  0.1
-
-
V
IO = 1.1 mA; VCC = 1.1 V
0.75VCC
--
V
IO = 1.7 mA; VCC = 1.4 V
1.11
-
-
V
IO = 1.9 mA; VCC = 1.65 V
1.32
-
-
V
IO = 2.3 mA; VCC = 2.3 V
2.05
-
-
V
IO = 3.1 mA; VCC = 2.3 V
1.9
-
-
V
IO = 2.7 mA; VCC = 3.0 V
2.72
-
-
V
IO = 4.0 mA; VCC = 3.0 V
2.6
-
-
V
VOL
LOW-level output voltage
VI = VIH or VIL
IO = 20 A; VCC = 0.8 V to 3.6 V
-
-
0.1
V
IO = 1.1 mA; VCC = 1.1 V
-
-
0.3VCC
V
IO = 1.7 mA; VCC = 1.4 V
-
-
0.31
V
IO = 1.9 mA; VCC = 1.65 V
-
-
0.31
V
IO = 2.3 mA; VCC = 2.3 V
-
-
0.31
V
IO = 3.1 mA; VCC = 2.3 V
-
-
0.44
V
IO = 2.7 mA; VCC = 3.0 V
-
-
0.31
V
IO = 4.0 mA; VCC = 3.0 V
-
-
0.44
V
II
input leakage current
VI = GND to 3.6 V; VCC = 0 V to 3.6 V
-
-
0.1
A
IOFF
power-off leakage current
VI or VO = 0 V to 3.6 V; VCC = 0 V
-
-
0.2
A
I
OFF
additional power-off
leakage current
VI or VO = 0 V to 3.6 V;
VCC =0Vto0.2 V
--
0.2
A
ICC
supply current
VI = GND or VCC; IO = 0 A;
VCC = 0.8 V to 3.6 V
--
0.5
A
I
CC
additional supply current
VI = VCC  0.6 V; IO = 0 A;
VCC =3.3 V
--
40
A
CI
input capacitance
VCC = 0 V to 3.6 V; VI = GND or VCC
-1.0
-pF
CO
output capacitance
VO = GND; VCC = 0 V
-
1.8
-
pF


Similar Part No. - 74AUP3G04_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP3G0434 NEXPERIA-74AUP3G0434 Datasheet
272Kb / 19P
   Low-power dual inverter and single buffer
74AUP3G0434DC NEXPERIA-74AUP3G0434DC Datasheet
272Kb / 19P
   Low-power dual inverter and single buffer
74AUP3G0434GF NEXPERIA-74AUP3G0434GF Datasheet
272Kb / 19P
   Low-power dual inverter and single buffer
74AUP3G0434GM NEXPERIA-74AUP3G0434GM Datasheet
272Kb / 19P
   Low-power dual inverter and single buffer
74AUP3G0434GN NEXPERIA-74AUP3G0434GN Datasheet
272Kb / 19P
   Low-power dual inverter and single buffer
More results

Similar Description - 74AUP3G04_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP3G04 NXP-74AUP3G04 Datasheet
534Kb / 17P
   Low-power triple inverter
Rev. 03-8 October 2009
logo
Nexperia B.V. All right...
74AUP3G04 NEXPERIA-74AUP3G04 Datasheet
255Kb / 17P
   Low-power triple inverter
Rev. 10 - 15 December 2020
logo
Texas Instruments
SN74AUP3G04 TI-SN74AUP3G04_1 Datasheet
810Kb / 18P
[Old version datasheet]   LOW-POWER TRIPLE INVERTER GATE
SN74AUP3G04 TI-SN74AUP3G04 Datasheet
283Kb / 12P
[Old version datasheet]   LOW-POWER TRIPLE INVERTER GATE
logo
Nexperia B.V. All right...
74AUP3G14 NEXPERIA-74AUP3G14 Datasheet
835Kb / 21P
   Low-power triple Schmitt trigger inverter
logo
Texas Instruments
SN74AUP3G14 TI1-SN74AUP3G14 Datasheet
778Kb / 22P
[Old version datasheet]   LOW-POWER TRIPLE SCHMITT-TRIGGER INVERTER
logo
NXP Semiconductors
74LVC3G04 PHILIPS-74LVC3G04 Datasheet
74Kb / 13P
   Triple inverter
Rev. 01-4 May 2004
logo
Toshiba Semiconductor
TC7WG04FK TOSHIBA-TC7WG04FK_09 Datasheet
184Kb / 7P
   Triple Inverter
logo
Nexperia B.V. All right...
74LVC3G04-Q100 NEXPERIA-74LVC3G04-Q100 Datasheet
205Kb / 11P
   Triple inverter
74HCT3G04 NEXPERIA-74HCT3G04 Datasheet
212Kb / 12P
   Triple inverter
Rev. 5 - 26 November 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com