Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AUP2G06 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74AUP2G06
Description  Low-power dual inverter with open-drain output
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP2G06 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74AUP2G06_15 Datasheet HTML 2Page - NXP Semiconductors 74AUP2G06_15 Datasheet HTML 3Page - NXP Semiconductors 74AUP2G06_15 Datasheet HTML 4Page - NXP Semiconductors 74AUP2G06_15 Datasheet HTML 5Page - NXP Semiconductors 74AUP2G06_15 Datasheet HTML 6Page - NXP Semiconductors 74AUP2G06_15 Datasheet HTML 7Page - NXP Semiconductors 74AUP2G06_15 Datasheet HTML 8Page - NXP Semiconductors 74AUP2G06_15 Datasheet HTML 9Page - NXP Semiconductors 74AUP2G06_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
74AUP2G06
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 5 — 29 November 2012
6 of 18
NXP Semiconductors
74AUP2G06
Low-power dual inverter with open-drain output
IOZ
OFF-state output current
VI = VIL; VO = 0 V to 3.6 V;
VCC =0 Vto3.6 V
--
0.5
A
IOFF
power-off leakage current
VI or VO = 0 V to 3.6 V; VCC = 0 V
-
-
0.5
A
I
OFF
additional power-off
leakage current
VI or VO = 0 V to 3.6 V;
VCC =0 Vto 0.2 V
--
0.6
A
ICC
supply current
VI = GND or VCC; IO = 0 A;
VCC = 0.8 V to 3.6 V
--
0.9
A
I
CC
additional supply current
VI = VCC  0.6 V; IO = 0 A; VCC =3.3 V
-
-
50
A
Tamb = 40 C to +125 C
VIH
HIGH-level input voltage
VCC = 0.8 V
0.75
 V
CC
--
V
VCC = 0.9 V to 1.95 V
0.70
 V
CC
--
V
VCC = 2.3 V to 2.7 V
1.6
-
-
V
VCC = 3.0 V to 3.6 V
2.0
-
-
V
VIL
LOW-level input voltage
VCC = 0.8 V
-
-
0.25
 V
CC
V
VCC = 0.9 V to 1.95 V
-
-
0.30
 V
CC
V
VCC = 2.3 V to 2.7 V
-
-
0.7
V
VCC = 3.0 V to 3.6 V
-
-
0.9
V
VOL
LOW-level output voltage
VI = VIH or VIL
IO = 20 A; VCC = 0.8 V to 3.6 V
-
-
0.11
V
IO = 1.1 mA; VCC = 1.1 V
-
-
0.33
 V
CC
V
IO = 1.7 mA; VCC = 1.4 V
-
-
0.41
V
IO = 1.9 mA; VCC = 1.65 V
-
-
0.39
V
IO = 2.3 mA; VCC = 2.3 V
-
-
0.36
V
IO = 3.1 mA; VCC = 2.3 V
-
-
0.50
V
IO = 2.7 mA; VCC = 3.0 V
-
-
0.36
V
IO = 4.0 mA; VCC = 3.0 V
-
-
0.50
V
II
input leakage current
VI = GND to 3.6 V; VCC = 0 V to 3.6 V
-
-
0.75
A
IOZ
OFF-state output current
VI = VIL; VO = 0 V to 3.6 V;
VCC =0 Vto3.6 V
--
0.75
A
IOFF
power-off leakage current
VI or VO = 0 V to 3.6 V; VCC = 0 V
-
-
0.75
A
I
OFF
additional power-off
leakage current
VI or VO = 0 V to 3.6 V;
VCC =0 Vto 0.2 V
--
0.75
A
ICC
supply current
VI = GND or VCC; IO = 0 A;
VCC = 0.8 V to 3.6 V
--
1.4
A
I
CC
additional supply current
VI = VCC  0.6 V; IO = 0 A; VCC =3.3 V
-
-
75
A
Table 7.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit


Similar Part No. - 74AUP2G06_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP2G0604 NEXPERIA-74AUP2G0604 Datasheet
846Kb / 20P
   Low-power inverting buffer with open-drain and inverter
74AUP2G0604GF NEXPERIA-74AUP2G0604GF Datasheet
846Kb / 20P
   Low-power inverting buffer with open-drain and inverter
74AUP2G0604GM NEXPERIA-74AUP2G0604GM Datasheet
846Kb / 20P
   Low-power inverting buffer with open-drain and inverter
74AUP2G0604GN NEXPERIA-74AUP2G0604GN Datasheet
846Kb / 20P
   Low-power inverting buffer with open-drain and inverter
74AUP2G0604GS NEXPERIA-74AUP2G0604GS Datasheet
846Kb / 20P
   Low-power inverting buffer with open-drain and inverter
More results

Similar Description - 74AUP2G06_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G06 NXP-74AUP2G06 Datasheet
125Kb / 18P
   Low-power dual inverter with open-drain output
Rev. 4-6 December 2011
logo
Nexperia B.V. All right...
74AUP2G06 NEXPERIA-74AUP2G06 Datasheet
247Kb / 15P
   Low-power dual inverter with open-drain output
Rev. 8 - 31 January 2022
logo
NXP Semiconductors
74AUP1G06 NXP-74AUP1G06 Datasheet
92Kb / 15P
   Low-power inverter with open-drain output
Rev. 04-10 June 2009
74AXP1G06 PHILIPS-74AXP1G06_15 Datasheet
176Kb / 17P
   Low-power inverter with open-drain output
Rev. 1-15 January 2014
logo
Nexperia B.V. All right...
74AUP1G06 NEXPERIA-74AUP1G06 Datasheet
263Kb / 17P
   Low-power inverter with open-drain output
Rev. 10 - 13 January 2022
logo
NXP Semiconductors
74AUP1G06 PHILIPS-74AUP1G06 Datasheet
78Kb / 15P
   Low-power inverter with open-drain output
Rev. 02-24 August 2006
logo
Nexperia B.V. All right...
74AXP1G06 NEXPERIA-74AXP1G06 Datasheet
786Kb / 17P
   Low-power inverter with open-drain output
74AUP1G06-Q100 NEXPERIA-74AUP1G06-Q100 Datasheet
684Kb / 13P
   Low-power inverter with open-drain output
logo
NXP Semiconductors
74AUP1G06 PHILIPS-74AUP1G06_15 Datasheet
343Kb / 19P
   Low-power inverter with open-drain output
Rev. 7-28 June 2012
logo
Leshan Radio Company
MC74VHC1G05 LRC-MC74VHC1G05 Datasheet
153Kb / 4P
   Inverter with Open Drain Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com