Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ALVCH162601 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74ALVCH162601
Description  18-bit universal bus transceiver with 30 W termination resistor; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH162601 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74ALVCH162601_15 Datasheet HTML 7Page - NXP Semiconductors 74ALVCH162601_15 Datasheet HTML 8Page - NXP Semiconductors 74ALVCH162601_15 Datasheet HTML 9Page - NXP Semiconductors 74ALVCH162601_15 Datasheet HTML 10Page - NXP Semiconductors 74ALVCH162601_15 Datasheet HTML 11Page - NXP Semiconductors 74ALVCH162601_15 Datasheet HTML 12Page - NXP Semiconductors 74ALVCH162601_15 Datasheet HTML 13Page - NXP Semiconductors 74ALVCH162601_15 Datasheet HTML 14Page - NXP Semiconductors 74ALVCH162601_15 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
1999 Oct 14
11
Philips Semiconductors
Product specification
18-bit universal bus transceiver with 30
termination resistor; 3-state
74ALVCH162601
AC CHARACTERISTICS FOR VCC = 2.7 V AND VCC = 3.0 TO 3.6 V
Ground = 0 V; tr =tf ≤ 2.5 ns; CL =50pF.
Notes
1. All typical values are measured at Tamb =25 °C.
2. Typical values at VCC = 3.3 V.
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb = −40 TO +85 °C
UNIT
WAVEFORMS
VCC (V)
MIN.
TYP.(1)
MAX.
tPHL/tPLH
propagation delay
An,Bn to Bn,An
see Figs 6 and 10
2.7
3.9
5.2
ns
3.0 to 3.6
1.6
3.1(2)
4.5
propagation delay
LEAB,LEBA to Bn,An
see Figs 7 and 10
2.7
4.3
5.9
ns
3.0 to 3.6
1.5
3.5(2)
5.1
propagation delay
CPAB,CPBA to Bn,An
see Figs 7 and 10
2.7
4.5
6.3
ns
3.0 to 3.6
1.6
3.7(2)
5.5
tPZH/tPZL
3-state output enable time
OEAB, OEBA to Bn,An
see Figs 8 and 10
2.7
3.9
6.7
ns
3.0 to 3.6
1.6
3.1(2)
5.7
tPHZ/tPLZ
3-state output disable time
OEAB, OEBA to Bn,An
see Figs 8 and 10
2.7
3.2
5.3
ns
3.0 to 3.6
1.8
2.9(2)
4.8
tW
clock pulse width
LEAB,LEBA to CPAB,CPBA
see Figs 7 and 10
2.7
3.3
0.7
ns
3.0 to 3.6
3.3
0.9(2)
clock pulse width HIGH or
LOW CPAB,CPBA
see Figs 7 and 10
2.7
3.3
1.2
ns
3.0 to 3.6
3.3
0.9(2)
tsu
set-up time
An,Bn to CPAB,CPBA
see Figs 9 and 10
2.7
2.4
0.0
ns
3.0 to 3.6
+2.1
−0.2(2)
set-up time
An,Bn to LEAB,LEBA
see Figs 9 and 10
2.7
+1.2
−0.2
ns
3.0 to 3.6
1.1
0.3(2)
set-up time
CEAB, CEBA to CPAB,CPBA
2.7
+2.0
−0.7
ns
3.0 to 3.6
+1.7
−0.2(2)
th
hold time
An,Bn to CPAB,CPBA
see Figs 9 and 10
2.7
1.1
0.3
ns
3.0 to 3.6
+1.0
−0.1(2)
hold time
An,Bn to LEAB,LEBA
see Figs 9 and 10
2.7
1.6
0.1
ns
3.0 to 3.6
1.4
0.1(2)
hold time
CEAB, CEBA to CPAB,CPBA
2.7
1.2
0.6
ns
3.0 to 3.6
1.1
0.4(2)
fmax
maximum clock pulse
frequency
see Figs 7 and 10
2.7
150
190
MHz
3.0 to 3.6
150
240(2)


Similar Part No. - 74ALVCH162601_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVCH162601DGG PHILIPS-74ALVCH162601DGG Datasheet
90Kb / 20P
   18-bit universal bus transceiver with 30 ohm termination resistor; 3-state
1999 Oct 14
logo
Nexperia B.V. All right...
74ALVCH162601DGG NEXPERIA-74ALVCH162601DGG Datasheet
233Kb / 15P
   18-bit universal bus transceiver with 30 Ω termination resistor; 3-state
Rev. 2 - 13 August 2018
logo
Texas Instruments
74ALVCH162601DLG4 TI-74ALVCH162601DLG4 Datasheet
361Kb / 15P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
74ALVCH162601DLRG4 TI-74ALVCH162601DLRG4 Datasheet
361Kb / 15P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
74ALVCH162601GRE4 TI-74ALVCH162601GRE4 Datasheet
361Kb / 15P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Similar Description - 74ALVCH162601_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVCH162601 PHILIPS-74ALVCH162601 Datasheet
90Kb / 20P
   18-bit universal bus transceiver with 30 ohm termination resistor; 3-state
1999 Oct 14
logo
Nexperia B.V. All right...
74ALVCH162601 NEXPERIA-74ALVCH162601 Datasheet
233Kb / 15P
   18-bit universal bus transceiver with 30 Ω termination resistor; 3-state
Rev. 2 - 13 August 2018
logo
NXP Semiconductors
74ALVCH16601 PHILIPS-74ALVCH16601 Datasheet
86Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Sep 24
74ALVT16601 PHILIPS-74ALVT16601 Datasheet
96Kb / 14P
   18-bit universal bus transceiver 3-State
1998 Feb 13
74ALVCH16600 PHILIPS-74ALVCH16600_15 Datasheet
93Kb / 14P
   18-bit universal bus transceiver (3-State)
1998 Sep 24
logo
Nexperia B.V. All right...
74ALVCH16501 NEXPERIA-74ALVCH16501 Datasheet
253Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 7 - 24 November 2021
74ALVT16601 NEXPERIA-74ALVT16601 Datasheet
233Kb / 21P
   18-bit universal bus transceiver; 3-state
Rev. 03 - 5 July 2005
logo
NXP Semiconductors
74ABT16500C PHILIPS-74ABT16500C Datasheet
88Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Feb 27
logo
Nexperia B.V. All right...
74ALVCH16600 NEXPERIA-74ALVCH16600 Datasheet
210Kb / 17P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 15 January 2018
74ALVCH16601 NEXPERIA-74ALVCH16601 Datasheet
231Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 13 August 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com