Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX199 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX199
Description  Multi-Range (짹4V, 짹2V, 4V, 2V), 5V Supply, 12-Bit DAS with 84 Bus Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX199 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX199 Datasheet HTML 6Page - Maxim Integrated Products MAX199 Datasheet HTML 7Page - Maxim Integrated Products MAX199 Datasheet HTML 8Page - Maxim Integrated Products MAX199 Datasheet HTML 9Page - Maxim Integrated Products MAX199 Datasheet HTML 10Page - Maxim Integrated Products MAX199 Datasheet HTML 11Page - Maxim Integrated Products MAX199 Datasheet HTML 12Page - Maxim Integrated Products MAX199 Datasheet HTML 13Page - Maxim Integrated Products MAX199 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
How to Start a Conversion
Conversions are initiated with a write operation, which
selects the mux channel and configures the MAX199 for
either unipolar or bipolar input range. A write pulse (WR
+ CS) can either start an acquisition interval or initiate a
combined acquisition plus conversion. The sampling
interval occurs at the end of the acquisition interval.
The ACQMOD bit in the input control byte offers two
options for acquiring the signal: internal or external.
The conversion period lasts for 12 clock cycles in either
internal or external clock or acquisition mode.
Writing a new control byte during the conversion cycle
will abort the conversion in progress and start a new
acquisition interval.
Internal Acquisition
Select internal acquisition by writing the control byte
with the ACQMOD bit cleared (ACQMOD = 0). This
causes the write pulse to initiate an acquisition interval
whose duration is internally timed. Conversion starts
when this six-clock-cycle acquisition interval (3µs with
fCLK = 2MHz) ends. See Figure 5.
External Acquisition
Use the external acquisition timing mode for precise con-
trol of the sampling aperture and/or independent control of
acquisition and conversion times. The user controls acqui-
sition and start-of-conversion with two separate write puls-
es. The first pulse, written with ACQMOD = 1, starts an
acquisition interval of indeterminate length. The second
write pulse, written with ACQMOD = 0, terminates acquisi-
tion and starts conversion on WR’s rising edge (Figure 6).
However, if the second control byte contains ACQMOD =
1, an indefinite acquisition interval is restarted.
The address bits for the input mux must have the same
values on the first and second write pulses. Power-
down mode bits (PD0, PD1) can assume new values on
the second write pulse (see
Power-Down Mode).
Multi-Range (±4V, ±2V, +4V, +2V),
+5V Supply, 12-Bit DAS with 8+4 Bus Interface
10
______________________________________________________________________________________
tCS
tCSWS
tWR
tACQI
tCONV
tDH
tDS
tINT1
tD0
tD01
tTR
HIGH-Z
HIGH-Z
tCSRS
tCSRH
CS
WR
D7–D0
INT
RD
HBEN
DOUT
ACQMOD ="0"
HIGH / LOW
BYTE VALID
HIGH / LOW
BYTE VALID
CONTROL
BYTE
tCSWH
Figure 5. Conversion Timing Using Internal Acquisition Mode
Table 5. Data-Bus Output
PIN
HBEN = LOW
HBEN = HIGH
D0
B0 (LSB)
B8
D1
B1
B9
D2
B2
B10
D3
B3
B11 (MSB)
D4
B4
B11 (BIP = 1) / 0 (BIP = 0)
D5
B5
B11 (BIP = 1) / 0 (BIP = 0)
D6
B6
B11 (BIP = 1) / 0 (BIP = 0)
D7
B7
B11 (BIP = 1) / 0 (BIP = 0)


Similar Part No. - MAX199

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX199 MAXIM-MAX199 Datasheet
199Kb / 14P
   Convenient Test Points Provided On-Board
Rev 1; 7/95
MAX1992 MAXIM-MAX1992 Datasheet
543Kb / 36P
   Quick-PWM Step-Down Controllers with Inductor Saturation Protection and Dynamic Output Voltages
Rev 0; 10/02
MAX1992 MAXIM-MAX1992 Datasheet
643Kb / 36P
   Quick-PWM Step-Down Controllers
Rev 1; 9/05
MAX1992ETG MAXIM-MAX1992ETG Datasheet
543Kb / 36P
   Quick-PWM Step-Down Controllers with Inductor Saturation Protection and Dynamic Output Voltages
Rev 0; 10/02
MAX1992ETG MAXIM-MAX1992ETG Datasheet
643Kb / 36P
   Quick-PWM Step-Down Controllers
Rev 1; 9/05
More results

Similar Description - MAX199

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX197 MAXIM-MAX197 Datasheet
165Kb / 16P
   Multi-Range (짹10V, 짹5V, 10V, 5V), Single 5V, 12-Bit DAS with 84 Bus Interface
19-0381; Rev 1; 6/96
MAX196 MAXIM-MAX196 Datasheet
165Kb / 16P
   Multirange, Single %V, 12-Bit DAS with 12-Bit Bus Interface
Rev 0; 9/95
MAX127 MAXIM-MAX127 Datasheet
124Kb / 16P
   Multirange, 5V, 12-Bit DAS with 2-Wire Serial Interface
19-4773; Rev 0; 7/98
logo
Fairchild Semiconductor
FSTU3125 FAIRCHILD-FSTU3125 Datasheet
136Kb / 7P
   4-Bit Bus Switch with -2V Undershoot Protection
logo
Maxim Integrated Produc...
MAX1202 MAXIM-MAX1202_V01 Datasheet
2Mb / 24P
   5V, 8-Channel, Serial, 12-Bit ADCs with 3V Digital Interface
2012
logo
STMicroelectronics
ST72324JX STMICROELECTRONICS-ST72324JX Datasheet
2Mb / 164P
   5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH,10-BIT ADC, 4 TIMERS,SPI,SCI INTERFACE
logo
Maxim Integrated Produc...
MAX1202 MAXIM-MAX1202 Datasheet
309Kb / 24P
   5v, 8-cHANNEL, sERIAL, 12-bIT adcS WITH 3v dIGITAL iNTERFACE
19-1173; Rev 2; 5/98
MAX1292 MAXIM-MAX1292 Datasheet
382Kb / 20P
   400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
logo
STMicroelectronics
ST72324 STMICROELECTRONICS-ST72324_05 Datasheet
1Mb / 163P
   5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
logo
Maxim Integrated Produc...
MAX1290 MAXIM-MAX1290 Datasheet
388Kb / 20P
   400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-1531; Rev 3; 12/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com