Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DVP-7014HE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # DVP-7014HE
Description  1-ch Full HD H.264 MiniPCIe Video Capture Card with SDK
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

DVP-7014HE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  DVP-7014HE Datasheet HTML 1Page - Advantech Co., Ltd. DVP-7014HE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Intelligent Video Platforms
Features
DVP-7014HE 1-chFullHDH.264MiniPCIe
Video Capture Card with SDK
ƒ 1 channel HDMI/DVI-D/DVI-A/YPbPr channel video inputs with H.264
software compression
ƒ 30/25 fps (NTSC/PAL) at up to full HD resolution for recording and display
ƒ Mini PCIe x1 (Gen2) host interface
ƒ Windows/Linux OS supported
Introduction
DVP-7014HE is a Mini PCIe-bus, software compression video capture card with 1 video and 1 audio inputs. DVP-7014HE supports H.264 compression format at up to full HD resolution
at real-time frame rate (30/25fps). With an easy-to-use software development kit (SDK), DVP-7014HE is an ideal solution for various video capture applications.
Specifications
Video
Video Standard
NTSC/PAL
Video Input
1 x HDMI/DVI-D/DVI-A/YPbPr
Compression
S/W H.264
Max. Display Rate
30/25 fps (NTSC/PAL) @ 1920 x 1080p
Max. Recording Rate
30/25 fps (NTSC/PAL) @ 1920 x 1080p
Audio
Audio Input
HDMI Embedded Audio/ Audio L/R
Format
Stereo / 16-bit / 32000 ~ 48000Hz
System Requirements
CPU (Display)
Intel Core 2 Duo E2200 2.2 GHz
CPU (Recording)
Intel Core 2 Quad Q9400 2.6 GHz
Memory
2 GB
VGA
1024 x 768, DirectX 9.0c
Operating System
Windows XP/XPe/Vista/7; Linux 2.6.14 or higher; 32/64 bits
Physical Characteristics
Host Interface
Mini PCIe x1 (Gen 2)
Operating Temperature
-20 ~ 70° C (-4 ~ 158° F)
Storing Temperature
-40 ~ 85° C (-40 ~ 185° F)
Dimensions
30 x 51 mm
Certification
CE/FCC
Versatile SDK Support (For Windows Only)
Advantech provides software development kit (SDK), a set of development tools that allows
a software engineer to integrate video capture modules into different types of system.
Functions include video recording, playback and instant preview.
ƒ Software Library
ƒ SDK Manual
ƒ Sample Program
NEW
All product specifications are subject to change without notice
Last updated : 31-Aug-2015


Similar Part No. - DVP-7014HE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
DVP-7010BE ADVANTECH-DVP-7010BE Datasheet
530Kb / 1P
   4-ch MPEG-4 Video Capture Card with SDK
DVP-7010BE ADVANTECH-DVP-7010BE Datasheet
210Kb / 1P
   4-ch MPEG-4 Video Capture Card with SDK
DVP-7010HE ADVANTECH-DVP-7010HE Datasheet
811Kb / 2P
   1-ch Full HD H.264/MPEG4 PCIe Video Capture Card with SDK
DVP-7011HE ADVANTECH-DVP-7011HE Datasheet
727Kb / 2P
   1-ch Full HD H.264/MPEG4 PCIe Video Capture Card with SDK
DVP-7011HE ADVANTECH-DVP-7011HE Datasheet
719Kb / 3P
   Professional Tower/Standalone Medical Computer with Intel 8th/9th Generation Processor
27-Apr-2023
More results

Similar Description - DVP-7014HE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
DVP-7015HE ADVANTECH-DVP-7015HE Datasheet
612Kb / 2P
   1-ch Full HD H.264 MiniPCIe Video Capture Card with SDK
DVP-7016HE ADVANTECH-DVP-7016HE Datasheet
1Mb / 2P
   1-ch Full HD H.264 MiniPCIe Video Capture Card with SDK
MOS-4140S ADVANTECH-MOS-4140S Datasheet
898Kb / 2P
   1-ch Full HD H.264 MiniPCIe Video Capture Card with SDK
11-Aug-2017
DVP-7612HE ADVANTECH-DVP-7612HE Datasheet
1Mb / 2P
   1-ch Full HD H.264 MiniPCIe Video Capture Card with SDK
12-Dec-2018
DVP-7610HE ADVANTECH-DVP-7610HE Datasheet
3Mb / 2P
   1-ch Full HD H.264 PCIe Video Capture Card with SDK
MOS-4140D ADVANTECH-MOS-4140D Datasheet
1Mb / 2P
   1-ch Full HD H.264 MiniPCIe Video Capture Card iDoor Module
11-Aug-2017
MOS-4140V ADVANTECH-MOS-4140V Datasheet
1Mb / 2P
   1-ch Full HD H.264 MiniPCIe Video Capture Card iDoor Module
11-Aug-2017
MOS-4140H ADVANTECH-MOS-4140H Datasheet
1Mb / 2P
   1-ch Full HD H.264 MiniPCIe Video Capture Card iDoor Module
11-Aug-2017
DVP-7010HE ADVANTECH-DVP-7010HE Datasheet
811Kb / 2P
   1-ch Full HD H.264/MPEG4 PCIe Video Capture Card with SDK
DVP-7041E ADVANTECH-DVP-7041E Datasheet
393Kb / 2P
   8-ch H.264/MPEG4 MiniPCIe Video Capture Card with SDK
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com