Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARK-321E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ARK-321E
Description  UHF RFID Two-Port Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ARK-321E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ARK-321E_15 Datasheet HTML 1Page - Advantech Co., Ltd. ARK-321E_15 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UHF RFID Two-Port Module
Features
ARK-321E
UHF RFID Two-Port Module
ƒ Smallest mini-size UHF RFID module
ƒ Compliant with EPC global Class 1 Gen. 2 (ISO18000-6C)
ƒ Free SDK, standard version; Supports Windows®
ƒ Supports power saving mode and Low Power Consumption
ƒ RF output power: Adjustable 30dBm/1W (Max)
ƒ RF ASIC: Impinj R1000 chipset based design
ƒ RFID Silicon: Impinj-R1000
ƒ Two antenna ports supporting two mono-static antennas
ƒ UART Interface
ƒ Supports remote upgrade firmware
Introduction
RFID Tracer Module ARK-321E, UHF RFID module, is designed with an Impinj R1000 chipset which contains two antenna ports. The maximum RF output power is 30dBm. ARK-321E is
designed for easy integration into any existing or new platforms. The low power consumption and super small form factor provides a perfect alternative for mobile or handheld devices.
The ARK-321E easy and powerful demo package allows for fast creation of custom applications via an API. It operates over the North American UHF frequency band (902~928 MHz)
and follows ISO 18000-6C international standards, and free demo software offers quick evaluation without software development.
Specifications
Electrical Specification
Frequency Range
902~928MHz
Channel Spacing
500KHz
Frequency Hopping
50CH
Frequency Stability
10ppm
RF Output Power
Max. output power is 30dBm
Available to adjust from +10 ~ +30dBm in 1dB step
Supply Voltage
3.3VDC +/-5%
Power Consumption
1.8A @ 30dBm
Physical Specification
Dimensions
70.5 mm (L) X 41.5 mm (W) X 8.2 mm (H)
Digital Connector
1.27mm 12*2 P Header
Antenna Connector
Two RP SMA (F) to support mono-static antenna
Environment Condition
Operating Temperature
-10°C to 55°C
Temperature Threshold
85°C (Typical)
Storage Temperature
-40°C to 85°C
Safety Requirement
United States
FCC 47 CFR Ch. 1 Part 15, B/C (Pre-compliance)
Miscellaneous specification
Host Control Signal /Data Rate
UART
RFID Protocols
EPC Class 1 Gen 2 / ISO 18000-6C
Linking Frequency: 250KHz
Data Rate: 62.5 kpbs
Data Encoding: Miller-4
Modulation : PR-ASK
Architecture
Impinj R1000
All product specifications are subject to change without notice
Last updated : 14-Jul-2015


Similar Part No. - ARK-321E_15

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-3202 ADVANTECH-ARK-3202 Datasheet
381Kb / 2P
   Mobile Intel짰 ATOM N270 Fanless Solution with Dual Display and Multiple I/O
ARK-3202F-S6A1E ADVANTECH-ARK-3202F-S6A1E Datasheet
381Kb / 2P
   Mobile Intel짰 ATOM N270 Fanless Solution with Dual Display and Multiple I/O
ARK-3202F-S6A1E ADVANTECH-ARK-3202F-S6A1E Datasheet
1Mb / 2P
   Mobile Intel짰 Atom??N270 Fanless Solution with Dual Display and Multiple I/O
ARK-3202L-S6A1E ADVANTECH-ARK-3202L-S6A1E Datasheet
381Kb / 2P
   Mobile Intel짰 ATOM N270 Fanless Solution with Dual Display and Multiple I/O
ARK-3202L-S6A1E ADVANTECH-ARK-3202L-S6A1E Datasheet
1Mb / 2P
   Mobile Intel짰 Atom??N270 Fanless Solution with Dual Display and Multiple I/O
More results

Similar Description - ARK-321E_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRW-RFIDSA6UR ETC2-TRW-RFIDSA6UR Datasheet
344Kb / 3P
   UHF RFID Module
TRW-RFIDSACUSB ETC2-TRW-RFIDSACUSB Datasheet
344Kb / 3P
   UHF RFID Module
logo
WJ Communication. Inc.
WJR7000 WJCI-WJR7000 Datasheet
224Kb / 4P
   UHF RFID reader module
logo
SparkFun Electronics
SPX-15113 SPARKFUN-SPX-15113 Datasheet
2Mb / 4P
   UHF RFID Ring Antenna
1??1??9
logo
List of Unclassifed Man...
WS-ANT925SMA-5 ETC2-WS-ANT925SMA-5 Datasheet
893Kb / 7P
   UHF RFID 5dBi Tube Antenna
logo
EM Microelectronic - MA...
EM4122 EMMICRO-EM4122 Datasheet
52Kb / 1P
   Read-only UHF RFID IC
EM4123 EMMICRO-EM4123 Datasheet
47Kb / 1P
   Read-only UHF RFID IC
logo
Abracon Corporation
ART915X050503OP-IC ABRACON-ART915X050503OP-IC Datasheet
413Kb / 3P
   2M RANGE UHF RFID ON METAL
09/19/2016
logo
SparkFun Electronics
WRL-14147 SPARKFUN-WRL-14147 Datasheet
161Kb / 1P
   UHF RFID Tag (Set of 5)
2/27/2017
WRL_14147 SPARKFUN-WRL_14147 Datasheet
161Kb / 1P
   UHF RFID Tag (Set of 5)
2/27/2017
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com