Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAS3648 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # SAS3648
Description  SAS/SATA Expander
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

SAS3648 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  SAS3648 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED SAS3648 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Brief
Enhance your external storage environment with high scalability and
performance with LSI SAS Expanders
Overview
The 12Gb/s SAS Expanders are LSI’s seventh generation of expanders that incorporate the
latest enhancements in SAS technology. The 48, 40, 36-port option expanders are designed
with an integrated ARM Cortex-R4 processor for topology management functions such as
discovery, enclosure and drive management, and LED management. The expanders support
SAS data transfer rates of 12, 6, 3 Gb/s, and SATA data transfer rates of 6 and 3Gb/s.
The LSI SAS expanders also incorporate the latest enhancements in SAS technology which
includes Spread Spectrum Clocking for EMI reduction and T-10 based zoning for network
storage security applications. Other innovative, unique features include DataBoltBandwidth
Optimizer. DataBoltBandwidth Optimizer is designed to help facilitate the industry transition
to 12Gb/s SAS-enabled systems by allowing users to take advantage of 12Gb/s speeds while
utilizing existing 6Gb/s drives and backplanes. The expander buffers 6Gb/s data and then
transfers it out to the host at 12Gb/s speeds in order to match the bandwidth between faster
hosts and slower SAS or SATA devices. Additional features such as Port Mirroring allow the
customer to access signals that are not easily accessible by mirroring that signal to an external
connection for debug and diagnosis. The SATA affiliation option allows for turning off all
affiliations and allowing multiple hosts to control various SATA drives.
For improving system reliability for today’s data center and storage subsystems, the LSI SAS
expanders are ideal for connecting multiple targets and hosts in a SAS switched environment.
This will support scalability and fault- tolerant path-redundancy.
SAS Leadership
LSI is a storage market leader in SAS, Enterprise RAID, and Application Acceleration, enabling
the entire storage ecosystem. LSI offers the broadest product portfolio in the industry
including SAS ROCs, IO Controllers, Expanders, Host Bus Adapters, MegaRAID® controller cards,
switches, advanced software options, and application acceleration solutions. LSI solutions
provide the performance, connectivity, scalability, and manageability required for today’s
enterprise storage environments.
These products use the LSI proven SAS core which has completed extensive stress test and
interoperability testing resulting in the industry’s most robust, interoperable solution.
SDK
A full Software Development Kit (SDK) is available to help enable efficient OEM specific
firmware implementations. The SDK includes source code for the SES module with examples
of typical SES device drivers, the SSP Target, the ISTWI Target, the CLI Interface and the Serial
Applications
n
SAS/SATA drive enclosures
n
External RAID subsystems
Features
n
Integrated Enclosure Processor
– ARM® Cortex-R4 @ 300MHz
n
12Gb/s SAS Interface
– 48, 40, 36-port SAS/SATA expanders
– Supports 12Gb/s, 6Gb/s, and 3Gb/s SAS, and
6Gb/s and 3Gb/s SATA data transfer rates
– Ports are non-denominational
- initiator and target connect
– Supports narrow and wide port
configurations
– Spread spectrum clocking
– Supports SSP initiator and target, SMP
initiator and target, STP initiator and SATA
protocols
– DataBoltBandwidth Optimizer (40 ports)
n
T-10 zoning – 255 zones
n
Port mirroring
n
16 GPIO Pins (64)
n
1 LED Pins per Phy
– Configurable for link status, drive activity,
fault LED outputs
– Can be used as GPIOs
n
SFF-8485 Compliant (2 SGPIO ports)
n
External memory interface support
– 8/16 bit FLASH/NVSRAM
LSI SAS3x48
LSI® 12Gb/s SAS/SATA Expander
LSI SAS3x48, LSI SAS3x40, LSI SAS3x36


Similar Part No. - SAS3648

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
SAS3616W BOARDCOM-SAS3616W Datasheet
356Kb / 3P
   16 PCIe lanes to 16-port SAS/SATA/PCIe IOC featuring Tri-Mode SerDes Technology
More results

Similar Description - SAS3648

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
SFP-SATA-SAS-HT MRV-SFP-SATA-SAS-HT Datasheet
356Kb / 2P
   SAS/SATA SFP Transceivers
logo
Integrated Device Techn...
844441 IDT-844441 Datasheet
356Kb / 15P
   FemtoClock SAS/ SATA Clock Generator
logo
AVAGO TECHNOLOGIES LIMI...
SAS9750-16I4E AVAGO-SAS9750-16I4E Datasheet
372Kb / 2P
   Express SATASAS RAID Controller
SAS9750-4I4E AVAGO-SAS9750-4I4E Datasheet
373Kb / 3P
   Express SATASAS RAID Controller
logo
Integrated Device Techn...
843442I IDT-843442I Datasheet
201Kb / 14P
   FemtoClock SAS/SATA Clock Generator
843442 IDT-843442 Datasheet
201Kb / 14P
   FemtoClock??SAS/SATA Clock Generator
ICS843442I IDT-ICS843442I Datasheet
715Kb / 13P
   FemtoClock??SAS/SATA Clock Generator
843751 IDT-843751 Datasheet
217Kb / 17P
   FemtoClock??SAS/SATA Clock Generator
logo
AVAGO TECHNOLOGIES LIMI...
SAS9750-24I4E AVAGO-SAS9750-24I4E Datasheet
429Kb / 2P
   PCI Express SATASAS RAID Controller
SAS9266-4I AVAGO-SAS9266-4I Datasheet
253Kb / 2P
   PCI Express SATASAS RAID Controller
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com