Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX196 Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX196
Description  Multirange, Single %V, 12-Bit DAS with 12-Bit Bus Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX196 Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX196 Datasheet HTML 8Page - Maxim Integrated Products MAX196 Datasheet HTML 9Page - Maxim Integrated Products MAX196 Datasheet HTML 10Page - Maxim Integrated Products MAX196 Datasheet HTML 11Page - Maxim Integrated Products MAX196 Datasheet HTML 12Page - Maxim Integrated Products MAX196 Datasheet HTML 13Page - Maxim Integrated Products MAX196 Datasheet HTML 14Page - Maxim Integrated Products MAX196 Datasheet HTML 15Page - Maxim Integrated Products MAX196 Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
16 __________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 (408) 737-7600
© 1995 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
Multirange, Single +5V, 12-Bit DAS
with 12-Bit Bus Interface
TRANSISTOR COUNT: 2956
SUBSTRATE CONNECTED TO GND
___________________Chip Topography
CH5
REFADJ
INT
RD
0.231"
(5.870mm)
0.144"
(3.659mm)
D2
CH0
CH1
D0
D1
AGND
CH4
CH3
CH2
VCC
VDD
WR
DGND
CLK
D11
CS
D10
D9
D8
D7
D6
D5
D4
D3
REF
_Ordering Information (continued)
28 Narrow Ceramic SB**
-55°C to +125°C
MAX196BMYI
28 Narrow Ceramic SB**
-55°C to +125°C
MAX196AMYI
28 SSOP
-40°C to +85°C
MAX196BEAI
28 SSOP
-40°C to +85°C
MAX196AEAI
28 Wide SO
-40°C to +85°C
MAX196BEWI
Dice*
0°C to +70°C
MAX196BC/D
PIN-PACKAGE
TEMP. RANGE
PART
* Dice are specified at TA = +25°C, DC parameters only.
** Contact factory for availability and processing to MIL-STD-883.
28 Wide SO
28 Narrow Plastic DIP
28 Narrow Plastic DIP
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
MAX196AEWI
MAX196BENI
MAX196AENI
28 Narrow Ceramic SB**
-55°C to +125°C
MAX198BMYI
28 Narrow Ceramic SB**
-55°C to +125°C
MAX198AMYI
28 SSOP
-40°C to +85°C
MAX198BEAI
28 SSOP
-40°C to +85°C
MAX198AEAI
28 Wide SO
-40°C to +85°C
MAX198BEWI
28 Wide SO
28 Wide SO
28 Narrow Plastic DIP
0°C to +70°C
0°C to +70°C
0°C to +70°C
MAX198BCWI
MAX198ACWI
MAX198ACNI
28 Wide SO
28 Narrow Plastic DIP
28 Narrow Plastic DIP
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
MAX198AEWI
MAX198BENI
MAX198AENI
Dice*
28 SSOP
28 SSOP
0°C to +70°C
0°C to +70°C
0°C to +70°C
MAX198BC/D
MAX198BCAI
MAX198ACAI
28 Narrow Plastic DIP
0°C to +70°C
MAX198BCNI


Similar Part No. - MAX196

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX196 MAXIM-MAX196 Datasheet
205Kb / 8P
   Jumper-Selectable Configuration
Rev 0; 2/96
MAX1960 MAXIM-MAX1960 Datasheet
455Kb / 29P
   2.35V to 5.5V, 0.5% Accurate, 1MHz PWM Step-Down Controllers with Voltage Margining
Rev 0; 1/03
MAX1960 MAXIM-MAX1960 Datasheet
321Kb / 29P
   2.35V to 5.5V, 0.5% Accurate, 1MHz PWM Step-Down Controllers with Voltage Margining
Rev 1; 6/09
MAX1960EEP MAXIM-MAX1960EEP Datasheet
455Kb / 29P
   2.35V to 5.5V, 0.5% Accurate, 1MHz PWM Step-Down Controllers with Voltage Margining
Rev 0; 1/03
MAX1960EEP MAXIM-MAX1960EEP Datasheet
321Kb / 29P
   2.35V to 5.5V, 0.5% Accurate, 1MHz PWM Step-Down Controllers with Voltage Margining
Rev 1; 6/09
More results

Similar Description - MAX196

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX127 MAXIM-MAX127 Datasheet
124Kb / 16P
   Multirange, 5V, 12-Bit DAS with 2-Wire Serial Interface
19-4773; Rev 0; 7/98
MAX197 MAXIM-MAX197 Datasheet
165Kb / 16P
   Multi-Range (짹10V, 짹5V, 10V, 5V), Single 5V, 12-Bit DAS with 84 Bus Interface
19-0381; Rev 1; 6/96
MAX199 MAXIM-MAX199 Datasheet
165Kb / 16P
   Multi-Range (짹4V, 짹2V, 4V, 2V), 5V Supply, 12-Bit DAS with 84 Bus Interface
19-0401; Rev 0; 6/95
MAX1270BCAI MAXIM-MAX1270BCAI Datasheet
814Kb / 20P
   Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
MAX1270 MAXIM-MAX1270 Datasheet
808Kb / 20P
   Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
logo
Microchip Technology
MCP4921 MICROCHIP-MCP4921_07 Datasheet
3Mb / 42P
   12-Bit DAC with SPI??Interface
2007
MCP4921 MICROCHIP-MCP4921 Datasheet
3Mb / 40P
   12-Bit DAC with SPI??Interface
2004
logo
Nexperia B.V. All right...
CBT16211 NEXPERIA-CBT16211 Datasheet
195Kb / 9P
   24-bit bus switch with 12-bit output enables
2001 Jun 13
logo
NXP Semiconductors
CBT16211 PHILIPS-CBT16211_15 Datasheet
82Kb / 8P
   24-bit bus switch with 12-bit output enables
2001 Jun 13
logo
Integrated Circuit Syst...
CBT16212 ICST-CBT16212 Datasheet
75Kb / 8P
   24-bit bus exchange switch with 12-bit output enables
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com