Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CT875FUF Datasheet(PDF) 1 Page - Central Technologies

Part # CT875FUF
Description  Power Inductors - Unshielded
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CT875FUF Datasheet(HTML) 1 Page - Central Technologies

  CT875FUF Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2015 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 04.15.15
Power Inductors - Unshielded
www.ctparts.com
CT875FUF
Series
From 0.47 mH to 6.8 mH
SPECIFICATIONS
Parts are available in ±20% inductance tolerance only.
Irms: DC current that will cause an approximate
ΔT of 40°C
Isat: DC current that will cause L0 to drop approximately 10%
L Test
DCR
Irms
Isat
Part
Inductance
Freq.
Max.
Typ.
Typ.
Number
(mH)
(KHz)
(
Ω)
(A)
(A)
CT875FUF-471M
0.47
100
8.1
0.14
0.14
CT875FUF-561M
0.56
100
11
0.125
0.125
CT875FUF-681M
0.68
100
13
0.115
0.115
CT875FUF-821M
0.82
100
18
0.12
0.105
CT875FUF-102M
1.0
100
20
0.095
0.095
CT875FUF-122M
1.2
100
22
0.088
0.088
CT875FUF-152M
1.5
100
27
0.083
0.083
CT875FUF-182M
1.8
100
33
0.074
0.074
CT875FUF-222M
2.2
100
39
0.064
0.064
CT875FUF-272M
2.7
100
45
0.061
0.061
CT875FUF-332M
3.3
100
62
0.050
0.050
CT875FUF-392M
3.9
100
71
0.050
0.050
CT875FUF-472M
4.7
100
96
0.042
0.042
CT875FUF-562M
5.6
100
110
0.040
0.040
CT875FUF-682M
6.8
100
130
0.037
0.037
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
PAD LAYOUT
Description: SMD (unshielded) power inductor.
Applications: Ideal for a variety EL lamp inverter inductor
applications.
Operating Temperature: -30° to +100°C
Inductance Tolerance: ±20%
Testing: Inductance is tested on an HP4285A at 100KHz, 0.25V.
Packaging: Tape & Reel.
Note: The part temperature (ambient+temp. rise) should not
exceed 100°C under worst case operating conditions. Circuit
design, component placement, PWB trace size and thickness,
airflow and other cooling provisions all affect the part temperature.
Part temperature should be verified in the end application.
Marking: Parts are marked with inductance code.
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
CD
E
G
F
A
B
XXX
Marking: Inductance Code
2.8
1.7
1.7
A
B
C
D
E
F
G
Max.
Max.
Max.
Typ.
Typ.
Typ.
5.2
5.2
2.2
1.6
3.6
0.8
0.7±0.15
0.205
0.205
0.087
0.063
0.142
0.031
0.027±0.006
Size
mm
inches
Unit: mm
CT875FUF-102M
1.0
100
20
0.095
0.095
CT875FUF-122M
1.2
100
22
0.088
0.088
CT875FUF-152M
1.5
100
27
0.083
0.083
CT875FUF-182M
1.8
100
33
0.074
0.074
CT875FUF-222M
2.2
100
39
0.064
0.064
CT875FUF-272M
2.7
100
45
0.061
0.061
CT875FUF-332M
3.3
100
62
0.050
0.050
CT875FUF-392M
3.9
100
71
0.050
0.050
CT875FUF-472M
4.7
100
96
0.042
0.042
CT875FUF-562M
5.6
100
110
0.040
0.040
CT875FUF-682M
6.8
100
130
0.037
0.037


Similar Part No. - CT875FUF

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
CT800A HAMMOND-CT800A Datasheet
284Kb / 1P
   Current Transformers - Indoor Toroidal CT Series
logo
List of Unclassifed Man...
CT8020 ETC1-CT8020 Datasheet
84Kb / 4P
   ELECTRICAL CHARACTERSTICS
CT8022 ETC1-CT8022 Datasheet
1Mb / 194P
   VOIP/VON G.723.1, G279AB TRUESPEECH CO-PROCESSOR
CT8022A11AQC ETC1-CT8022A11AQC Datasheet
1Mb / 194P
   VOIP/VON G.723.1, G279AB TRUESPEECH CO-PROCESSOR
CT8022A11AQC-FWB ETC1-CT8022A11AQC-FWB Datasheet
1Mb / 194P
   VOIP/VON G.723.1, G279AB TRUESPEECH CO-PROCESSOR
More results

Similar Description - CT875FUF

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTDO3316HC CT-CTDO3316HC Datasheet
421Kb / 1P
   Power Inductors - Unshielded
CTGS75 CT-CTGS75 Datasheet
187Kb / 1P
   Power Inductors - Unshielded
CTCR54F CT-CTCR54F Datasheet
188Kb / 1P
   Power Inductors - Unshielded
CTDO3306 CT-CTDO3306 Datasheet
140Kb / 1P
   Power Inductors - Unshielded
CTLQ1210L CT-CTLQ1210L Datasheet
179Kb / 1P
   Power Inductors - Unshielded
CT814AYF CT-CT814AYF Datasheet
304Kb / 1P
   Power Inductors - Unshielded
CTDO3306F CT-CTDO3306F Datasheet
196Kb / 1P
   Power Inductors - Unshielded
CTDO3308F CT-CTDO3308F Datasheet
381Kb / 1P
   Power Inductors - Unshielded
CTDO3316 CT-CTDO3316 Datasheet
183Kb / 1P
   Power Inductors - Unshielded
CTDO5022HC CT-CTDO5022HC Datasheet
232Kb / 1P
   Power Inductors - Unshielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com