Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AHC_AHCT14 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74AHC_AHCT14
Description  Hex inverting Schmitt trigger
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC_AHCT14 Datasheet(HTML) 1 Page - NXP Semiconductors

  74AHC_AHCT14_15 Datasheet HTML 1Page - NXP Semiconductors 74AHC_AHCT14_15 Datasheet HTML 2Page - NXP Semiconductors 74AHC_AHCT14_15 Datasheet HTML 3Page - NXP Semiconductors 74AHC_AHCT14_15 Datasheet HTML 4Page - NXP Semiconductors 74AHC_AHCT14_15 Datasheet HTML 5Page - NXP Semiconductors 74AHC_AHCT14_15 Datasheet HTML 6Page - NXP Semiconductors 74AHC_AHCT14_15 Datasheet HTML 7Page - NXP Semiconductors 74AHC_AHCT14_15 Datasheet HTML 8Page - NXP Semiconductors 74AHC_AHCT14_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1.
General description
The 74AHC14; 74AHCT14 is a high-speed Si-gate CMOS device and is pin compatible
with Low-power Schottky TTL (LSTTL). It is specified in compliance with JEDEC standard
No. 7A.
The 74AHC14; 74AHCT14 provides six inverting buffers with Schmitt-trigger action. They
are capable of transforming slowly changing input signals into sharply defined, jitter-free
output signals.
2.
Features
I Balanced propagation delays
I All inputs have Schmitt-trigger actions
I Inputs accept voltages higher than VCC
I Input levels:
N For 74AHC14: CMOS level
N For 74AHCT14: TTL level
I ESD protection:
N HBM EIA/JESD22-A114E exceeds 2000 V
N MM EIA/JESD22-A115-A exceeds 200 V
N CDM EIA/JESD22-C101C exceeds 1000 V
I Multiple package options
I Specified from −40 °C to +85 °C and from −40 °C to +125 °C
74AHC14; 74AHCT14
Hex inverting Schmitt trigger
Rev. 05 — 4 May 2009
Product data sheet


Similar Part No. - 74AHC_AHCT14_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC_AHCT123A PHILIPS-74AHC_AHCT123A_15 Datasheet
315Kb / 22P
   Dual retriggerable monostable multivibrator with reset
Rev. 4-8 November 2011
74AHC_AHCT125 PHILIPS-74AHC_AHCT125_15 Datasheet
100Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 04-11 January 2008
74AHC_AHCT132 PHILIPS-74AHC_AHCT132_15 Datasheet
126Kb / 17P
   Quad 2-input NAND Schmitt trigger
Rev. 06-4 May 2009
74AHC_AHCT139 PHILIPS-74AHC_AHCT139_15 Datasheet
91Kb / 14P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 02-9 May 2008
74AHC_AHCT157 PHILIPS-74AHC_AHCT157_15 Datasheet
102Kb / 16P
   Quad 2-input multiplexer
Rev. 02-9 November 2007
More results

Similar Description - 74AHC_AHCT14_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVC14 PHILIPS-74ALVC14 Datasheet
92Kb / 16P
   Hex inverting Schmitt trigger
Rev. 03-15 February 2005
logo
Fairchild Semiconductor
MM74HC14 FAIRCHILD-MM74HC14 Datasheet
91Kb / 8P
   Hex Inverting Schmitt Trigger
MM74HCT14 FAIRCHILD-MM74HCT14 Datasheet
87Kb / 6P
   Hex Inverting Schmitt Trigger
logo
NXP Semiconductors
74AHC14 PHILIPS-74AHC14 Datasheet
103Kb / 16P
   Hex inverting Schmitt trigger
1999 Sep 27
74AHC14D-T NXP-74AHC14D-T Datasheet
123Kb / 16P
   Hex inverting Schmitt trigger
Rev. 05-4 May 2009
logo
Nexperia B.V. All right...
74HC14-Q100 NEXPERIA-74HC14-Q100 Datasheet
271Kb / 17P
   Hex inverting Schmitt trigger
Rev. 7 - 13 August 2021
74LV14 NEXPERIA-74LV14 Datasheet
259Kb / 15P
   Hex inverting Schmitt trigger
Rev. 9 - 14 September 2021
74LV14A NEXPERIA-74LV14A Datasheet
239Kb / 13P
   Hex inverting Schmitt trigger
Rev. 4 - 29 April 2021
logo
NXP Semiconductors
74HCT14 PHILIPS-74HCT14 Datasheet
120Kb / 23P
   Hex inverting Schmitt trigger
2003 Oct 30
logo
Fairchild Semiconductor
MM74HCT14 FAIRCHILD-MM74HCT14_05 Datasheet
94Kb / 7P
   Hex Inverting Schmitt Trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com