Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AHC_AHCT3G14 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74AHC_AHCT3G14
Description  Triple inverting Schmitt trigger
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC_AHCT3G14 Datasheet(HTML) 3 Page - NXP Semiconductors

  74AHC_AHCT3G14_15 Datasheet HTML 1Page - NXP Semiconductors 74AHC_AHCT3G14_15 Datasheet HTML 2Page - NXP Semiconductors 74AHC_AHCT3G14_15 Datasheet HTML 3Page - NXP Semiconductors 74AHC_AHCT3G14_15 Datasheet HTML 4Page - NXP Semiconductors 74AHC_AHCT3G14_15 Datasheet HTML 5Page - NXP Semiconductors 74AHC_AHCT3G14_15 Datasheet HTML 6Page - NXP Semiconductors 74AHC_AHCT3G14_15 Datasheet HTML 7Page - NXP Semiconductors 74AHC_AHCT3G14_15 Datasheet HTML 8Page - NXP Semiconductors 74AHC_AHCT3G14_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
74AHC_AHCT3G14
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 8 — 13 May 2013
3 of 19
NXP Semiconductors
74AHC3G14; 74AHCT3G14
Triple inverting Schmitt trigger
7.
Pinning information
7.1 Pinning
7.2 Pin description
Fig 4.
Pin configuration SOT505-2 and SOT765-1
Fig 5.
Pin configuration SOT833-1
74AHC3G14
74AHCT3G14
1A
VCC
3Y
1Y
2A
3A
GND
2Y
001aai259
1
2
3
4
6
5
8
7
74AHC3G14
74AHCT3G14
3A
1Y
VCC
2Y
2A
3Y
1A
GND
001aam630
36
27
18
45
Transparent top view
Fig 6.
Pin configuration SOT996-2
001aai260
74AHC3G14
74AHCT3G14
Transparent top view
8
7
6
5
1
2
3
4
1A
3Y
2A
GND
VCC
1Y
3A
2Y
Table 3.
Pin description
Symbol
Pin
Description
1A, 2A, 3A
1, 3, 6
data input
GND
4
ground (0 V)
1Y, 2Y, 3Y
7, 5, 2
data output
VCC
8
supply voltage


Similar Part No. - 74AHC_AHCT3G14_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC_AHCT3G04 PHILIPS-74AHC_AHCT3G04_15 Datasheet
182Kb / 14P
   Inverter
Rev. 3-26 March 2013
More results

Similar Description - 74AHC_AHCT3G14_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HCT3G14-Q100 NEXPERIA-74HCT3G14-Q100 Datasheet
248Kb / 15P
   Triple inverting Schmitt trigger
Rev. 3 - 1 February 2019
logo
NXP Semiconductors
74HC_HCT3G14 PHILIPS-74HC_HCT3G14_15 Datasheet
220Kb / 21P
   Triple inverting Schmitt trigger
Rev. 5-9 December 2013
logo
Nexperia B.V. All right...
XC7WT14 NEXPERIA-XC7WT14 Datasheet
223Kb / 11P
   Triple inverting Schmitt trigger
Rev. 5 - 17 May 2021
XC7WH14 NEXPERIA-XC7WH14 Datasheet
246Kb / 14P
   Triple inverting Schmitt trigger
Rev. 6 - 22 February 2019
logo
NXP Semiconductors
XC7WH14 PHILIPS-XC7WH14_15 Datasheet
209Kb / 18P
   Triple inverting Schmitt trigger
Rev. 5-7 February 2013
logo
Nexperia B.V. All right...
74AHCT3G14 NEXPERIA-74AHCT3G14 Datasheet
267Kb / 15P
   Triple inverting Schmitt trigger
Rev. 9 - 4 December 2018
logo
NXP Semiconductors
XC7WT14 PHILIPS-XC7WT14_15 Datasheet
203Kb / 18P
   Triple inverting Schmitt trigger
Rev. 3-23 January 2013
logo
Nexperia B.V. All right...
74HCT3G14 NEXPERIA-74HCT3G14 Datasheet
248Kb / 15P
   Triple inverting Schmitt trigger
Rev. 6 - 1 February 2019
logo
NXP Semiconductors
74HC3G14 NXP-74HC3G14 Datasheet
109Kb / 18P
   Triple inverting Schmitt trigger
Rev. 03-8 May 2009
logo
Nexperia B.V. All right...
74HC3G14-Q100 NEXPERIA-74HC3G14-Q100 Datasheet
249Kb / 15P
   Triple inverting Schmitt trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com