Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AHC_AHCT2G241 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74AHC_AHCT2G241
Description  Dual buffer/line driver; 3-state
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC_AHCT2G241 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74AHC_AHCT2G241_15 Datasheet HTML 4Page - NXP Semiconductors 74AHC_AHCT2G241_15 Datasheet HTML 5Page - NXP Semiconductors 74AHC_AHCT2G241_15 Datasheet HTML 6Page - NXP Semiconductors 74AHC_AHCT2G241_15 Datasheet HTML 7Page - NXP Semiconductors 74AHC_AHCT2G241_15 Datasheet HTML 8Page - NXP Semiconductors 74AHC_AHCT2G241_15 Datasheet HTML 9Page - NXP Semiconductors 74AHC_AHCT2G241_15 Datasheet HTML 10Page - NXP Semiconductors 74AHC_AHCT2G241_15 Datasheet HTML 11Page - NXP Semiconductors 74AHC_AHCT2G241_15 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
74AHC_AHCT2G241
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 3 — 13 May 2013
8 of 17
NXP Semiconductors
74AHC2G241; 74AHCT2G241
Dual buffer/line driver; 3-state
12. Waveforms
Measurement points are given in Table 9.
Logic levels: VOL and VOH are typical output voltage levels that occur with the output load.
Fig 5.
The input (nA) to output (nY) propagation delays
mna230
tPHL
tPLH
VM
VM
nA input
nY output
GND
VI
VOH
VOL
Measurement points are given in Table 9.
Logic levels: VOL and VOH are typical output voltage levels that occur with the output load.
Fig 6.
The input (1OE) to output 1Y enable and disable times
001aaa411
tPLZ
tPHZ
outputs
disabled
outputs
enabled
outputs
enabled
output
LOW-to-OFF
OFF-to-LOW
output
HIGH-to-OFF
OFF-to-HIGH
1OE input
VI
VOL
VOH
VCC
VM
GND
GND
tPZL
tPZH
VM
VM
VOH − 0.3 V
VOL + 0.3 V


Similar Part No. - 74AHC_AHCT2G241_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC_AHCT2G125 PHILIPS-74AHC_AHCT2G125_15 Datasheet
192Kb / 16P
   Dual buffer/line driver; 3-state
Rev. 3-6 May 2013
74AHC_AHCT2G126 PHILIPS-74AHC_AHCT2G126_15 Datasheet
192Kb / 16P
   Dual buffer/line driver; 3-state
Rev. 7-6 May 2013
More results

Similar Description - 74AHC_AHCT2G241_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC2G126 PHILIPS-74AHC2G126 Datasheet
103Kb / 20P
   Dual buffer/line driver; 3-state
Rev. 02-21 September 2004
74LVC2G241 NXP-74LVC2G241 Datasheet
98Kb / 17P
   Dual buffer/line driver; 3-state
Rev. 07-5 October 2007
74AHC2G241 NXP-74AHC2G241 Datasheet
105Kb / 16P
   Dual buffer/line driver; 3-state
Rev. 02-13 January 2009
74AHC2G126 NXP-74AHC2G126 Datasheet
100Kb / 15P
   Dual buffer/line driver; 3-state
Rev. 04-27 April 2009
logo
Nexperia B.V. All right...
74HCT2G125-Q100 NEXPERIA-74HCT2G125-Q100 Datasheet
225Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 2 - 1 November 2018
74HCT2G125 NEXPERIA-74HCT2G125 Datasheet
226Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 6 - 1 November 2018
logo
Unisonic Technologies
U74AHC2G125 UTC-U74AHC2G125 Datasheet
219Kb / 6P
   DUAL BUFFER/LINE DRIVER; 3-STATE
logo
Nexperia B.V. All right...
74AHCT2G126 NEXPERIA-74AHCT2G126 Datasheet
230Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 8 - 19 November 2018
logo
NXP Semiconductors
74HC2G125 PHILIPS-74HC2G125 Datasheet
90Kb / 20P
   Dual buffer/line driver; 3-state
2003 Mar 03
XC7WH126 PHILIPS-XC7WH126_15 Datasheet
180Kb / 14P
   Dual buffer/line driver; 3-state
Rev. 2-8 May 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com