Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PPM-1000 Datasheet(PDF) 2 Page - Level One

Part # PPM-1000
Description  PoE Power Measurement
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

PPM-1000 Datasheet(HTML) 2 Page - Level One

  PPM-1000 Datasheet HTML 1Page - Level One PPM-1000 Datasheet HTML 2Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.level1.com
I one world_one brand_one level_
PoE PD/PSE/Repeaters

All mentioned brand names are registered trademarks and property of their owners. Technical specifications are subject to change without notice.
© Copyright Digital Data Communications GmbH. All Rights Reserved.
Interface
Top Side: 4 x Push Terminals connectors to fix bare wire
Front Side: 1 x Network UTP port to measure power status
LED indicators:
Status or result is shown by the LED indicators below with
different colors
PWR / SYS: Power status / Test and system status
PASS / FAIL: Test result of each test
WATT / VOL: States of measured power consumption (watt) or
voltage. Please watch the reading of measured temperature by
reading in LED display or the device is overheated.
Temp / Over Temp: State of measured temperature by reading
in LED display or the device is overheated
LED Display Panel:
3 digits LED display: Show the measured voltage, watt or
temperature inside the device.
Operation Buttons:
Start / Stop: Start / Stop to measure maximum available power
(watt) and Voltage
Function mode: Switch around different power unit and its
state is presented by LED indicator
Voltage LED state: Current unit is Voltage; watch the voltage
reading on LED display panel
Watt LED state: Current unit is Watt, watch the watt reading on
LED display panel
Temperature LED state: Current unit is temperature, watch the
temperature reading on LED display panel
External Battery Pack:
Able to mount external battery pack to PPM-1000 for on-site
test without power supply
USB port of both PPM-1000 and battery pack are all for power
supply or charge purpose without data link to PC
Humidity:
Operating: 0%~85%RH
Storage: 0%~85%RH
Dimensions:
95 mm x 76.6mm x 19.6 mm
Technical Specifications
Product Diagram
Order Information
PPM-1000: PoE Power Measurement
Package Contents
PPM-1000 x1
Min USB Adapter x1
External Li-ON Battery x1
Universal Travel adapter x1
Console cable x1
Neck Strap x 1
User Manual x1
PPM-1000
PoE Ethernet Switch
V1.0
IP Phone
IP Camera
Public Wireless AP


Similar Part No. - PPM-1000

ManufacturerPart #DatasheetDescription
logo
CUI INC
PPM-2-3511-B CUI-PPM-2-3511-B Datasheet
179Kb / 2P
   DC POWER PLUG
PPM-2-3511-BG CUI-PPM-2-3511-BG Datasheet
189Kb / 2P
   DC POWER PLUG
PPM-2-3511-SG CUI-PPM-2-3511-SG Datasheet
197Kb / 2P
   DC POWER PLUG
PPM-2-35135-B CUI-PPM-2-35135-B Datasheet
175Kb / 2P
   DC POWER PLUG
PPM-2-35135-BG CUI-PPM-2-35135-BG Datasheet
178Kb / 2P
   DC POWER PLUG
More results

Similar Description - PPM-1000

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
DSOX6PWR KEYSIGHT-DSOX6PWR Datasheet
4Mb / 12P
   Power Measurement Options
DSOX3PWR KEYSIGHT-DSOX3PWR Datasheet
4Mb / 12P
   Power Measurement Options
logo
Texas Instruments
LM25056 TI1-LM25056_16 Datasheet
934Kb / 39P
[Old version datasheet]   System Power Measurement IC
logo
ASM GmbH
9625 ASM-SENSOR-9625 Datasheet
1Mb / 4P
   POWER MEASUREMENT SUPPORT SOFTWARE
logo
Pulse A Technitrol Comp...
H2019NL PULSE-H2019NL Datasheet
1Mb / 5P
   Power OVER Ethernet (PoE) Magnetics and (PoE) Magnetics
H2019NLT PULSE-H2019NLT Datasheet
1Mb / 5P
   Power OVER Ethernet (PoE) Magnetics and (PoE) Magnetics
logo
Texas Instruments
LM25056A TI1-LM25056A_16 Datasheet
934Kb / 39P
[Old version datasheet]   System Power Measurement IC
logo
Level One
FCS-1101 LVL1-FCS-1101 Datasheet
191Kb / 3P
   PoE(Power over Ethernet)
logo
GUANGDONG MISUN TECHNOL...
PW01319ST FPE-PW01319ST Datasheet
511Kb / 1P
   PoE SERIES POWER TRANSFORMER
REV A
logo
Bourns Electronic Solut...
CDNBS08-PLC03-3.3 BOURNS-CDNBS08-PLC03-3.3_10 Datasheet
826Kb / 1P
   Power Over Ethernet (PoE)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com