Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

POR-1200 Datasheet(PDF) 2 Page - Level One

Part # POR-1200
Description  IEEE 802.3 10Base-T, Ethernet
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

POR-1200 Datasheet(HTML) 2 Page - Level One

  POR-1200 Datasheet HTML 1Page - Level One POR-1200 Datasheet HTML 2Page - Level One POR-1200 Datasheet HTML 3Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
- 이더넷 전원장치(802.3af/at PoE)를 원격 장치로 전달
- 100 미터 추가를 위한 PoE 연결 확장
- Multiple PoE repeaters can be deployed by daisy chain to extend range
- 용이한 플러그앤플레이 방식의 설치추가 전원 공급장치가 필요하지 않음
제품사양
System Specifications
Standards & Protocols:
IEEE 802.3 10Base-T, Ethernet
IEEE 802.3u 100Base-TX, Fast Ethernet
IEEE 802.3x Ethernet Flow Control
IEEE 802.3af Power over Ethernet (PoE)
IEEE 802.3at Power over Ethernet Plus (PoE+)
Connectors and Cabling:
1 x 10/100Base-TX RJ-45 PoE Input Port
1 x 10/100Base-TX RJ-45 PoE Output Port
1 x 10/100Base-TX RJ-45 LAN Output Port
Power:
PoE Power Input: 44-57 Volt
Power Consumption: 2.5W (Max.)
Features
PoE:
IEEE 802.3af/at compliant
Environment
Temperature (°C):
Operating: 0°C ~ 50°C
Storage: 0°C ~ 70°C
Humidity (Non-condensing):
Storage: 5% to 95%
Operating: 5 ~ 95%
Physical Specifications
Dimensions (W x D x H mm):
195 x 160 x 95mm
Weight (g):
700 g
Enclosure:
Weatherproof IP65-rated housing
Others
Approval and Compliance:
FCC Part 15, CE
Deployment:
Wall/Pole mount
www.level1.com
Page 2 of 3


Similar Part No. - POR-1200

ManufacturerPart #DatasheetDescription
logo
Level One
POR-1202 LVL1-POR-1202 Datasheet
521Kb / 3P
   IEEE 802.3 10Base-T, Ethernet
More results

Similar Description - POR-1200

ManufacturerPart #DatasheetDescription
logo
Level One
POR-1202 LVL1-POR-1202 Datasheet
521Kb / 3P
   IEEE 802.3 10Base-T, Ethernet
POR-0200 LVL1-POR-0200 Datasheet
623Kb / 3P
   IEEE 802.3 10Base-T, Ethernet
POR-0202 LVL1-POR-0202 Datasheet
708Kb / 3P
   IEEE 802.3 10Base-T, Ethernet
logo
Motorola, Inc
MC34055 MOTOROLA-MC34055 Datasheet
184Kb / 16P
   IEEE 802.3 10BASE-T TRANSCEIVER
logo
Keysight Technologies
N1081A KEYSIGHT-N1081A Datasheet
3Mb / 13P
   IEEE 802.3 Ethernet Compliance
logo
Advanced Micro Devices
AM7996 AMD-AM7996 Datasheet
179Kb / 18P
   IEEE 802.3/Ethernet/Cheapernet Transceiver
logo
Rhombus Industries Inc.
D6B11-101G RHOMBUS-IND-D6B11-101G Datasheet
37Kb / 1P
   10BASE-T/ETHERNET 10BASE-T/ETHERNET TRANSFORMER
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-4402 AVAGO-HFBR-4402 Datasheet
234Kb / 24P
   Meets IEEE 802.3 Ethernet and 802.5 Token Ring Standards
logo
Rhombus Industries Inc.
T-10800 RHOMBUS-IND-T-10800 Datasheet
35Kb / 1P
   10BASE-T/ETHERNET ISOLATION TRANSFORMER
T-10802 RHOMBUS-IND-T-10802 Datasheet
35Kb / 1P
   10BASE-T/ETHERNET ISOLATION TRANSFORMER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com