Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

POR-1102 Datasheet(PDF) 1 Page - Level One

Part No. POR-1102
Description  2-Port Outdoor PoE Repeater
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LVL1 [Level One]
Homepage  http://www.level1.com/
Logo LVL1 - Level One

POR-1102 Datasheet(HTML) 1 Page - Level One

  POR-1102 Datasheet HTML 1Page - Level One POR-1102 Datasheet HTML 2Page - Level One POR-1102 Datasheet HTML 3Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2
2-Port
Outdoor PoE Repeater
POR-1102
H/W Version: 1
Extend the reach of your PoE devices
POR-1102 is the perfect accessory to increase your
Power over Ethernet network performance. As a
2-port repeater, it’s now easier to add more devices to
the network for greater deployment flexibility.
Simple yet durable, no software required
As a PoE Repeater, POR-1102 receives all power from
the Power Sending Equipment (PSE), for example,
a PoE switch. This means that POR-1102 uses no
external power supply, making it the most flexible
option for system integrators looking for an easy,
affordable solution to increase the distance to the
attached devices.
Applications
POR-1100 is the perfect solution for taking Ethernet
to areas such as roof tops, factory floors, airports, and
large warehouses.
IP65-compliant
POR-1102 is IP65-compliant meaning it is
weatherproof from snow, rain, typhoons, desert
heat, etc. This PoE Repeater is up to the challenge for
deployment in any harsh weather condition!
POI-1102 can also work together with LevelOne’s
high-power PoE injector, POI-4000. This can extend
Ethernet connectivity an additional 100 meters for
high power PD devices, such as 18 W IP Cameras or
other devices that require power greater than 15.4 W.
Key Features
- Extends Cat.5 cable installations to beyond 100
meters
- 2-Port Ethernet Power Sourcing Equipment
(PSE)
- Forwards Power over Ethernet (PoE) to remote
device
- No Power required
- Fully transparent-no restrictions to network traffic
- Supports all network devices
- IP65 weatherproof design
POI-4000
High-power PoE Injector
Works Well With
1. RJ45 In
2. RJ45 Out
POR-0102
2-port PoE Repeater
1
2
2


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn