Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

POR-1102 Datasheet(PDF) 2 Page - Level One

Part No. POR-1102
Description  2-Port Outdoor PoE Repeater
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LVL1 [Level One]
Homepage  http://www.level1.com/
Logo LVL1 - Level One

POR-1102 Datasheet(HTML) 2 Page - Level One

  POR-1102 Datasheet HTML 1Page - Level One POR-1102 Datasheet HTML 2Page - Level One POR-1102 Datasheet HTML 3Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3
PoE PD/PSE
www.level1.com
I one world_one brand_one level_
Ethernet Interface:
IEEE 802.3x, Auto-Detection for 10/100BASE-T and full/half
duplex
Automatic MDIX function
PoE Input Port:
RJ-45 Connector x 1
PoE Output Port: RJ-45 Connector x 2
Port-based VLAN function for LAN ports
Power:
IEEE 802.3af-Compliant with voltage within 44~57 Volt
Maximum Power Dissipation: 2.5 Watts
Technical Specification
Regulations & Approvals:
FCC Rules Part 15
CE
Physical Dimension: (L x W x H)
180mm x 165mm x 95mm
Operating Environment:
Humidity: 5% to 95% non-condensing
Temperature: 0~50 °C
Product Diagram
PD 1 + PD 2 ≤ 16.5w
Ethernet Cable (RJ-45)
PoE
Non-PoE Switch
POI-4000
POR-1100
100m
100m
100m
FCS-5011
POR-1102
100m
100m
100m
PD 1
PD 2
POR-1100
POR-1100
FCS-5011
Note: These distances are typical results when used with 18~19Ω 24 AWG Cat.5 Cable
Installation Notes
UP
UP
UP


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn