Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

POR-0200 Datasheet(PDF) 1 Page - Level One

Part No. POR-0200
Description  IEEE 802.3 10Base-T, Ethernet
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LVL1 [Level One]
Homepage  http://www.level1.com/
Logo LVL1 - Level One

POR-0200 Datasheet(HTML) 1 Page - Level One

  POR-0200 Datasheet HTML 1Page - Level One POR-0200 Datasheet HTML 2Page - Level One POR-0200 Datasheet HTML 3Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
POR-0200 하드웨어 버전: 1
PoE 리피터, Cascade, 802.3at PoE Plus
Extend the reach of your PoE-Plus devices
For system integrators looking for a professional solution to help extend their PoE (802.3af/at) network, POR-0200 is
the perfect accessory to increase your network performance.
Normal cable runs only reach 100 meters, but with POR-0200 installers can extend the PoE network performance up to
200 meters. Furthermore, you can triple your range or even more by daisy-chaining* multiple PoE repeaters.
* Maximum distance depends on the required Wattage of the PD.
Simple yet durable, no software required
As a PoE-Plus Repeater, POR-0200 receives all power from the Power Sending Equipment (PSE), such as a PoE-Plus
switch. This means that POR-0200 uses no external power supply, making it the most flexible option for system
integrators looking for an easy, affordable solution to increase the distance to the attached devices on a network.
POR-0200 has 3 RJ-45 ports for easy deployment, 1 “IN” port that accepts the power and data for the first 100 meters,
and 2 “OUT” ports for 1 PoE (power + data) and 1 non-PoE (data only) installation, that boosts and extends the device
an additional 100 meters. With a durable metal housing, POR-0200 fits into any tight deployments.
Applications
POR-0020 is a long-ranged solution for deploying PoE IP Camera and any Fast Ethernet PoE PD powered by 802.3at
PSE.
Key Features
- High Power Midspan PoE compliant to simplify deployment and installation
- 1대의 PoE 및 1대의 비 PoE 장치용으로 내장된 2개의 출력 포트
- 이더넷 전원장치(802.3af/at PoE)를 원격 장치로 전달
- 100 미터 추가를 위한 PoE 연결 확장
- Multiple PoE repeaters can be deployed by daisy chain to extend range
www.level1.com
Page 1 of 3


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn