Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

POR-0200 Datasheet(PDF) 2 Page - Level One

Part No. POR-0200
Description  IEEE 802.3 10Base-T, Ethernet
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LVL1 [Level One]
Homepage  http://www.level1.com/
Logo LVL1 - Level One

POR-0200 Datasheet(HTML) 2 Page - Level One

  POR-0200 Datasheet HTML 1Page - Level One POR-0200 Datasheet HTML 2Page - Level One POR-0200 Datasheet HTML 3Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
- 용이한 플러그앤플레이 방식의 설치추가 전원 공급장치가 필요하지 않음
정상 작동
FCS-3081
Fixed Dome Network Camera, 2-메가픽셀, 802.3af PoE, 주간/야간용, IR LEDs
FEP-0811
8-Port Fast Ethernet PoE Switch, 802.3at PoE Plus, 123.2W
제품사양
System Specifications
Standards & Protocols:
IEEE 802.3 10Base-T, Ethernet
IEEE 802.3u 100Base-TX, Fast Ethernet
IEEE 802.3x Ethernet Flow Control
IEEE 802.3af Power over Ethernet (PoE)
IEEE 802.3at Power over Ethernet Plus (PoE+)
Connectors and Cabling:
1 x 10/100Base-TX RJ-45 PoE Input Port
1 x 10/100Base-TX RJ-45 PoE Output Port
1 x 10/100Base-TX RJ-45 LAN Output Port
Indicator:
Power, PoE In, PoE Out
Power:
PoE Power Input: 44-57 Volt
Power Consumption: 2.5W (Max.)
Features
PoE:
IEEE 802.3af/at compliant
Environment
Temperature (°C):
Operating: 0°C ~ 50°C
Storage: 0°C ~ 70°C
Humidity (Non-condensing):
Storage: 5% to 95%
Operating: 5 ~ 95%
Physical Specifications
Dimensions (W x D x H mm):
120 x 90x 28mm
Weight (g):
400 g
www.level1.com
Page 2 of 3


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn