Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

POR-0120 Datasheet(PDF) 1 Page - Level One

Part No. POR-0120
Description  Gigabit PoE Repeater
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LVL1 [Level One]
Homepage  http://www.level1.com/
Logo LVL1 - Level One

POR-0120 Datasheet(HTML) 1 Page - Level One

  POR-0120 Datasheet HTML 1Page - Level One POR-0120 Datasheet HTML 2Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2
Gigabit PoE Repeater
POR-0120
H/W Version: 1
For system integrators looking for a professional
solution to help extend their PoE network, POR-
0120 is the perfect accessory to increase your Power
over Ethernet network performance. LevelOne POR-
0120, a 1-Port Gigabit PoE Repeater requiring neither
configuration nor electrical power, is an innovative
transmitter to pass on both data and power extend
to another100 meters. The delivery though one PoE
port and one non-PoE port are adequate to extend
network devices such as WLAN Access Points, Network
Cameras and other appliances with high-speed to the
network for greater deployment flexibility
PoE Compliance
Our device features PoE (Power-over-Ethernet)
capability, which carries electrical power along
with data in a safe way using Ethernet cabling. Thus
providing great cost savings by eliminating the need
for additional power cables and outlets. In addition,
it enhances flexibility, for instance, you can set up a
PoE wireless access point in close proximity where the
reception is better.
Easy Deployment
No software installation is required. Simply just plug
and play as no external power supply is needed, due
to all electrical power comes from the PSE (Power
Sending Equipment), for instance, it could be a PoE
Gigabit Ethernet Switch. Therefore the power source
is centrally managed from one location easily and
efficiently.
Scalable Design
LevelOne network devices are the perfect solution to
help you extend your existing PoE network. Normal
Ethernet cable, for example the cat5e standard, runs
up to 100 meters, but with the installation of a single
PoE repeater can increase the distance up to 200
meters. Furthermore, you can triple your range or
even more by daisy-chaining multiple PoE repeaters.
Key Features
- Extends Gigabit PoE connection for another 100
meters
- Forwards Power over Ethernet (PoE) to remote
device
- Built-in 2 output ports for 1 PoE and 1 non-PoE
devices
- No additional power supply required
- 10/100/1000Mbps wire speed transmission and
reception
- Simple Plug and Play installation
GEP-0822
8-Port Gigabit PoE Plus Switch
Works Well With
1. LED Indicators
2. RJ-45 Gigabit PoE In
3. RJ-45 Gigabit Data Out
4. RJ-45 Gigabit PoE Out
POI-3000
Gigabit PoE Plus Injector
1
2
3
4


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn