Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

POR-0120 Datasheet(PDF) 2 Page - Level One

Part No. POR-0120
Description  Gigabit PoE Repeater
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LVL1 [Level One]
Homepage  http://www.level1.com/
Logo LVL1 - Level One

POR-0120 Datasheet(HTML) 2 Page - Level One

  POR-0120 Datasheet HTML 1Page - Level One POR-0120 Datasheet HTML 2Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3
PoE PD/PSE
www.level1.com
I one world_one brand_one level_
Technical Specification
Product Diagram
Order Information
POR-0120: Gigabit PoE Repeater
Package Contents
POR-0120
Quick Installation Guide
V1.1
POR-0120
PoE Gigabit Ethernet Switch
802.3at (30W)
100m
100m
Ethernet Interface
IEEE 802.3x, Auto-Detection for 10/100/1000BaseT and full/half
duplex
Automatic MDI/MDIX function
PoE Input Port: RJ-45 Connector x 1
PoE Output Port: RJ-45 Connector x 1
Power Supply
Power over Ethernet
Maximum Power Dissipation: 2.5 Watts
Led Indicators
POWER: Power is ON
POE IN: Gigabit Port with PoE IN
POE OUT1: Gigabit Port
POE OUT2: Gigabit Port with PoE OUT
Power Consumption
2.5 Watts (Max)
Dimensions
120 × 90 × 28 mm (L x D x H)
Weight
0.35 kg
Operating Temperature
0 to 50°C
Storage Temperature
-20 to 90°C
Humidity
5 to 95% RH (non-condensing)
Certifications
FCC Rules Part 15, CE
Ethernet Cable (RJ-45)
PoE
All mentioned brand names are registered trademarks and property of their owners. Technical specifications are subject to change without notice.
© Copyright Digital Data Communications GmbH. All Rights Reserved.
PoE Device
(17.5W max)
Non-PoE Device
100m
10/100/1000M LAN
10/100/1000M LAN
10/100/1000M LAN


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn