Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1816 Datasheet(PDF) 24 Page - Maxim Integrated Products

Part # MAX1816
Description  Dual Step-Down Controllers Plus Linear- Regulator Controller for Notebook Computers
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1816 Datasheet(HTML) 24 Page - Maxim Integrated Products

Back Button MAX1816 Datasheet HTML 20Page - Maxim Integrated Products MAX1816 Datasheet HTML 21Page - Maxim Integrated Products MAX1816 Datasheet HTML 22Page - Maxim Integrated Products MAX1816 Datasheet HTML 23Page - Maxim Integrated Products MAX1816 Datasheet HTML 24Page - Maxim Integrated Products MAX1816 Datasheet HTML 25Page - Maxim Integrated Products MAX1816 Datasheet HTML 26Page - Maxim Integrated Products MAX1816 Datasheet HTML 27Page - Maxim Integrated Products MAX1816 Datasheet HTML 28Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 49 page
background image
Dual Step-Down Controllers Plus Linear-
Regulator Controller for Notebook Computers
24
______________________________________________________________________________________
Table 1. Component Selection for Standard Applications
COMPONENT
BUCK1 (CIRCUITS OF
FIGURES 1 AND 2)
BUCK2 (CIRCUITS OF
FIGURES 1 AND 2)
SLAVE (CIRCUIT OF FIGURE 2)
Input Voltage Range
7V to 24V
7V to 24V
7V to 24V
Output Voltage
0.6V to 1.75V (MAX1816),
0.7V to 2.0V (MAX1994)
2.5V
0.6V to 1.75V (MAX1816),
0.7V to 2.0V (MAX1994)
Output Current
20A
7A
20A
Frequency
300kHz
300kHz
300kHz
High-Side MOSFET
(2) N-channel
International Rectifier IRF7811W
N-channel
International Rectifier IRF7811W
(2) N-channel
International Rectifier IRF7811W
Low-Side MOSFET
(2) N-channel
International Rectifier IRF7822
Fairchild FDS7764A
N-channel
International Rectifier IRF7822
Fairchild FDS7764A
(2) N-channel
International Rectifier IRF7822
Fairchild FDS7764A
Input Capacitor
(3) 10µF, 25V X5R ceramic
Taiyo Yuden TMK432BJ106KM
TDK C4532X5R1E106M
10µF, 25V X5R ceramic
Taiyo Yuden TMK432BJ106KM
TDK C4532X5R1E106M
(3) 10µF, 25V X5R ceramic
Taiyo Yuden TMK432BJ106KM
TDK C4532X5R1E106M
Output Capacitor
(3) 330µF, 2.5V, 10m
Ω SP
Panasonic EEFUE0E331XR
(1) 330µF, 2.5V, 10m
Ω SP
Panasonic EEFUE0E331XR
(3) 330µF, 2.5V, 10m
Ω SP
Panasonic EEFUE0E331XR
Inductor
0.6µH
Panasonic ETQP6F0R6BFA
Toko EH125C-R60N
Sumida CDEP134H-0R6
1.2µH
Toko EH125C-1R2N
Sumida CDEP134H-1R2
Panasonic ETQP6F1R2BFA
0.6µH
Panasonic ETQP6F0R6BFA
Toko EH125C-R60N
Sumida CDEP134H-0R6
Current-Sense Resistor
1m
Ω ±1%, 1W
Panasonic ERJM1WTJ1M0U
5m
Ω ±1%, 1W
Panasonic ERJM1WSF5M0U
1m
Ω ±1%, 1W
Panasonic ERJM1WTJ1M0U
Table 2. Component Suppliers
SUPPLIER
PHONE
WEBSITE
CAPACITORS
Panasonic
847-468-5624
www.panasonic.com
Sanyo
619-661-6835
www.sanyovideo.com
Taiyo Yuden
408-573-4150
www.t-yuden.com
TDK
847-803-6100
www. tdk.com
INDUCTORS
Panasonic
847-468-5624
www.panasonic.com
Sumida
408-982-9660
www.sumida.com
MOSFETs
Fairchild Semiconductor
888-522-5372
www.fairchildsemi.com
International Rectifier
310-322-3331
www.irf.com
Siliconix
203-268-6261
www.vishay.com


Similar Part No. - MAX1816

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX18166EWE++ MAXIM-MAX18166EWE+ Datasheet
1Mb / 22P
   High-Efficiency, 4A, Step-Down DC-DC Regulators with Internal Power Switches
19-100202; Rev 0; 11/17
More results

Similar Description - MAX1816

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1715 MAXIM-MAX1715 Datasheet
308Kb / 28P
   Ultra-High Efficiency, Dual Step-Down Controller for Notebook Computers
19-1541; Rev 0; 1/00
MAX1714 MAXIM-MAX1714 Datasheet
443Kb / 24P
   High-Speed Step-Down Controller for Notebook Computers
19-1536; Rev 1; 12/99
logo
Linear Technology
LT3500 LINER-LT3500_15 Datasheet
328Kb / 28P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT3500 LINER-LT3500 Datasheet
286Kb / 28P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT1939 LINER-LT1939 Datasheet
347Kb / 24P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT1939EDD LINER-LT1939EDD Datasheet
354Kb / 24P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT1939 LINER-LT1939_15 Datasheet
354Kb / 24P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
logo
Maxim Integrated Produc...
MAX8764 MAXIM-MAX8764 Datasheet
597Kb / 23P
   High-Speed, Step-Down Controller with Accurate Current Limit for Notebook Computers
Rev 0; 3/05
MAX1844 MAXIM-MAX1844 Datasheet
864Kb / 24P
   High-Speed Step-Down Controller with Accurate Current Limit for Notebook Computers
Rev 3; 9/02
logo
Anpec Electronics Corop...
APW7060 ANPEC-APW7060 Datasheet
179Kb / 16P
   Dual Controllers - Step Down Synchronous PWM and Linear Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com