Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ITM-5117R-MA1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ITM-5117R-MA1E
Description  17" SXGA Industrial LED Monitor with Full-Flat Resistive Touchscreen
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ITM-5117R-MA1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ITM-5117R-MA1E Datasheet HTML 1Page - Advantech Co., Ltd. ITM-5117R-MA1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.advantech.com/products
Online Download
Features
ITM-5117
17" SXGA Industrial LED Monitor with
Full-Flat Resistive Touchscreen
ƒ 17" SXGA LED backlight panel provides 20 ~ 30% power savings
ƒ -20°~ +60°C wide range operating temperature
ƒ Easy-clean 5-wire resistive plane touch
ƒ Combo RS-232 & USB interface for touchscreen function
ƒ VGA & DVI interface
ƒ Simple, elegant design with IP54 front panel protection
ƒ Peripheral connectors in frame rail design
ƒ Supports panel, wall, desktop, and swing-arm VESA mounting
Introduction
ITM-5117 is a 17" LED TFT-LCD touchscreen monitor specifically designed for industrial applications. It's a stable, rugged display with VGA & DVI interface. The simple, yet elegant
flat plane design provides for easy cleaning, and the Box PC-plus-monitor option offers added flexibility.
Specifications
Display
Size
17" LED backlight panel
Resolution
1280 x 1024 (SXGA)
Viewing Angle
85°/85°/85°/85°
Brightness
350 (cd/m2)
Color Support
16.7M / 262K colors
Contrast Ratio
1000
Response Time
30 [msec]
Lamp Life (hrs)
50,000 hrs
Touchscreen
Touchscreen Type
5-Wire resistive touch window
Surface Hardness
3H
Durability
36 million touches
Environment
Operating Temperature
-20 ~ 60°C (-4 ~ 140°F)
Storage Temperature
-30 ~ 70°C (-22 ~ 158°F)
Humidity
5 ~ 95% @ 40°C, non-condensing
Shock
10G peak acceleration (11 ms duration)
Front Panel
IP54
System
I/O
VGA x 1; DVI-D x 1; 12 VDC Jack x 1; USB x1; RS-232 x 1
(USB & RS-232 are reserved for the connection to enable touch usage only)
OSD
Keys: Menu, Up, Down, Enter, Monitor Power on/off
Menu Functions: Brightness, Volume, Contrast, Clock Phase, Horizontal Position, Vertical Position,
Sharpness
Power
60 W power adapter, with AC 100 ~ 240 V input and DC +12 V @ 5 A output
EMC Compliance
CE/FCC/CCC/BSMI
Safety
CB/UL/CCC/BSMI
C ®
UL US
All product specifications are subject to change without notice
Last updated: 18-May-2015


Similar Part No. - ITM-5117R-MA1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ITM-5112R-MA1E ADVANTECH-ITM-5112R-MA1E Datasheet
382Kb / 2P
   12" SVGA Industrial LED Monitor with Full-Flat Resistive Touchscreen
ITM-5112 ADVANTECH-ITM-5112_15 Datasheet
382Kb / 2P
   12" SVGA Industrial LED Monitor with Full-Flat Resistive Touchscreen
ITM-5115R-MA1E ADVANTECH-ITM-5115R-MA1E Datasheet
479Kb / 2P
   15" XGA Industrial LED Monitor with Full-Flat Resistive Touchscreen
ITM-5115 ADVANTECH-ITM-5115_15 Datasheet
479Kb / 2P
   15" XGA Industrial LED Monitor with Full-Flat Resistive Touchscreen
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com