Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1812 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1812
Description  Dual USB Switch with Fault Blanking
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1812 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1812 Datasheet HTML 1Page - Maxim Integrated Products MAX1812 Datasheet HTML 2Page - Maxim Integrated Products MAX1812 Datasheet HTML 3Page - Maxim Integrated Products MAX1812 Datasheet HTML 4Page - Maxim Integrated Products MAX1812 Datasheet HTML 5Page - Maxim Integrated Products MAX1812 Datasheet HTML 6Page - Maxim Integrated Products MAX1812 Datasheet HTML 7Page - Maxim Integrated Products MAX1812 Datasheet HTML 8Page - Maxim Integrated Products MAX1812 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Dual USB Switch with Fault Blanking
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VIN = VINA = VINB = 5V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Logic Input High Voltage
VIN_ = +4V to +5.5V
2
V
Logic Input Low Voltage
VIN_ = +4V to +5.5V
0.8
V
Logic Input Current
V ON_ = 0 or VIN_
-1
1
µA
FAULT_ Output Low Voltage
ISINK = 1mA, VIN_ = 4V
0.4
V
FAULT_ Output High Leakage
Current
VIN_ = V FAULT_ = 5.5V
1
µA
Note 1: Specifications to -40°C are guaranteed by design, not production tested.
Note 2: The output voltage at which the device transitions from short-circuit current limit to continuous current limit.
Typical Operating Characteristics
(VIN = VINA = VINB = 5V, Circuit of Figure 2, TA = +25°C, unless otherwise noted.)
100
75
50
25
0
03
12
456
QUIESCENT CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
VONA = VONB = 0V
40
45
50
55
-40
10
-15
35
60
85
QUIESCENT CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
VIN = 4.5V
VIN = 5V
VIN = 5.5V
0
1
2
3
4
5
-40
10
-15
35
60
85
SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
VONA = VONB = VIN


Similar Part No. - MAX1812

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX181 MAXIM-MAX181 Datasheet
263Kb / 8P
   Network Interface Card Smart Regulator
19-1678; Rev 0; 4/00
MAX1810 MAXIM-MAX1810 Datasheet
263Kb / 8P
   Network Interface Card Smart Regulator
19-1678; Rev 0; 4/00
MAX1810ESA MAXIM-MAX1810ESA Datasheet
263Kb / 8P
   Network Interface Card Smart Regulator
19-1678; Rev 0; 4/00
MAX1811 MAXIM-MAX1811 Datasheet
167Kb / 8P
   USB-Powered Li Charger
19-2024; Rev 2; 6/03
MAX1811 MAXIM-MAX1811 Datasheet
1Mb / 8P
   USB-Powered Li Charger
2019
More results

Similar Description - MAX1812

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1838 MAXIM-MAX1838_10 Datasheet
320Kb / 13P
   Dual USB Switch with Fault Blanking and Autoreset
Rev 1; 2/10
MAX1823 MAXIM-MAX1823 Datasheet
302Kb / 13P
   Dual USB Switch with Fault Blanking and Autoreset
Rev 3; 10/03
MAX1838 MAXIM-MAX1838 Datasheet
639Kb / 12P
   Dual USB Switch with Fault Blanking and Autoreset
Rev 0; 4/01
MAX1823BEUB MAXIM-MAX1823BEUB Datasheet
307Kb / 13P
   Dual USB Switch with Fault Blanking and Autoreset
Rev 3; 10/03
logo
Eutech Microelectronics...
EUP3545 EUTECH-EUP3545 Datasheet
92Kb / 1P
   USB Power-Distribution Switch with Fault Blanking
EUP3548A EUTECH-EUP3548A Datasheet
86Kb / 1P
   USB Power-Distribution Switch with Fault Blanking
logo
Maxim Integrated Produc...
MAX1940 MAXIM-MAX1940_10 Datasheet
255Kb / 13P
   Triple USB Switch with Autoreset and Fault Blanking
Rev 1; 2/10
logo
Eutech Microelectronics...
EUP3546 EUTECH-EUP3546 Datasheet
95Kb / 1P
   Dual Power-Distribution Switch with Fault-Blanking
EUP3542 EUTECH-EUP3542 Datasheet
98Kb / 1P
   Dual Power-Distribution Switch with Fault-Blanking
logo
Maxim Integrated Produc...
MAX1940 MAXIM-MAX1940 Datasheet
326Kb / 12P
   Triple USB Switch with Autoreset and Fault Blanking
Rev 0; 7/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com