Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ITM-5112R-MA1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # ITM-5112R-MA1E
Description  12" SVGA Industrial LED Monitor with Full-Flat Resistive Touchscreen
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ITM-5112R-MA1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ITM-5112R-MA1E Datasheet HTML 1Page - Advantech Co., Ltd. ITM-5112R-MA1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm
ITM-5112
Ordering Information
Part Number
Description
ITM-5112R-MA1E
12" SVGA LED Full-Flat Touch Monitor
1702002600
Power cord 3P (USA)
1700000596
Power cord 3P (China)
1700018705
Power cord 3P (EU)
96STANDKIT-ITM
Stand kit
1757003934
Adapter AC100-240V 60W +12V/5A DPS-60PB A
1700000243
DVI cable 2.0 meter
1700002215
USB-A(M)/USB-A(M) 1.8 meter
Panel mount thickness
13.80 [0.54]
322.20 [12.69]
47.20
[1.86]
28.20
[1.11]
19
[0.75]
247.60 [9.75]
VESA mount screw type
M4, max depth=5mm
47.80 [1.88]
28.80
[1.13]
300 [11.81]
11.10 [0.44]
11.10 [0.44]
75 [2.95]
100 [3.94]
CUT OUT
302 ±1 [11.89 ±0.04]


Similar Part No. - ITM-5112R-MA1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ITM-5115R-MA1E ADVANTECH-ITM-5115R-MA1E Datasheet
479Kb / 2P
   15" XGA Industrial LED Monitor with Full-Flat Resistive Touchscreen
ITM-5115 ADVANTECH-ITM-5115_15 Datasheet
479Kb / 2P
   15" XGA Industrial LED Monitor with Full-Flat Resistive Touchscreen
ITM-5117R-MA1E ADVANTECH-ITM-5117R-MA1E Datasheet
367Kb / 2P
   17" SXGA Industrial LED Monitor with Full-Flat Resistive Touchscreen
ITM-5117 ADVANTECH-ITM-5117_15 Datasheet
367Kb / 2P
   17" SXGA Industrial LED Monitor with Full-Flat Resistive Touchscreen
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com