Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPC-7130L Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # IPC-7130L
Description  Desktop/Wallmount Chassis for ATX/MicroATX Motherboard
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

IPC-7130L Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  IPC-7130L_15 Datasheet HTML 1Page - Advantech Co., Ltd. IPC-7130L_15 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Chassis
Features
IPC-7130L
Desktop/Wallmount Chassis for
ATX/MicroATX Motherboard
ƒ Stylish design with 7 expansion slots in the rear
ƒ Shock-resistant drive bay holds one 5.25" disk drive and three 3.5" disk
drives (two 3.5" HDD trays and one internal 3.5" drive bay)
ƒ Lockable front door prevents unauthorized access
ƒ LED indicators for Power and HDD activity
ƒ Bidirectional options to mount chassis on the wall or workbench
Specifications
Disk Drive Bay
External
Internal
5.25"
1
-
3.5"
2 SAS/SATA HDDs
1
Cooling
Fan
1 (12 cm/73.8 CFM) + 1 (6 cm/21.2 CFM)
Air Filters
Yes
I/O Interface
USB 2.0
2 (Front accessible)
Miscellaneous
LED Indicators
Power, HDD
Front Panel
Power, HDD
Environment
Operating
Non-operating
Temperature
0 ~ 40° C (32 ~ 122° F)
-20 ~ 60° C (-4 ~ 140° F)
Humidity
10 ~ 85 % @ 40° C, non-condensing
10 ~ 95 % @ 40° C, non-condensing
Vibration (5-500 Hz)
0.5 Grms
2 G
Shock
10 G (with 11 ms duration, half sine wave)
30 G
Physical Characteristics
Dimensions (W x H x D)
200 x 320 x 480 mm (7.9" x 12.6" x 18.9")
Weight
11.11 kg (24.49 lb)
Inside view
Rear view
Front view
Dual External
3.5" SAS/SATA HDD trays
Easy-to-maintain power supply bracket
Hold-down
clamp
HDD
Power
Dual USB
Power Switch
3.5" drive bay
5.25" drive bay
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice
Last updated : 1-Jun-2015


Similar Part No. - IPC-7130L_15

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IPC-7130L-00XE ADVANTECH-IPC-7130L-00XE Datasheet
1Mb / 2P
   Desktop/Wallmount Chassis for MicroATX Motherboard
IPC-7130L-30ZE ADVANTECH-IPC-7130L-30ZE Datasheet
1Mb / 2P
   Desktop/Wallmount Chassis for MicroATX Motherboard
More results

Similar Description - IPC-7130L_15

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IPC-5122 ADVANTECH-IPC-5122_V01 Datasheet
1Mb / 2P
   Desktop/Wallmount Chassis for MicroATX Motherboard
1-Jun-2020
IPC-5122 ADVANTECH-IPC-5122_17 Datasheet
1Mb / 2P
   Desktop/Wallmount Chassis for MicroATX Motherboard
IPC-5122 ADVANTECH-IPC-5122_12 Datasheet
2Mb / 2P
   Desktop/Wallmount Chassis for MicroATX Motherboard
IPC-7130 ADVANTECH-IPC-7130_17 Datasheet
1Mb / 2P
   Desktop/Wallmount Chassis for MicroATX Motherboard
IPC-7220 ADVANTECH-IPC-7220 Datasheet
833Kb / 2P
   Desktop/Wallmount Chassis for ATX Motherboard
IPC-7220 ADVANTECH-IPC-7220_15 Datasheet
913Kb / 2P
   Desktop/wallmount Chassis for ATX/mATX Motherboard
IPC-7220 ADVANTECH-IPC-7220_17 Datasheet
1Mb / 2P
   Desktop/wallmount Chassis for ATX/mATX Motherboard
IPC-7120 ADVANTECH-IPC-7120_12 Datasheet
2Mb / 2P
   Desktop/Wallmount Chassis for MicroATX/ATX Motherboard with Front I/O Interfaces
IPC-5120 ADVANTECH-IPC-5120_12 Datasheet
2Mb / 2P
   Desktop/Wallmount Chassis for MicroATX/ATX Motherboard with Front I/O Interfaces
IPC-7220 ADVANTECH-IPC-7220_12 Datasheet
2Mb / 2P
   Quiet Desktop/Wallmount Chassis Ready for ATX Motherboard
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com