Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPC-510BP-30CE Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # IPC-510BP-30CE
Description  Economical 4U Rackmount Chassis with Front USB and PS/2 Interfaces
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

IPC-510BP-30CE Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  IPC-510BP-30CE Datasheet HTML 1Page - Advantech Co., Ltd. IPC-510BP-30CE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
IPC-510
Ordering Information
Part Number
Power Supply
Backplane Version
IPC-510BP-00XBE
Without power supply, with ATX switch
IPC-510BP-30CE
PS8-300ATX-ZBE
Motherboard Version
IPC-510MB-00XBE
Without power supply, with ATX switch
IPC-510MB-30CE
PS8-300ATX-ZBE
Power Supply Options
Part Number
80 Plus
Grade
Wattage
Type
Input
PS8-250ATX-ZE
Bronze
250W
Single
AC 100 ~ 240V
(full range)
PS8-300ATX-ZBE
Bronze
300W
Single
AC 100 ~ 240V
(full range)
PS8-400ATX-ZE
Bronze
400W
Single
AC 100 ~ 240V
(full range)
Optional Accessories
Part Number
Description
IPC-DT-3120E
Mobile rack for converting a 3.5" drive bay to dual
2.5" SATA HDD trays
IPC-DT-5230E
Mobile rack for converting dual 5.25" drive bays to three
3.5" SAS/SATA HDD trays
Spare Parts
Part Number
Description
2130006190S000
Fan filter 120 x 100 x 15 mm
Dimensions
Unit: mm [inch]
41.90
[1.65]
92
[3.62]
92
[3.62]
92
[3.62]
92
[3.62]
485.70 [19.12]
101.60 [4.00]
174.90 [6.89]
447.70 [17.63]


Similar Part No. - IPC-510BP-30CE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IPC-510BP-30CE ADVANTECH-IPC-510BP-30CE Datasheet
2Mb / 2P
   Economical 4U Rackmount Chassis with Front USB and PS/2 Interfaces
IPC-510BP-30CE ADVANTECH-IPC-510BP-30CE Datasheet
769Kb / 2P
   Economical 4U Rackmount Chassis with Front-Accessible USB and PS/2 Interfaces
More results

Similar Description - IPC-510BP-30CE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IPC-510 ADVANTECH-IPC-510_12 Datasheet
2Mb / 2P
   Economical 4U Rackmount Chassis with Front USB and PS/2 Interfaces
IPC-DT-3120E ADVANTECH-IPC-DT-3120E Datasheet
769Kb / 2P
   Economical 4U Rackmount Chassis with Front-Accessible USB and PS/2 Interfaces
IPC-DT-5230E ADVANTECH-IPC-DT-5230E Datasheet
769Kb / 2P
   Economical 4U Rackmount Chassis with Front-Accessible USB and PS/2 Interfaces
IPC-510 ADVANTECH-IPC-510_V01 Datasheet
803Kb / 2P
   Economical 4U Rackmount Chassis with Front-Accessible USB and PS/2 Interfaces
16-Jun-2020
IPC-510 ADVANTECH-IPC-510 Datasheet
1Mb / 2P
   4U Rackmount Chassis with Front USB and PS/2 Interfaces
ACP-2000 ADVANTECH-ACP-2000_15 Datasheet
1Mb / 2P
   2U 6-Slot Rackmount Chassis with Front USB and PS/2 Interfaces
ACP-2000 ADVANTECH-ACP-2000_12 Datasheet
2Mb / 2P
   2U 6-Slot Rackmount Chassis with Front USB and PS/2 Interfaces
IPC-602 ADVANTECH-IPC-602_12 Datasheet
2Mb / 2P
   2U 6-Slot Rackmount Chassis with Front USB and PS/2 Interfaces
IPC-602 ADVANTECH-IPC-602_17 Datasheet
975Kb / 2P
   2U 6-Slot Rackmount Chassis with Front USB and PS/2 Interfaces
ACP-2000 ADVANTECH-ACP-2000 Datasheet
1Mb / 2P
   2U 6-Slot Rackmount Chassis with Front USB and PS/2 Interfaces
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com