Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FPM-7211W Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # FPM-7211W
Description  21.5" Full HD Industrial Monitor with PCT Touch, Direct-VGA and DVI Ports
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

FPM-7211W Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  FPM-7211W_15 Datasheet HTML 1Page - Advantech Co., Ltd. FPM-7211W_15 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
FPM-7211W
Panel Cut-out Dimensions: 550.30 x 341.8 mm (21.67" x 13.46")
558.4 [21.98]
47.70 [1.88]
28.00
[1.10]
260.00 [10.24]
M4
M4
M4
M4
100.00 [3.94]
550.30 [21.67]
R5.00
[R0.20]
CUTOUT DIMENSION:(550.3±1.0mm)X(341.8±0.70mm)
Radius=5mm at corner
21.5"
Rear View
Easy Installation
Snap hook in rear cover
VGA Port
DVI Port
12VDC Power Input with DC Jack
24VDC Power Input with Phoeni x Jack
TS Interface - USB Port
TS Interface - RS232 Port
Easy Installation: Snap hook
Easy Installation:
Snap hook
Easy Installation: Snap hook x2
Stopper Screw in rear cover
Screw for the stopper screw out of down side
Screw to set up the snap hook out of upper side
Dimensions
Unit: mm [inch]


Similar Part No. - FPM-7211W_15

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
FPM-7211W ADVANTECH-FPM-7211W Datasheet
475Kb / 2P
   21.5 Full HD Industrial Monitor with PCAP Touch Control, Direct VGA, and DVI Ports
15-Jun-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com