Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EKI-5726F Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # EKI-5726F
Description  16-port2 SFP Gigabit Ethernet ProView Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EKI-5726F Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  EKI-5726F_15 Datasheet HTML 1Page - Advantech Co., Ltd. EKI-5726F_15 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Ethernet Solutions
Features
Specifications
Communications
ƒ
Standard
IEEE 802.3, 802.3u, 802.3x, 802.1p, 802.3az, 802.3ab
ƒ
LAN
10/100/1000Base-T(X), Optional 100Base-FX,
1000Base-SX/LX/LHX/XD/ZX/EZX
ƒ
Transmission Distance Ethernet: UP to 100 m (4-wire Cat.5e, Cat.6 RJ-45
cable suggested for Gigabit port)
SFP: UP to 110 km (depends on SFP)
ƒ
Transmission Speed
Ethernet: 10/100/1000 Mbps Auto-Negotiation
Gigabit Copper: 10/100/1000 Mbps, Auto-Negotiation
Gigabit Fiber: UP to 1000 Mbps
Interface
ƒ
Connectors
16 x RJ45
2 x SFP ports
6-pin removable screw terminal (power & relay)
ƒ
LED Indicators
P1, P2, P-Fail, Loop detection
10/100/1000T(X): Link/Activity, Speed
SFP: Link/Activity
Switch Properties
ƒ
MAC Table Size
8K
ƒ
Packet Buffer Size
4.1M bit
ƒ
Switching Capacity
36 Gbps
ƒ
Jumbo Frame
9216 bytes
Power
ƒ
Power Consumption
Max. 9.6W
ƒ
Power Input
12~48 VDC (8.4~52.8 VDC), redundant dual inputs
ƒ
Fault Output
1 Relay Output
Mechanism
ƒ
Dimensions (W x H x D) 74 x 120 x 84 mm
ƒ
Enclosure
IP30, metal shell with solid mounting kits
ƒ
Mounting
DIN-Rail, Wall
Protection
ƒ
Reverse Polarity
Present
ƒ
Overload Current
Present
Environment
ƒ
Operating Temperature EKI-5726F: -10~60°C (14~140°F)
EKI-5726FI: -40~75°C (-40~167°F)
ƒ
Storage Temperature
-40 ~ 85°C (-40 ~ 185°F)
ƒ
Operating Humidity
10 ~ 95% (non-condensing)
ƒ
Storage Humidity
10 ~ 95% (non-condensing)
ƒ
MTBF
1,962,789 hours
Certification
ƒ
Safety
IEC/EN60950, UL60950, UL508, Class 1 Division 2,
ATEX
ƒ
EMI
FCC Part 15 Subpart B Class A, EN 55011/55022
Class A
ƒ
EMS
EN 61000-4-2 (Level 3)
EN 61000-4-3 (Level 3)
EN 61000-4-4 (Level 3)
EN 61000-4-5 (Level 3)
EN 61000-4-6 (Level 3)
EN 61000-4-8 (Level 3)
ƒ
Shock
IEC 60068-2-27
ƒ
Freefall
IEC 60068-2-32
ƒ
Vibration
IEC 60068-2-6
ƒ Communicates with SCADA software via Modbus/TCP
ƒ Communicates with NMS (Networking management system) via SNMP
ƒ Port-based QoS for deterministic data transmission
ƒ -40 ~ 75°C operating temperature range (EKI-5726FI only)
ƒ 12 ~ 48 VDC (8.4 ~ 52.8 VDC) wide-range power input
ƒ EMS level 3 protection for extreme outdoor environments
ƒ IEEE 802.3az Energy Efficient Ethernet (EEE)
ƒ Jumbo Frame Support (Up to 9,216 Bytes)
ƒ Supports redundant 12 ~ 48 VDC power input and P-Fail relay
ƒ Loop detection
Introduction
The EKI-5726F/FI are the world’s first convergence switches for process control and IT networking management. This series uses Modbus/TCP to communicate with the SCADA
software and SNMP to communicate with the NMS (Networking Management System) at the same time, thereby allowing full read control over the devices either for control engineers
or for IT. The devices come with the Port-based QoS for deterministic data transmission allows the priority ports to prioritize the traffic coming over those ports and delay the less
immediately necessary data over the remaining ports. EKI-5726F/FI switches use the highest quality components, to enable the range to operate in temperatures of between -40 and
75°C along with EMS Level 3 protection to repel electromagnetic interface for industrial resistance.
RoHS
COMPLIANT
2011/65/EU
EKI-5726F/FI 16-port+2SFPGigabit EthernetProView
Switch
All product specifications are subject to change without notice
Last updated : 5-May-2015


Similar Part No. - EKI-5726F_15

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EKI-5726F-AE ADVANTECH-EKI-5726F-AE Datasheet
495Kb / 2P
   16-port2 SFP Gigabit Ethernet ProView Switch
EKI-5726FI-AE ADVANTECH-EKI-5726FI-AE Datasheet
495Kb / 2P
   16-port2 SFP Gigabit Ethernet ProView Switch
More results

Similar Description - EKI-5726F_15

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EKI-5726FI-AE ADVANTECH-EKI-5726FI-AE Datasheet
495Kb / 2P
   16-port2 SFP Gigabit Ethernet ProView Switch
EKI-5726F-AE ADVANTECH-EKI-5726F-AE Datasheet
495Kb / 2P
   16-port2 SFP Gigabit Ethernet ProView Switch
EKI-5729FI-AE ADVANTECH-EKI-5729FI-AE Datasheet
392Kb / 2P
   8-Port2 SFP Gigabit Ethernet ProView Switch
EKI-5729F-AE ADVANTECH-EKI-5729F-AE Datasheet
392Kb / 2P
   8-Port2 SFP Gigabit Ethernet ProView switch
EKI-5729F ADVANTECH-EKI-5729F Datasheet
448Kb / 2P
   8-Port2 SFP Gigabit Ethernet ProView Switch
21-Aug-2020
EKI-5726 ADVANTECH-EKI-5726 Datasheet
415Kb / 2P
   16-port Gigabit Ethernet ProView Switch
16-Aug-2021
EKI-5726-AE ADVANTECH-EKI-5726-AE Datasheet
432Kb / 2P
   16-port Gigabit Ethernet ProView Switch
EKI-5725I-AE ADVANTECH-EKI-5725I-AE Datasheet
443Kb / 2P
   5-port Gigabit Ethernet ProView Switch
EKI-5728I-AE ADVANTECH-EKI-5728I-AE Datasheet
443Kb / 2P
   8-port Gigabit Ethernet ProView Switch
EKI-5725 ADVANTECH-EKI-5725 Datasheet
538Kb / 2P
   5-Port Gigabit Ethernet ProView Switch
21-Aug-2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com