Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAS9311 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # SAS9311
Description  Host Bus Adapter Family
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

SAS9311 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  SAS9311 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED SAS9311 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Visit the Avago Storage by LSI website at: lsi.com
Avago, Avago Technologies, MegaRAID, and the Storage by LSI logo are trademarks of Avago Technologies. All other trademarks are the
property of their respective owners.
Copyright ©2014 Avago Technologies. All rights reserved. > 10.27.14 PB0008.EN
Product Brief
Fusion-MPTArchitecture
Fusion-MPT architecture marks the next generation of I/O architecture
designed to deliver the highest performance available today while
reducing time to market, integration, and certification time. Fusion-MPT
devices are high performance, cost-effective protocol controllers that
represent the newest system- level integration technology in intelligent
I/O processors from Avago.
SAS 9311-8i
SAS 9311-4i4e
IO Controller
SAS 3008 Fusion MPT 2.5
SAS 3008 Fusion MPT 2.5
Port Count
8 port, internal
4 port ext/4 port int
Connectors
Mini SAS HD
SFF8643 Two (x4)
Mini SAS HD
SFF8644 One (x4),
SFF8643 One (x4)
Storage Connectivity Data Transfer
Rates
12Gb/s SAS 3.0 Compliant
12Gb/s SAS 3.0 Compliant
SAS Bandwidth
Half Duplex (x8 wide bus)
9600 MB/s
Half Duplex (x8 wide bus)
9600 MB/s
Port Configurations
8 ea, x1 ports (individual drives)
2 ea, x4 wide port
8 ea, x1 ports (individual drives)
2 ea, x4 wide port
Host Bus
x8 lane, PCIe 3.0
x8 lane, PCIe 3.0
PCI Data Burst Transfer Rates
Half Duplex
x8, PCIe 3.0, 8000 MB/s
Half Duplex
x8, PCIe 3.0, 8000 MB/s
Form Factor
Low Profile
Low Profile
Physical Dimensions
2.6”x 6.0”
2.6”x 6.0”
Brackets
Full Height and low profile vented
Full Height and low profile vented
Cable Support
Passive Copper
Passive Copper
Active Optical (Ext only)
Operating Voltage
+12V +/-8%; 3.3V +/-9%
+12V +/-8%; 3.3V +/-9%
LED Management
Reference SFF-8485 (SGPIO) compliant
Reference SFF-8485 (SGPIO) compliant
PCI Power (Nominal)
13W
14.25W
Integrated RAID (IR)
14 spread across 2 volumes
RAID 0 10 per volume
RAID 1 2 per volume plus hot spare
RAID 1E 10 per volume
RAID 10 10 per volume
14 spread across 2 volumes
RAID 0 10 per volume
RAID 1 2 per volume plus hot spare
RAID 1E 10 per volume
RAID 10 10 per volume
Environmental
Operating: 0°C to 55°C
Storage: -45°C to 105°C
5 to 90% non-condensing
Airflow: 200 LFM
Operating: 0°C to 55°C
Storage: -45°C to 105°C
5 to 90% non-condensing
Airflow: 200 LFM
MTBF
>2,800,000 hours
>2,800,000 hours
Regulatory Certifications
EMC: Class B-US (CFR 47, P15B); Canada (ICES-003); Japan (V-3/02.04); Europe (EN55022/EN55024); Australia/New Zealand (AS/NZS 3548);
Korea (N-B 2-0001-404); Safety: EN60950; RoHS; WEEE
OS Support
Microsoft Windows, Linux (SuSE , Red Hat), Solaris, VMware, FreeBSD; See www.lsi.com/support for details on versions
* The HBA supports Solaris 10 and Oracle® provides a built in driver; installation of an Avago driver is not required. For more information on the Oracle Solaris 10
driver and installation, sign in at the following Oracle link: https://support.oracle.com/. Contact Oracle support for Oracle driver or software support.
Warranty
3 years, free advanced technical support, advanced replacement option


Similar Part No. - SAS9311

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
SAS9302-16E AVAGO-SAS9302-16E Datasheet
70Kb / 2P
   Host Bus Adapter
SAS9305 AVAGO-SAS9305 Datasheet
683Kb / 2P
   12Gb/s SAS Host Bus Adapter Family
SAS9341 AVAGO-SAS9341 Datasheet
254Kb / 2P
   PCIe 3.0 SATASAS RAID Controllers
SAS9361-4I AVAGO-SAS9361-4I Datasheet
227Kb / 2P
   High Performance 12Gb/s PCI Express SATASAS RAID Controller
SAS9361-8I AVAGO-SAS9361-8I Datasheet
233Kb / 2P
   High Performance 12Gb/s PCI Express SATASAS RAID Controller
More results

Similar Description - SAS9311

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
SAS-9300 AVAGO-SAS-9300 Datasheet
257Kb / 2P
   Host Bus Adapter Family
SAS-9300-16P AVAGO-SAS-9300-16P Datasheet
264Kb / 2P
   Host Bus Adapter Family
SAS9305 AVAGO-SAS9305 Datasheet
683Kb / 2P
   12Gb/s SAS Host Bus Adapter Family
SAS9207-8I AVAGO-SAS9207-8I Datasheet
275Kb / 2P
   Host Bus Adapter
SAS9211-8I AVAGO-SAS9211-8I Datasheet
284Kb / 2P
   Host Bus Adapter
SAS9302-16E AVAGO-SAS9302-16E Datasheet
70Kb / 2P
   Host Bus Adapter
SAS9210-8I AVAGO-SAS9210-8I Datasheet
578Kb / 2P
   Host Bus Adapter
SAS9207-4I4E AVAGO-SAS9207-4I4E Datasheet
561Kb / 2P
   Host Bus Adapter
SAS9217-4I4E AVAGO-SAS9217-4I4E Datasheet
568Kb / 2P
   Host Bus Adapter
SAS9207-8E AVAGO-SAS9207-8E Datasheet
276Kb / 2P
   Host Bus Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com