Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSMS-270B Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMS-270B
Description  High Performance Schottky Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMS-270B Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HSMS-270B Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMS-270B Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMS-270B Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMS-270B Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMS-270B Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMS-270B Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMS-270B Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMS-270B Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMS-270B Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
Package Dimensions
Outline SOT-323 (SC-70 3 Lead)
0.026
0.039
0.079
0.022
Dimensions in inches
Recommended PCB Pad Layout
For Avago’s SC70 3L/SOT-323 Products
e
B
e1
E1
C
E
XXX
L
D
A
A1
Notes:
XXX-package marking
Drawings are not to scale
DIMENSIONS (mm)
MIN.
0.80
0.00
0.15
0.08
1.80
1.10
1.80
0.26
MAX.
1.00
0.10
0.40
0.25
2.25
1.40
2.40
0.46
SYMBOL
A
A1
B
C
D
E1
e
e1
E
L
1.30 typical
0.65 typical
Outline SOT-363 (SC-70 6 Lead)
E
HE
D
e
A1
b
A
A2
L
c
DIMENSIONS (mm)
MIN.
1.15
1.80
1.80
0.80
0.80
0.00
0.15
0.08
0.10
MAX.
1.35
2.25
2.40
1.10
1.00
0.10
0.30
0.25
0.46
SYMBOL
E
D
HE
A
A2
A1
e
b
c
L
0.650 BCS


Similar Part No. - HSMS-270B

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMS-270B HP-HSMS-270B Datasheet
120Kb / 8P
   High Performance Schottky Diode for Transient Suppression
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-270B AVAGO-HSMS-270B Datasheet
150Kb / 9P
   High Performance Schottky Diode for Transient Suppression
logo
Agilent(Hewlett-Packard...
HSMS-270B-BLK HP-HSMS-270B-BLK Datasheet
120Kb / 8P
   High Performance Schottky Diode for Transient Suppression
HSMS-270B-TR1 HP-HSMS-270B-TR1 Datasheet
120Kb / 8P
   High Performance Schottky Diode for Transient Suppression
HSMS-270B-TR2 HP-HSMS-270B-TR2 Datasheet
120Kb / 8P
   High Performance Schottky Diode for Transient Suppression
More results

Similar Description - HSMS-270B

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
MBR20T100CT KERSEMI-MBR20T100CT Datasheet
2Mb / 6P
   high performance Schottky diode
logo
IXYS Corporation
DSA20C150PB IXYS-DSA20C150PB Datasheet
102Kb / 2P
   High Performance Schottky Diode
logo
Kersemi Electronic Co.,...
MBR20T100CT KERSEMI-MBR20T100CT Datasheet
2Mb / 6P
   175 째C high performance Schottky diode
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-2700 AVAGO-HSMS-2700 Datasheet
150Kb / 9P
   High Performance Schottky Diode for Transient Suppression
HBAT-5400 AVAGO-HBAT-5400 Datasheet
199Kb / 8P
   High Performance Schottky Diode for Transient Suppression
logo
Agilent(Hewlett-Packard...
HBAT-5400 HP-HBAT-5400 Datasheet
113Kb / 8P
   High Performance Schottky Diode for Transient Suppression
HSMS-2700 HP-HSMS-2700 Datasheet
120Kb / 8P
   High Performance Schottky Diode for Transient Suppression
logo
IXYS Corporation
DSA30I150PA IXYS-DSA30I150PA Datasheet
114Kb / 4P
   Schottky Diode Gen High Performance Schottky Diode Low Loss and Soft Recovery
DSA20C45PB IXYS-DSA20C45PB Datasheet
102Kb / 2P
   Schottky High Performance Schottky Diode Low Loss and Soft Recovery
logo
List of Unclassifed Man...
LD1003S ETC-LD1003S Datasheet
693Kb / 5P
   High Performance N-Channel POWERJFET with Schottky Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com