Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF-55143 Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # ATF-55143
Description  Low Noise Enhancement Mode Pseudomorphic HEMT
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ATF-55143 Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  ATF-55143 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ATF-55143 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ATF-55143 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ATF-55143 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ATF-55143 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ATF-55143 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ATF-55143 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ATF-55143 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ATF-55143 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
ATF-55143 Typical Performance Curves
Figure 6. Gain vs. Bias over Frequency.[1]
FREQUENCY (GHz)
06
2
14
5
3
30
25
20
15
10
5
2V, 10 mA
2.7V, 10 mA
Figure 8. OIP3 vs. Bias over Frequency.[1]
FREQUENCY (GHz)
06
2
14
5
3
2V, 10 mA
2.7V, 10 mA
27
25
23
21
19
17
15
Figure 9. IIP3 vs. Bias over Frequency.[1]
FREQUENCY (GHz)
06
2
14
5
3
2V, 10 mA
2.7V, 10 mA
15
10
5
0
-5
Figure 10. P1dB vs. Bias over Frequency.[1,2]
FREQUENCY (GHz)
06
2
14
5
3
2V, 10 mA
2.7V, 10 mA
16
14
12
10
8
Figure 11. Gain vs. Ids and Vds at 2 GHz.
[1]
2V
2.7V
3V
Ids (mA)
035
10
520
25
30
15
21
20
19
18
17
16
15
Figure 13. OIP3 vs. Ids and Vds at 2 GHz.
[1]
Ids (mA)
035
35
33
31
29
27
25
23
21
19
2V
2.7V
3V
10
520
25
30
15
Figure 14. IIP3 vs. Ids and Vds at 2 GHz.
[1]
Ids (mA)
035
16
14
12
10
8
6
4
2
0
2V
2.7V
3V
10
520
25
30
15
Figure 7. Fmin vs. Frequency and Bias.
FREQUENCY (GHz)
06
2
14
5
3
2V, 10 mA
2.7V, 10 mA
1.2
1.0
0.8
0.6
0.4
0.2
0
Figure 12. Fmin vs. Ids and Vds at 2 GHz.
Ids (mA)
035
0.60
0.55
0.50
0.45
0.40
0.35
0.30
0.25
0.20
2V
2.7V
3V
10
520
25
30
15
Notes:
1. Measurements at 2 GHz were made on a fixed tuned production test board that was tuned for optimal OIP3 match with reasonable noise figure
at 2.7 V, 10 mA bias. This circuit represents a trade-off between optimal noise match, maximum OIP3 match and a realizable match based on
production test board requirements. Measurements taken above and below 2 GHz were made using a double stub tuner at the input tuned for
low noise and a double stub tuner at the output tuned for maximum OIP3. Circuit losses have been de-embedded from actual measurements.
2. P1dB measurements are performed with passive biasing. Quiescent drain current, I
dsq
, is set with zero RF drive applied. As P1dB is approached,
the drain current may increase or decrease depending on frequency and dc bias point. At lower values of I
dsq
, the device is running close to class
B as power output approaches P1dB. This results in higher P1dB and higher PAE (power added efficiency) when compared to a device that is
driven by a constant current source as is typically done with active biasing. As an example, at a V
DS
= 2.7V and I
dsq
= 5 mA, I
d
increases to 15 mA
as a P1dB of +14.5 dBm is approached.


Similar Part No. - ATF-55143

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ATF-55143 BOARDCOM-ATF-55143 Datasheet
164Kb / 20P
   Low Noise Enhancement Mode Pseudomorphic HEMT
logo
Agilent(Hewlett-Packard...
ATF-55143-BLK HP-ATF-55143-BLK Datasheet
190Kb / 22P
   Agilent ATF-55143 Low Noise Enhancement Mode Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
AVAGO TECHNOLOGIES LIMI...
ATF-55143-BLKG AVAGO-ATF-55143-BLKG Datasheet
164Kb / 20P
   Low Noise Enhancement Mode Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
Agilent(Hewlett-Packard...
ATF-55143-TR1 HP-ATF-55143-TR1 Datasheet
190Kb / 22P
   Agilent ATF-55143 Low Noise Enhancement Mode Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
AVAGO TECHNOLOGIES LIMI...
ATF-55143-TR1G AVAGO-ATF-55143-TR1G Datasheet
164Kb / 20P
   Low Noise Enhancement Mode Pseudomorphic HEMT in a Surface Mount Plastic Package
More results

Similar Description - ATF-55143

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ATF-541M4 BOARDCOM-ATF-541M4 Datasheet
226Kb / 16P
   Low Noise Enhancement Mode Pseudomorphic HEMT
ATF-54143 BOARDCOM-ATF-54143 Datasheet
142Kb / 16P
   Low Noise Enhancement Mode Pseudomorphic HEMT
ATF-58143 BOARDCOM-ATF-58143 Datasheet
126Kb / 9P
   Low Noise Enhancement Mode Pseudomorphic HEMT
logo
AVAGO TECHNOLOGIES LIMI...
ATF-541M4 AVAGO-ATF-541M4 Datasheet
226Kb / 16P
   Low Noise Enhancement Mode Pseudomorphic HEMT
ATF-551M4 AVAGO-ATF-551M4 Datasheet
888Kb / 23P
   Low Noise Enhancement Mode Pseudomorphic HEMT
logo
Broadcom Corporation.
ATF-55143 BOARDCOM-ATF-55143 Datasheet
164Kb / 20P
   Low Noise Enhancement Mode Pseudomorphic HEMT
logo
AVAGO TECHNOLOGIES LIMI...
ATF-54143 AVAGO-ATF-54143_15 Datasheet
142Kb / 16P
   Low Noise Enhancement Mode Pseudomorphic HEMT
ATF-58143 AVAGO-ATF-58143 Datasheet
126Kb / 9P
   Low Noise Enhancement Mode Pseudomorphic HEMT
ATF-53189 AVAGO-ATF-53189_15 Datasheet
514Kb / 17P
   Enhancement Mode Pseudomorphic HEMT
ATF-50189 AVAGO-ATF-50189 Datasheet
430Kb / 22P
   Enhancement Mode Pseudomorphic HEMT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com