Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF-55143 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ATF-55143
Description  Low Noise Enhancement Mode Pseudomorphic HEMT
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ATF-55143 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ATF-55143 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ATF-55143 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ATF-55143 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ATF-55143 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ATF-55143 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ATF-55143 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ATF-55143 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ATF-55143 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ATF-55143 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
ATF-55143 Absolute Maximum Ratings[1]
Absolute
Symbol
Parameter
Units
Maximum
V
DS
Drain-Source Voltage[2]
V
5
V
GS
Gate-Source Voltage[2]
V
-5 to 1
V
GD
Gate Drain Voltage [2]
V
-5 to 1
I
DS
Drain Current[2]
mA
100
I
GS
Gate Current[5]
mA
1
P
diss
Total Power Dissipation [3]
mW
270
P
in max.
RF Input Power[5]
(Vds=2.7V, Ids=10mA)
dBm
10
(Vds=0V, Ids=0mA)
dBm
10
T
CH
Channel Temperature
°C
150
T
STG
Storage Temperature
°C
-65 to 150

jc
Thermal Resistance [4]
°C/W
235
ESD (Human Body Model)
V
200
ESD (Machine Model)
V
25
Notes:
1. Operation of this device above any one of these parameters may
cause permanent damage.
2. Assumes DC quiescent conditions.
3. Source lead temperature is 25°C. Derate 4.3 mW/°C for T
L
> 87°C.
4. Thermal resistance measured using 150°C Liquid Crystal Measure-
ment method.
5. Device can safely handle +10 dBm RF Input Power as long as I
GS
is
limited to 1 mA. I
GS
at P
1dB
drive level is bias circuit dependent. See
applications section for additional information.
Product Consistency Distribution Charts [6, 7]
VDS (V)
Figure 1. Typical I-V Curves.
(VGS = 0.1 V per step)
0.4V
0.3V
0.5V
0.6V
0.7V
02
14
6
5
37
70
60
50
40
30
20
10
0
OIP3 (dBm)
Figure 2. OIP3 @ 2.7 V, 10 mA.
LSL = 22.0, Nominal = 24.2
22
23
25
24
26
300
250
200
150
100
50
0
Cpk = 2.02
Stdev = 0.36
-3 Std
GAIN (dB)
Figure 3. Gain @ 2.7 V, 10 mA.
USL = 18.5, LSL = 15.5, Nominal = 17.7
15
17
16
18
19
200
160
120
80
40
0
Cpk = 1.023
Stdev = 0.28
-3 Std
+3 Std
NF (dB)
Figure 4. NF @ 2.7 V, 10 mA.
USL = 0.9, Nominal = 0.6
0.43
0.63
0.53
0.83
0.73
0.93
240
200
160
120
80
40
0
Cpk = 3.64
Stdev = 0.031
+3 Std
Notes:
6. Distribution data sample size is 500 samples taken from 6 different wafers. Future wafers allocated to this product may have nominal values
anywhere between the upper and lower limits.
7. Measurements made on production test board. This circuit represents a trade-off between an optimal noise match and a realizeable match
based on production test equipment. Circuit losses have been de-embedded from actual measurements.


Similar Part No. - ATF-55143

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ATF-55143 BOARDCOM-ATF-55143 Datasheet
164Kb / 20P
   Low Noise Enhancement Mode Pseudomorphic HEMT
logo
Agilent(Hewlett-Packard...
ATF-55143-BLK HP-ATF-55143-BLK Datasheet
190Kb / 22P
   Agilent ATF-55143 Low Noise Enhancement Mode Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
AVAGO TECHNOLOGIES LIMI...
ATF-55143-BLKG AVAGO-ATF-55143-BLKG Datasheet
164Kb / 20P
   Low Noise Enhancement Mode Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
Agilent(Hewlett-Packard...
ATF-55143-TR1 HP-ATF-55143-TR1 Datasheet
190Kb / 22P
   Agilent ATF-55143 Low Noise Enhancement Mode Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
AVAGO TECHNOLOGIES LIMI...
ATF-55143-TR1G AVAGO-ATF-55143-TR1G Datasheet
164Kb / 20P
   Low Noise Enhancement Mode Pseudomorphic HEMT in a Surface Mount Plastic Package
More results

Similar Description - ATF-55143

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ATF-541M4 BOARDCOM-ATF-541M4 Datasheet
226Kb / 16P
   Low Noise Enhancement Mode Pseudomorphic HEMT
ATF-54143 BOARDCOM-ATF-54143 Datasheet
142Kb / 16P
   Low Noise Enhancement Mode Pseudomorphic HEMT
ATF-58143 BOARDCOM-ATF-58143 Datasheet
126Kb / 9P
   Low Noise Enhancement Mode Pseudomorphic HEMT
logo
AVAGO TECHNOLOGIES LIMI...
ATF-541M4 AVAGO-ATF-541M4 Datasheet
226Kb / 16P
   Low Noise Enhancement Mode Pseudomorphic HEMT
ATF-551M4 AVAGO-ATF-551M4 Datasheet
888Kb / 23P
   Low Noise Enhancement Mode Pseudomorphic HEMT
logo
Broadcom Corporation.
ATF-55143 BOARDCOM-ATF-55143 Datasheet
164Kb / 20P
   Low Noise Enhancement Mode Pseudomorphic HEMT
logo
AVAGO TECHNOLOGIES LIMI...
ATF-54143 AVAGO-ATF-54143_15 Datasheet
142Kb / 16P
   Low Noise Enhancement Mode Pseudomorphic HEMT
ATF-58143 AVAGO-ATF-58143 Datasheet
126Kb / 9P
   Low Noise Enhancement Mode Pseudomorphic HEMT
ATF-53189 AVAGO-ATF-53189_15 Datasheet
514Kb / 17P
   Enhancement Mode Pseudomorphic HEMT
ATF-50189 AVAGO-ATF-50189 Datasheet
430Kb / 22P
   Enhancement Mode Pseudomorphic HEMT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com