Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF-55143 Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # ATF-55143
Description  Low Noise Enhancement Mode Pseudomorphic HEMT
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ATF-55143 Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ATF-55143 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ATF-55143 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ATF-55143 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ATF-55143 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ATF-55143 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ATF-55143 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ATF-55143 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ATF-55143 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED ATF-55143 Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
ATF-55143 Typical Scattering Parameters, V
DS = 2.7 V, IDS = 20 mA
Freq.
S
11
S
21
S
12
S
22
MSG/MAG
GHz
Mag.
Ang.
dB
Mag.
Ang.
Mag.
Ang.
Mag.
Ang.
dB
0.1
0.997
-7.4
23.29
14.603
174.2
0.005
85.8
0.755
-4.4
34.65
0.5
0.947
-35.8
22.72
13.682
152
0.024
69.2
0.713
-21.1
27.56
0.9
0.860
-60.8
21.67
12.116
133
0.038
56.2
0.652
-34.6
25.04
1.0
0.840
-66.6
21.37
11.705
128.8
0.041
53.4
0.633
-37.3
24.56
1.5
0.739
-91.7
19.83
9.802
110.6
0.051
42.4
0.56
-48
22.84
1.9
0.672
-108.6
18.68
8.587
98.5
0.057
36
0.513
-54
21.78
2.0
0.658
-112.7
18.41
8.323
95.8
0.059
34.5
0.503
-55.3
21.49
2.5
0.597
-131.7
17.16
7.21
82.7
0.065
28.4
0.455
-60.9
20.45
3.0
0.554
-149.7
16.04
6.341
70.9
0.069
23
0.409
-65.7
19.63
4.0
0.515
175.4
14.17
5.114
49.1
0.078
13.3
0.328
-76.7
18.17
5.0
0.523
143.7
12.55
4.239
28.6
0.084
3.7
0.267
-90.7
17.03
6.0
0.538
118.2
11.06
3.572
9.6
0.09
-5
0.232
-104.8
14.23
7.0
0.559
96.4
9.78
3.084
-8.4
0.095
-14.7
0.201
-119.6
12.69
8.0
0.579
75.2
8.62
2.699
-25.9
0.098
-24.2
0.162
-127.4
11.32
9.0
0.615
56
7.65
2.413
-43.3
0.107
-31
0.113
-136.5
10.53
10.0
0.690
37.7
6.73
2.171
-62.1
0.117
-44
0.055
160.9
10.46
11.0
0.748
21.7
5.57
1.9
-80.3
0.122
-56.4
0.096
75.9
10.01
12.0
0.787
7.9
4.48
1.675
-97.3
0.126
-68.5
0.164
45.5
9.48
13.0
0.816
-7.3
3.5
1.496
-114.9
0.128
-81.4
0.210
23.7
9.02
14.0
0.841
-22.9
2.55
1.341
-133.5
0.13
-95.1
0.277
3
8.56
15.0
0.867
-37.3
1.15
1.142
-152.1
0.124
-109.2
0.386
-14.3
7.65
16.0
0.862
-50.5
-0.44
0.95
-169
0.118
-121.9
0.483
-26.3
5.86
17.0
0.877
-59.7
-1.83
0.81
176.3
0.116
-133.3
0.555
-39.5
5.25
18.0
0.921
-70
-2.99
0.709
160.6
0.111
-147.1
0.612
-53.9
6.59
Freq
F
min
Γ
opt
Γ
opt
R
n/50
G
a
GHz
dB
Mag.
Ang.
dB
0.5
0.20
0.65
17.6
0.1
25.79
0.9
0.25
0.55
23.6
0.1
23.9
1.0
0.26
0.53
28.3
0.1
23.45
1.9
0.39
0.49
49
0.09
19.94
2.0
0.4
0.48
51.5
0.09
19.6
2.4
0.47
0.38
62
0.08
18.34
3.0
0.56
0.32
79.6
0.07
16.71
3.9
0.69
0.19
120
0.06
14.8
5.0
0.85
0.18
-168.8
0.06
13.14
5.8
0.98
0.22
-135.4
0.08
12.3
6.0
1.01
0.22
-128.7
0.09
12.12
7.0
1.15
0.29
-94.6
0.15
11.38
8.0
1.32
0.35
-66.7
0.25
10.74
9.0
1.47
0.44
-45.7
0.38
10.04
10.0
1.58
0.54
-28.6
0.57
9.1
Notes:
1. F
min
values at 2 GHz and higher are based on measurements while the F
mins
below 2 GHz have been extrapolated. The F
min
values are based on
a set of 16 noise figure measurements made at 16 different impedances using an ATN NP5 test system. From these measurements a true F
min
is
calculated. Refer to the noise parameter application section for more information.
2. S and noise parameters are measured on a microstrip line made on 0.025 inch thick alumina carrier. The input reference plane is at the end of
the gate lead. The output reference plane is at the end of the drain lead. The parameters include the effect of four plated through via holes con-
necting source landing pads on top of the test carrier to the microstrip ground plane on the bottom side of the carrier. Two 0.020 inch diameter
via holes are placed within 0.010 inch from each source lead contact point, one via on each side of that point.
Typical Noise Parameters, V
DS = 2.7V, IDS = 20 mA
Figure 30. MSG/MAG and |S21|
2 vs.
Frequency at 2.7V, 20 mA.
MSG
|S21|
2
FREQUENCY (GHz)
020
10
515
40
35
30
25
20
15
10
5
0
-5
MAG


Similar Part No. - ATF-55143

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ATF-55143 BOARDCOM-ATF-55143 Datasheet
164Kb / 20P
   Low Noise Enhancement Mode Pseudomorphic HEMT
logo
Agilent(Hewlett-Packard...
ATF-55143-BLK HP-ATF-55143-BLK Datasheet
190Kb / 22P
   Agilent ATF-55143 Low Noise Enhancement Mode Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
AVAGO TECHNOLOGIES LIMI...
ATF-55143-BLKG AVAGO-ATF-55143-BLKG Datasheet
164Kb / 20P
   Low Noise Enhancement Mode Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
Agilent(Hewlett-Packard...
ATF-55143-TR1 HP-ATF-55143-TR1 Datasheet
190Kb / 22P
   Agilent ATF-55143 Low Noise Enhancement Mode Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
AVAGO TECHNOLOGIES LIMI...
ATF-55143-TR1G AVAGO-ATF-55143-TR1G Datasheet
164Kb / 20P
   Low Noise Enhancement Mode Pseudomorphic HEMT in a Surface Mount Plastic Package
More results

Similar Description - ATF-55143

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ATF-541M4 BOARDCOM-ATF-541M4 Datasheet
226Kb / 16P
   Low Noise Enhancement Mode Pseudomorphic HEMT
ATF-54143 BOARDCOM-ATF-54143 Datasheet
142Kb / 16P
   Low Noise Enhancement Mode Pseudomorphic HEMT
ATF-58143 BOARDCOM-ATF-58143 Datasheet
126Kb / 9P
   Low Noise Enhancement Mode Pseudomorphic HEMT
logo
AVAGO TECHNOLOGIES LIMI...
ATF-541M4 AVAGO-ATF-541M4 Datasheet
226Kb / 16P
   Low Noise Enhancement Mode Pseudomorphic HEMT
ATF-551M4 AVAGO-ATF-551M4 Datasheet
888Kb / 23P
   Low Noise Enhancement Mode Pseudomorphic HEMT
logo
Broadcom Corporation.
ATF-55143 BOARDCOM-ATF-55143 Datasheet
164Kb / 20P
   Low Noise Enhancement Mode Pseudomorphic HEMT
logo
AVAGO TECHNOLOGIES LIMI...
ATF-54143 AVAGO-ATF-54143_15 Datasheet
142Kb / 16P
   Low Noise Enhancement Mode Pseudomorphic HEMT
ATF-58143 AVAGO-ATF-58143 Datasheet
126Kb / 9P
   Low Noise Enhancement Mode Pseudomorphic HEMT
ATF-53189 AVAGO-ATF-53189_15 Datasheet
514Kb / 17P
   Enhancement Mode Pseudomorphic HEMT
ATF-50189 AVAGO-ATF-50189 Datasheet
430Kb / 22P
   Enhancement Mode Pseudomorphic HEMT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com