Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ATF-53189 Datasheet(PDF) 15 Page - AVAGO TECHNOLOGIES LIMITED

Part No. ATF-53189
Description  Enhancement Mode Pseudomorphic HEMT
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ATF-53189 Datasheet(HTML) 15 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ATF-53189_15 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ATF-53189_15 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ATF-53189_15 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ATF-53189_15 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ATF-53189_15 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ATF-53189_15 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED ATF-53189_15 Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED ATF-53189_15 Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED ATF-53189_15 Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
15
Device Models, PCB Layout and Stencil Device
Refer to Avago’s Web Site: http://www.avagotech.com/pages/en/rf_microwave
SOT89 Package Dimensions
Dimensions in mm
Dimensions in inches
Symbols
Minimum
Nominal
Maximum
Minimum
Nominal
Maximum
A
1.40
1.50
1.60
0.055
0.059
0.063
L
0.89
1.04
1.20
0.0350
0.041
0.047
b
0.36
0.42
0.48
0.014
0.016
0.018
b1
0.41
0.47
0.53
0.016
0.018
0.030
C
0.38
0.40
0.43
0.014
0.015
0.017
D
4.40
4.50
4.60
0.173
0.177
0.181
D1
1.40
1.60
1.75
0.055
0.062
0.069
D2
1.45
1.65
1.80
0.055
0.062
0.069
E
3.94
-
4.25
0.155
-
0.167
E1
2.40
2.50
2.60
0.094
0.098
0.102
e1
2.90
3.00
3.10
0.114
0.118
0.122
S
0.65
0.75
0.85
0.026
0.030
0.034
e
1.40
1.50
1.60
0.054
0.059
0.063
MATTE FINISH
POLISH
POLISH
D
D1
E1
E
L
b
e
e1
S
C
b1
b
A
OR
D2
D1
b1
HALF ETCHING
1.625
DEPTH 0.100
E
D
D1
E1
E
L
e
e1
S
OR
Part Number Ordering Information
Part Number
No of devices
Container
ATF-53189-BLKG
100
7” Tape/Reel
ATF-53189-TR1G
3000
13” Tape/Reel


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn