Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ATF-53189 Datasheet(PDF) 12 Page - AVAGO TECHNOLOGIES LIMITED

Part No. ATF-53189
Description  Enhancement Mode Pseudomorphic HEMT
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ATF-53189 Datasheet(HTML) 12 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ATF-53189_15 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ATF-53189_15 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ATF-53189_15 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ATF-53189_15 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ATF-53189_15 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ATF-53189_15 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ATF-53189_15 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED ATF-53189_15 Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED ATF-53189_15 Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
12
Notes:
1. F
min values at 2 GHz and higher are based on measurements while the Fmin below 2 GHz have been extrapolated. The Fmin values are based on
a set of 16 noise figure measurements made at 16 different impedances using an ATN NP5 test system. From these measurements a true Fmin
is calculated. Refer to the noise parameter application section for more information.
2. S and noise parameters are measured on a microstrip line made on 0.025 inch thick alumina carrier. The input reference plane is at the end of
the gate lead. The output reference plane is at the end of the drain lead.
ATF-53189 Typical Scattering and Noise Parameters at 25°C, V
DS = 4.0V, IDS = 75 mA
Freq.
GHz
S
11
S
21
S
12
S
22
MSG/MAG
dB
Mag.
Ang.
dB
Mag.
Ang.
dB
Mag.
Ang.
Mag.
Ang.
0.1
0.926
-80.9
33.5
47.17
135.8
-35.9
0.016
51.6
0.389
-96
34.7
0.2
0.891
-121.5
29.9
31.192
114.3
-33.2
0.022
34.6
0.447
-131.4
31.5
0.3
0.882
-142.5
27.0
22.457
102.7
-32.0
0.025
26.7
0.471
-147.6
29.5
0.4
0.879
-155.4
24.8
17.36
94.8
-31.7
0.026
22.2
0.482
-157
28.2
0.5
0.885
-169.7
21.7
12.12
88.9
-32.8
0.023
19.7
0.551
-172.5
27.2
0.6
0.886
-175.4
20.1
10.145
85
-32.4
0.024
19
0.555
-176
26.3
0.7
0.886
-180
18.8
8.743
81.6
-32.4
0.024
18.6
0.557
-178.8
25.6
0.8
0.886
176.1
17.7
7.695
78.4
-32.0
0.025
18.5
0.557
178.7
24.9
0.9
0.885
172.5
16.8
6.883
75.3
-31.7
0.026
18.4
0.555
176.5
24.2
1.0
0.887
169.3
15.9
6.209
72.4
-31.7
0.026
18.3
0.554
174.4
23.8
1.5
0.884
155.1
12.5
4.212
58.8
-30.5
0.03
17.8
0.548
165.1
21.5
2.0
0.884
142.1
10.1
3.21
45.7
-29.1
0.035
15.6
0.538
156.3
19.2
2.5
0.88
129.1
8.4
2.618
32.5
-28.0
0.04
11.2
0.532
147.4
16.2
3.0
0.875
115.5
7.0
2.246
18.9
-27.1
0.044
4.9
0.532
139
14.4
3.5
0.882
106.2
6.1
2.018
8.1
-26.7
0.046
-1.1
0.549
130.5
13.8
4.0
0.889
96.8
5.1
1.791
-2.8
-26.6
0.047
-7.1
0.567
122
13.0
5.0
0.903
78.1
2.5
1.337
-24.5
-26.0
0.05
-19
0.603
105.1
11.1
6.0
0.917
59.4
-1.1
0.882
-46.2
-25.5
0.053
-31
0.638
88.1
8.2
7.0
0.947
43.5
-3.6
0.658
-65.5
-26.2
0.049
-42.2
0.681
75.1
7.9
8.0
0.959
31.7
-6.0
0.501
-83.3
-26.7
0.046
-53.9
0.725
61.6
7.2
9.0
0.941
23.4
-8.6
0.37
-98.9
-28.4
0.038
-65.8
0.77
48.2
4.0
10.0
0.946
14.1
-10.7
0.292
-114.3
-29.6
0.033
-82.9
0.805
36.9
3.3
11.0
0.936
3.1
-12.5
0.236
-131.4
-33.2
0.022
-116.4
0.826
27.2
1.7
12.0
0.914
-3.7
-14.2
0.194
-146
-37.7
0.013
-159.1
0.843
17.2
-0.7
13.0
0.951
-14.9
-16.2
0.154
-166.9
-37.7
0.013
104.3
0.843
8
-0.3
14.0
0.948
-19.8
-18.3
0.121
-175.3
-39.2
0.011
56.9
0.85
1.2
-2.9
15.0
0.937
-21.1
-19.0
0.112
176.1
-40.9
0.009
79.5
0.877
-4.2
-3.5
16.0
0.949
-24.5
-19.7
0.104
167.9
-43.1
0.007
74.4
0.878
-8.2
-3.2
17.0
0.947
-32.9
-18.6
0.118
154.7
-37.7
0.013
117.9
0.887
-13.1
-1.6
18.0
0.906
-45.1
-17.8
0.129
138.1
-33.6
0.021
111.8
0.862
-21.1
-4.1
Figure 38. MSG/MAG & |S21|2 vs. and
Frequency at 4.0V/75 mA.
FREQUENCY (GHz)
018
24
68
10
12 14
16
40
30
20
10
0
-10
-20
-30
S21
MAG
MSG
Freq
GHz
Fmin
dB
Gamma Opt
Rn/50
Ga
dB
Mag
Ang
0.5
0.9
1.0
1.5
2.0
2.4
3.0
3.5
5.0
5.8
6.0
7.0
8.0
9.0
10.0
0.32
0.41
0.43
0.49
0.56
0.61
0.69
0.75
0.95
1.05
1.08
1.21
1.34
1.47
1.60
0.175
0.224
0.235
0.306
0.375
0.428
0.507
0.569
0.738
0.814
0.831
0.907
0.961
0.992
0.996
127.6
143.8
148.3
173.6
-163.6
-147.2
-125.3
-109.3
-72.0
-57.4
-54.2
-40.5
-29.3
-19.3
-8.9
0.05
0.04
0.03
0.03
0.03
0.04
0.08
0.14
0.20
0.24
0.24
0.30
0.60
0.71
1.01
26.45
21.98
21.50
18.55
16.33
15.18
13.86
12.68
10.81
10.64
9.97
9.25
7.78
6.96
4.46


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn