Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ATF-53189 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part No. ATF-53189
Description  Enhancement Mode Pseudomorphic HEMT
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ATF-53189 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  ATF-53189_15 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ATF-53189_15 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ATF-53189_15 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ATF-53189_15 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ATF-53189_15 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ATF-53189_15 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ATF-53189_15 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ATF-53189_15 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ATF-53189_15 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
ATF-53189
Enhancement Mode[1] Pseudomorphic HEMT
in SOT 89 Package
Data Sheet
Features
• Single voltage operation
• High Linearity and Gain
• Low Noise Figure
• Excellent uniformity in product specifications
• SOT 89 standard package
• Point MTTF > 300 years[2]
• MSL-2 and lead-free
• Tape-and-Reel packaging option available
Specifications
2 GHz, 4.0V, 135 mA (Typ.)
• 40.0 dBm Output IP3
• 23.0 dBm Output Power at 1dB gain compression
• 0.85 dB Noise Figure
• 15.5 dB Gain
• 46% PAE at P1dB
• LFOM[3] 12.7 dB
Applications
• Front-end LNA Q1 and Q2, Driver or Pre-driver Ampli-
fier for Cellular/PCS and WCDMA wireless infrastruc-
ture
• Driver Amplifier for WLAN, WLL/RLL and MMDS ap-
plications
• General purpose discrete E-pHEMT for other high
linearity applications
Notes:
Package marking provides orientation and identification:
“3G” = Device Code
“x” = Month code indicates the month of manufacture.
D = Drain
S = Source
G = Gate
Notes:
1. Enhancement mode technology employs a single positive V
gs,
eliminating the need of negative gate voltage associated with
conventional depletion mode devices.
2. Refer to reliability datasheet for detailed MTTF data.
3. Linearity Figure of Merit (LFOM) is OIP3 divided by DC bias power.
Description
Avago Technologies’s ATF-53189 is a single-voltage high
linearity, low noise E-pHEMT FET packaged in a low cost
surface mount SOT89 package. The device is ideal as a
high-linearity, low noise, medium-power amplifier. Its
operating frequency range is from 50 MHz to 6 GHz.
ATF-53189 is ideally suited for Cellular/PCS and WCDMA
wireless infrastructure,WLAN,WLL and MMDS application,
and general-purpose discrete E-pHEMT amplifiers that
require medium power and high linearity. All devices are
100% RF and DC tested.
Pin Connections and Package Marking
3GX
Top View
RFin
GND
RFout
#1
#2
#3
Bottom View
RFout
GND
RFin
#3
#2
#1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn