Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ATF-53189 Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part No. ATF-53189
Description  Enhancement Mode Pseudomorphic HEMT
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ATF-53189 Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ATF-53189_15 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ATF-53189_15 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ATF-53189_15 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ATF-53189_15 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ATF-53189_15 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ATF-53189_15 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ATF-53189_15 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ATF-53189_15 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ATF-53189_15 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
Pin (dBm)
Pin (dBm)
30
5
10
15
20
25
0
60
10
20
30
40
50
0
60
10
20
30
40
50
0
60
10
20
30
40
50
0
60
10
20
30
40
50
0
FREQUENCY (GHz)
0.5
6.5
1.5
2.5
3.5
4.5
5.5
-40C
25C
80C
FREQUENCY (GHz)
0.5
6.5
1.5
2.5
3.5
4.5
5.5
-40C
25C
80C
FREQUENCY (GHz)
0.5
6.5
1.5
2.5
3.5
4.5
5.5
-40C
25C
80C
FREQUENCY (GHz)
0.5
6.5
1.5
2.5
3.5
4.5
5.5
-40C
25C
80C
-6
22
-2
2
6
10
14
18
-6
22
-2
2
6
10
14
18
Gain_5V
Pout_5V
PAE_5V
30
5
10
15
20
25
0
Gain_4V
Pout_4V
PAE_4V
46
36
38
40
42
44
34
18
8
10
12
14
16
4
10
6
50
25
30
35
40
45
20
25
20
21
22
23
24
ATF-53189 Typical Performance Curves, continued
Tuned for Optimal OIP3 at Vd = 4.0V, Ids = 135 mA, Over Temperature and Frequency
ATF-53189 Typical Performance Curves (at 25°C unless specified otherwise), continued
Tuned for Optimal OIP3 at Vd = 4.0V, Ids = 135 mA.
Note:
Bias current for the above charts are quiescent conditions. Actual level may increase depending on amount of RF drive.
Figure 25. Small Signal Gain/Pout/PAE vs. Pin at Vds=4V and Freq=5.8 GHz
Figure 26. Small Signal Gain/Pout/PAE vs. Pin at Vds=5V and Freq=5.8 GHz
Figure 27. OIP3 vs. Temperature and Frequency at optimum OIP3
Figure 28. Gain vs. Temperature and Frequency at optimum OIP3
Figure 29. PAE vs. Temperature and Frequency at optimum OIP3
Figure 30. P1dB vs. Temperature and Frequency at optimum OIP3


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn