Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ATF-53189 Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part No. ATF-53189
Description  Enhancement Mode Pseudomorphic HEMT
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ATF-53189 Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ATF-53189_15 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ATF-53189_15 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ATF-53189_15 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ATF-53189_15 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ATF-53189_15 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ATF-53189_15 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ATF-53189_15 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ATF-53189_15 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ATF-53189_15 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
Note:
Bias current for the above charts are quiescent conditions. Actual level may increase depending on amount of RF drive.
ATF-53189 Typical Performance Curves (at 25°C unless specified otherwise), continued
Tuned for Optimal OIP3 at Vd = 4.0V, Ids = 135 mA.
Pin (dBm)
-10
14
-6
-2
2
6
10
Gain_3V
Pout_3V
PAE_3V
Pin (dBm)
-10
14
-6
-2
2
6
10
Gain_5V
Pout_5V
PAE_5V
Pin (dBm)
-10
18
-6
-2
2
6
10
14
Gain_3V
Pout_3V
PAE_3V
30
5
10
15
20
25
0
60
10
20
30
40
50
0
60
10
20
30
40
50
0
60
10
20
30
40
50
0
60
10
20
30
40
50
0
60
10
20
30
40
50
0
60
10
20
30
40
50
0
30
5
10
15
20
25
0
30
5
10
15
20
25
0
-10
18
-6
-2
2
6
10
14
Gain_4V
Pout_4V
PAE_4V
-10
18
-6
-2
2
6
10
14
Gain_5V
Pout_5V
PAE_5V
-6
22
-2
2
6
10
14
18
Gain_3V
Pout_3V
PAE_3V
Pin (dBm)
60
10
20
30
40
50
0
60
10
20
30
40
50
0
30
5
10
15
20
25
0
Pin (dBm)
60
10
20
30
40
50
0
60
10
20
30
40
50
0
30
5
10
15
20
25
0
Pin (dBm)
60
10
20
30
40
50
0
60
10
20
30
40
50
0
30
5
10
15
20
25
0
Figure 19. Small Signal Gain/Pout/PAE vs. Pin at Vds=4V and Freq = 2 GHz
Figure 20. Small Signal Gain/Pout/PAE vs. Pin at Vds=5V and Freq = 2 GHz
Figure 21. Small Signal Gain/Pout/PAE vs. Pin at Vds=3V and Freq=3.9 GHz
Figure 22. Small Signal Gain/Pout/PAE vs. Pin at Vds=4V and Freq=3.9 GHz
Figure 23. Small Signal Gain/Pout/PAE vs. Pin at Vds=5V and Freq=3.9 GHz
Figure 24. Small Signal Gain/Pout/PAE vs. Pin at Vds=3V and Freq=5.8 GHz


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn