Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF-531P8 Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # ATF-531P8
Description  High Linearity Enhancement Mode
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ATF-531P8 Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ATF-531P8 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ATF-531P8 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ATF-531P8 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ATF-531P8 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ATF-531P8 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ATF-531P8 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ATF-531P8 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ATF-531P8 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ATF-531P8 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
Freq
F
min
Γ
opt
Γ
opt
R
n/50
G
a
GHz
dB
Mag.
Ang.
dB
0.5
0.15
0.10
130.00
0.016
27.97
0.9
0.20
0.15
135.00
0.019
23.50
1
0.22
0.20
143.00
0.019
23.02
1.5
0.30
0.30
148.00
0.022
20.07
2
0.36
0.35
154.10
0.024
17.85
2.4
0.44
0.43
168.70
0.022
16.35
3
0.50
0.47
179.30
0.022
15.29
3.5
0.55
0.58
‑170.80
0.019
14.11
3.9
0.63
0.60
‑164.80
0.024
14.01
5
0.80
0.67
‑150.90
0.050
11.92
5.8
0.90
0.72
‑140.80
0.095
11.00
6
0.91
0.72
‑139.50
0.100
10.56
7
1.14
0.71
‑129.10
0.180
9.80
8
1.24
0.74
‑119.90
0.285
9.31
9
1.49
0.74
‑109.70
0.460
8.41
10
1.61
0.76
‑97.30
0.720
7.73
Notes:
1. F
min values at 2 GHz and higher are based on measurements while the Fmins below 2 GHz have been extrapolated. The Fmin values are based on
a set of 16 noise figure measurements made at 16 different impedances using an ATN NP5 test system. From these measurements a true F
min is
calculated.
2. S and noise parameters are measured on a microstrip line made on 0.025 inch thick alumina carrier. The input reference plane is at the end of
the gate lead. The output reference plane is at the end of the drain lead.
Typical Noise Parameters, V
DS = 4V, IDS = 75 mA
Figure 30. MSG/MAG & |S21|2(dB)
@ 4V, 75 mA.
FREQUENCY (GHz)
40
30
20
10
0
-10
0
5
10
15
20
S21
MAG
MSG
ATF-531P8 Typical Scattering Parameters, V
DS = 4V, IDS = 75 mA
Freq.
S
11
S
1
S
1
S

MSG/MAG
GHz
Mag.
Ang.
dB
Mag.
Ang.
dB
Mag.
Ang.
Mag.
Ang.
dB
0.1
0.930
‑51.3
33.70 48.399
152.3
‑37.08 0.014
63.6
0.524
‑45.7
35.39
0.2
0.889
‑88.3
31.65 38.230
132.6
‑32.77 0.023
46.8
0.467
‑80.7
32.21
0.3
0.876
‑111.6
29.58 30.121
120.6
‑31.37 0.027
36.1
0.436
‑103.2
30.48
0.4
0.867
‑127.3
27.71 24.294
112.2
‑30.75 0.029
29.5
0.415
‑119.1
29.23
0.5
0.862
‑137.0
26.18 20.379
106.6
‑30.46 0.030
25.9
0.405
‑128.4
28.32
0.6
0.858
‑144.7
24.81 17.405
101.9
‑30.17 0.031
23.1
0.397
‑136.8
27.49
0.7
0.857
‑151.0
23.62 15.165
98.2
‑29.90 0.032
21.1
0.392
‑143.2
26.76
0.8
0.856
‑156.0
22.54 13.404
95.0
‑29.90 0.032
19.9
0.390
‑148.2
26.22
0.9
0.854
‑160.0
21.59 12.005
92.2
‑29.63 0.033
18.3
0.387
‑152.3
25.61
1
0.857
‑163.5
20.72 10.859
89.8
‑29.63 0.033
18.2
0.384
‑155.6
25.17
1.5
0.853
‑175.7
17.33 7.351
79.8
‑29.12 0.035
16.3
0.380
‑167.2
23.22
1.9
0.853
177.6
15.33 5.839
73.3
‑28.87 0.036
16.5
0.379
‑173.2
22.10
2
0.848
176.2
15.09 5.681
72.0
‑28.64 0.037
16.7
0.360
‑173.8
21.86
2.4
0.846
170.3
13.52 4.742
66.0
‑28.18 0.039
17.0
0.363
‑179.0
20.85
3
0.848
162.4
11.55 3.780
57.5
‑27.74 0.041
17.0
0.369
174.6
19.65
4
0.850
151.6
8.98
2.813
44.3
‑26.94 0.045
16.7
0.385
165.7
16.29
5
0.853
141.4
6.93
2.220
31.5
‑25.85 0.051
15.4
0.405
157.5
13.90
6
0.861
132.3
5.22
1.824
19.4
‑25.04 0.056
12.9
0.426
149.2
12.31
7
0.861
123.8
3.78
1.546
7.5
‑24.01 0.063
9.8
0.447
141.3
10.85
8
0.868
115.6
2.50
1.334
‑4.3
‑23.22 0.069
5.5
0.467
132.8
9.85
9
0.873
107.1
1.51
1.190
‑15.9
‑22.16 0.078
0.4
0.481
124.1
9.15
10
0.875
95.8
0.50
1.059
‑28.8
‑21.41 0.085
‑6.6
0.501
113.3
8.19
11
0.881
85.6
‑0.57 0.937
‑41.2
‑20.63 0.093
‑13.8
0.515
102.9
7.40
12
0.871
74.2
‑1.56 0.836
‑52.5
‑20.00 0.100
‑21.4
0.553
94.5
6.12
13
0.873
63.7
‑2.65 0.737
‑63.9
‑19.66 0.104
‑28.8
0.604
83.4
5.28
14
0.885
57.0
‑3.80 0.646
‑74.0
‑19.17 0.110
‑36.3
0.644
72.5
4.89
15
0.891
47.0
‑4.72 0.581
‑85.2
‑18.79 0.115
‑43.7
0.666
63.7
4.38
16
0.912
43.7
‑5.76 0.515
‑93.5
‑18.56 0.118
‑51.7
0.700
54.2
5.43
17
0.895
32.2
‑7.15 0.439
‑102.3
‑18.49 0.119
‑58.5
0.748
46.0
2.90
18
0.933
21.2
‑8.66 0.369
‑110.5
‑19.02 0.112
‑65.8
0.718
37.8
2.74


Similar Part No. - ATF-531P8

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ATF-531P8 HP-ATF-531P8 Datasheet
142Kb / 16P
   High Linearity Enhancement Mode Pseudomorphic HEMT in 2x2 mm LPCC Package
ATF-531P8-BLK HP-ATF-531P8-BLK Datasheet
142Kb / 16P
   High Linearity Enhancement Mode Pseudomorphic HEMT in 2x2 mm LPCC Package
ATF-531P8-TR1 HP-ATF-531P8-TR1 Datasheet
142Kb / 16P
   High Linearity Enhancement Mode Pseudomorphic HEMT in 2x2 mm LPCC Package
ATF-531P8-TR2 HP-ATF-531P8-TR2 Datasheet
142Kb / 16P
   High Linearity Enhancement Mode Pseudomorphic HEMT in 2x2 mm LPCC Package
logo
Broadcom Corporation.
ATF-531P8ATF-531P8 BOARDCOM-ATF-531P8ATF-531P8 Datasheet
267Kb / 15P
   High Linearity Enhancement Mode[1] Pseudomorphic HEMT
More results

Similar Description - ATF-531P8

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ATF-511P8 AVAGO-ATF-511P8 Datasheet
472Kb / 15P
   High Linearity Enhancement Mode
ATF-521P8 AVAGO-ATF-521P8_15 Datasheet
336Kb / 23P
   High Linearity Enhancement Mode
ATF-501P8 AVAGO-ATF-501P8 Datasheet
804Kb / 22P
   High Linearity Enhancement Mode
ATF-52189 AVAGO-ATF-52189 Datasheet
425Kb / 19P
   High Linearity Mode Enhancement
logo
Agilent(Hewlett-Packard...
ATF-511P8 HP-ATF-511P8 Datasheet
140Kb / 16P
   High Linearity Enhancement Mode
logo
Broadcom Corporation.
ATF-52189 BOARDCOM-ATF-52189 Datasheet
425Kb / 19P
   High Linearity Mode[1] Enhancement
ATF-511P8 BOARDCOM-ATF-511P8 Datasheet
472Kb / 15P
   High Linearity Enhancement Mode[1] Pseudomorphic HEMT
ATF-531P8ATF-531P8 BOARDCOM-ATF-531P8ATF-531P8 Datasheet
267Kb / 15P
   High Linearity Enhancement Mode[1] Pseudomorphic HEMT
ATF-521P8 BOARDCOM-ATF-521P8 Datasheet
336Kb / 23P
   High Linearity Enhancement Mode[1] Pseudomorphic HEMT
ATF-501P8 BOARDCOM-ATF-501P8 Datasheet
804Kb / 22P
   High Linearity Enhancement Mode[1] Pseudomorphic HEMT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com