Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1771EPA Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1771EPA
Description  12V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1771EPA Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1771EPA Datasheet HTML 4Page - Maxim Integrated Products MAX1771EPA Datasheet HTML 5Page - Maxim Integrated Products MAX1771EPA Datasheet HTML 6Page - Maxim Integrated Products MAX1771EPA Datasheet HTML 7Page - Maxim Integrated Products MAX1771EPA Datasheet HTML 8Page - Maxim Integrated Products MAX1771EPA Datasheet HTML 9Page - Maxim Integrated Products MAX1771EPA Datasheet HTML 10Page - Maxim Integrated Products MAX1771EPA Datasheet HTML 11Page - Maxim Integrated Products MAX1771EPA Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
12V or Adjustable, High-Efficiency,
Low IQ, Step-Up DC-DC Controller
8
_______________________________________________________________________________________
increases at low input voltages. However, the supply
current is also reduced because V+ is at a lower volt-
age, and because less energy is consumed while
charging and discharging the external MOSFET’s gate
capacitance. The minimum input voltage is 3V when
using external feedback resistors. With supply voltages
below 5V, bootstrapped mode is recommended.
Note: When using the MAX1771 in non-boot-
strapped mode, there is no preset output operation
because V+ is also the output voltage sense point
for fixed-output operation. External resistors must
be used to set the output voltage. Use 1% external
feedback resistors when operating in adjustable-output
mode (Figures 2b, 2c) to achieve an overall output volt-
age accuracy of ±5%. To achieve highest efficiency,
operate in bootstrapped mode whenever possible.
External Power-Transistor
Control Circuitry
PFM Control Scheme
The MAX1771 uses a proprietary current-limited PFM
control scheme to provide high efficiency over a wide
range of load currents. This control scheme combines the
ultra-low supply current of PFM converters (or pulse skip-
pers) with the high full-load efficiency of PWM converters.
Unlike traditional PFM converters, the MAX1771 uses a
sense resistor to control the peak inductor current. The
device also operates with high switching frequencies
(up to 300kHz), allowing the use of miniature external
components.
As with traditional PFM converters, the power transistor
is not turned on until the voltage comparator senses
the output is out of regulation. However, unlike tradition-
al PFM converters, the MAX1771 switch uses the com-
bination of a peak current limit and a pair of one-shots
that set the maximum on-time (16µs) and minimum off-
time (2.3µs); there is no oscillator. Once off, the mini-
mum off-time one-shot holds the switch off for 2.3µs.
After this minimum time, the switch either 1) stays off if
the output is in regulation, or 2) turns on again if the
output is out of regulation.
Figure 2a. 12V Preset Output, Bootstrapped
Figure 2b. 12V Output, Non-Bootstrapped
Figure 2c. 9V Output, Bootstrapped
MAX1771
VIN = 5V
REF
SHDN
AGND
GND
N
MTD20N03HDL
7
EXT
CS
FB
L1
22
µH
D1
1N5817-22
R1
18k
C4
300
µF
C5
100pF
C3
0.1
µF
5
4
6
1
8
3
2
V+
C1
68
µF
VOUT = 12V
@ 0.5A
R2
127k
RSENSE
40m
C2
0.1
µF
VOUT
VREF
R2 = (R1)
(
-1
)
VREF = 1.5V
MAX1771
REF
SHDN
AGND
GND
N
7
EXT
CS
FB
C1
47
µF
L1
22
µH
D1
1N5817-22
R1
28k
C4
200
µF
C5
100pF
C3
0.1
µF
5
4
6
1
8
3
2
V+
VOUT = 9V
R2
140k
RSENSE
40m
C2
0.1
µF
VOUT
VREF
R2 = (R1)
(
-1
)
VREF = 1.5V
Si9410DY/
MTD20N03HDL
VIN = 4V
MAX1771
VIN = 5V
REF
SHDN
FB
AGND
GND
N
7
EXT
CS
C2
0.1
µF
C1
68
µF
L1
22
µH
D1
1N5817-22
Si9410DY/
MTD20N03HDL
RSENSE
40m
C4
300
µF
C3
0.1
µF
5
4
3
6
1
8
2
V+
VOUT = 12V
@ 0.5A


Similar Part No. - MAX1771EPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1771EVKIT MAXIM-MAX1771EVKIT Datasheet
67Kb / 3P
   fully assembled and tested surface-mount circuit board Evaluation Kit
1995
More results

Similar Description - MAX1771EPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX761 MAXIM-MAX761 Datasheet
122Kb / 12P
   12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Converters
Rev 0; 11/93
MAX770 MAXIM-MAX770 Datasheet
204Kb / 20P
   5V/12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Controllers
Rev 2; 11/96
MAX764 MAXIM-MAX764 Datasheet
132Kb / 12P
   -5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ DC-DC Inverters
Rev 0; 6/94
MAX774 MAXIM-MAX774 Datasheet
163Kb / 16P
   -5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ Inverting DC-DC Controllers
Rev 1; 3/94
MAX775CSA-T MAXIM-MAX775CSA-T Datasheet
312Kb / 16P
   -5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ Inverting DC-to-DC Controllers
Rev 2; 12/02
MAX608 MAXIM-MAX608 Datasheet
136Kb / 12P
   5V or Adjustable, Low-Voltage, Step-Up DC-DC Controller
Rev 0; 9/95
logo
Silicon Standard Corp.
SS6628 SSC-SS6628 Datasheet
554Kb / 7P
   High-Efficiency Step-Up DC/DC Controller
logo
ACE Technology Co., LTD...
ACE705 ACE-ACE705 Datasheet
656Kb / 14P
   High efficiency, Low supply current, step-up DC/DC Controller
VER 1.2
ACE705 ACE-ACE705_12 Datasheet
541Kb / 14P
   High efficiency, Low supply current, step-up DC/DC Controller
VER 1.4
logo
Analog Intergrations Co...
AIC1630A AIC-AIC1630A Datasheet
181Kb / 9P
   HIGH-EFFICIENCY STEP-UP DC/DC CONVERTER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com