Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJWI25 Datasheet(PDF) 3 Page - Minmax Technology Co., Ltd.

Part # MJWI25
Description  fully regulated output voltage
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MJWI25 Datasheet(HTML) 3 Page - Minmax Technology Co., Ltd.

  MJWI25 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MJWI25 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MJWI25 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MJWI25 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MJWI25 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MJWI25 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MJWI25 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MJWI25 Datasheet HTML 8Page - Minmax Technology Co., Ltd. MJWI25 Datasheet HTML 9Page - Minmax Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MJWI25 SERIES
DC/DC CONVERTER 25W, Highest Power Density
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2015/05/22 REV:3
Page 3 of 10
®
Environmental Specifications
Parameter
Conditions/Model
Min.
Max.
Unit
without Heatsink
with Heatsink
Operating Ambient Temperature Range
Natural Convection (8)
Nominal Vin, Load 100% Inom.
(for Power Derating see relative Derating Curves)
MJWI25-48S033
-40
57
65
MJWI25-24S15,MJWI25-48S05
56
64
MJWI25-48S12,MJWI25-48S15
MJWI25-24S033
53
61
MJWI25-24S05, MJWI25-24S12
50
59
MJWI25-24D12, MJWI25-24D15
MJWI25-48D12, MJWI25-48D15
Thermal Impedance
Natural Convection without Heatsink
17.6
---
℃/W
Natural Convection with Heatsink
14.8
---
℃/W
100LFM Convection without Heatsink
13.6
---
℃/W
100LFM Convection with Heatsink
8.5
---
℃/W
200LFM Convection without Heatsink
11.8
---
℃/W
200LFM Convection with Heatsink
6.5
---
℃/W
400LFM Convection without Heatsink
8.8
---
℃/W
400LFM Convection with Heatsink
4.3
---
℃/W
Case Temperature
---
+105
Storage Temperature Range
-50
+125
Humidity (non condensing)
---
95
% rel. H
Cooling
Natural Convection
RFI
Six-Sided shielded, Metal Case
Lead Temperature (1.5mm from case for 10Sec.)
---
260
EMC Specifications
Parameter
Standards & Level
Performance
EMI
Conduction
EN55022, FCC part 15
Class A, Class B
EMS
EN55024
ESD
EN61000-4-2 Air ± 8kV , Contact ± 6kV
A
Radiated immunity
EN61000-4-3 10V/m
A
Fast transient (7)
EN61000-4-4 ±2kV
A
Surge (7)
EN61000-4-5 ±1kV
A
Conducted immunity
EN61000-4-6 10Vrms
A
External Filter meets Conducted EMI EN55022 class A, class B; FCC part 15 level A, level B
Class
Model
C1
C2
C3
C4&C5
L1
Class A
MJWI25-24XXX
None
3.3μF/50V 1210 MLCC
None
None
2.2μH
MJWI25-48XXX
None
3.3μF/100V 1210 MLCC
None
None
4.7μH
Class B
MJWI25-24XXX
3.3μF/50V 1210 MLCC
3.3μF/50V 1210 MLCC
3.3μF/50V 1210 MLCC
1800 pF/2KV 1206 MLCC
2.2μH
MJWI25-48XXX
3.3μF/100V 1210 MLCC
3.3μF/100V 1210 MLCC
3.3μF/100V 1210 MLCC
1800 pF/2KV 1206 MLCC
4.7μH
MJWI25 Module
+Vout
-Vout
+Vin
-Vin
C5
C4
L1
C3
C2
C1


Similar Part No. - MJWI25

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MJWI25-24D15 MINMAX-MJWI25-24D15 Datasheet
374Kb / 10P
   DC/DC CONVERTER 25W, Highest Power Density 1
logo
Total Power Internation...
MJWI25-24D15 TOTAL-POWER-MJWI25-24D15 Datasheet
539Kb / 10P
   Highest Power Density
More results

Similar Description - MJWI25

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MFW03 MINMAX-MFW03 Datasheet
601Kb / 5P
   fully regulated output voltage
MIDER03-HI MINMAX-MIDER03-HI Datasheet
591Kb / 4P
   fully regulated output voltage
MIE03-HI MINMAX-MIE03-HI Datasheet
733Kb / 4P
   fully regulated output voltage
MIE06-HI MINMAX-MIE06-HI Datasheet
728Kb / 4P
   fully regulated output voltage
MIW10 MINMAX-MIW10 Datasheet
533Kb / 5P
   fully regulated output voltage
MKE20-HI MINMAX-MKE20-HI Datasheet
409Kb / 5P
   fully regulated output voltage
MFW02 MINMAX-MFW02 Datasheet
407Kb / 5P
   fully regulated output voltage
MJWI15 MINMAX-MJWI15 Datasheet
502Kb / 10P
   fully regulated output voltage
MKE15-HI MINMAX-MKE15-HI Datasheet
418Kb / 5P
   fully regulated output voltage
MIEI03-HI MINMAX-MIEI03-HI Datasheet
713Kb / 4P
   fully regulated output voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com