Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1773EUP Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1773EUP
Description  Power Source Selector for Dual-Battery Systems
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1773EUP Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1773EUP Datasheet HTML 1Page - Maxim Integrated Products MAX1773EUP Datasheet HTML 2Page - Maxim Integrated Products MAX1773EUP Datasheet HTML 3Page - Maxim Integrated Products MAX1773EUP Datasheet HTML 4Page - Maxim Integrated Products MAX1773EUP Datasheet HTML 5Page - Maxim Integrated Products MAX1773EUP Datasheet HTML 6Page - Maxim Integrated Products MAX1773EUP Datasheet HTML 7Page - Maxim Integrated Products MAX1773EUP Datasheet HTML 8Page - Maxim Integrated Products MAX1773EUP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Power Source Selector for
Dual-Battery Systems
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VBATA, VBATB to GND ............................................-0.3V to +20V
VCOMA to GND........................................-0.3V to (VBATA + 0.3V)
VCOMB to GND........................................-0.3V to (VBATB + 0.3V)
VCHGA, VCHGB, VEXTLD, VACDET to GND ..............-0.3V to +30V
VPDS, VDISA, VDISB to GND ...................-0.3V to (VEXTLD + 0.3V)
VDD, VBATSEL, V ACPRES, VBATSTAT, VTCOMP,
VMINV to GND.......................................................-0.3V to +6V
VTHMA, VTHMB (Note 1)............................................ -0.3V to +6V
Continuous Current out of THMA, THMB............................20mA
I ACPRES, IBATSTAT Sink Current..........................................30mA
Continuous Power Dissipation (TA = +70°C)
20-Pin TSSOP (derate 7.0mW/°C above +70°C) ........560mW
Operating Temperature ......................................-40°C to +85°C
Storage Temperature ........................................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS
(VBATA = VBATB = 16.8V, CVDD = 3.3µF, VMINV = 0.93V, VEXTLD = VACDET = 28V, VTCOMP = 3V, VTHMA = VTHMB = 1.65V,
VBATSEL = 0, CCOMA = CCOMB = CDISA = CDISB = CCHGA = CCHGB = CPDS = 5nF, TA = 0°C to +85°C, unless otherwise noted.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
EXTLD Supply Voltage Range
VEXTLD > VBATA and VBATB
4.75
28.00
V
BATA, BATB Supply Voltage Range
4.75
19.00
V
VACDET = 28V
5
8
BATA, BATB Quiescent Current
(Current from the higher voltage supply)
VBATA = 4.75V to 19V,
VBATB = 4.75V to 19V,
IVDD = 0
VACDET = 2.2V to
VBATA and VBATB
40
70
µA
VACDET = 28V
5
8
BATA, BATB Quiescent Current
(Current from the lower voltage supply)
VBATA = 4.75V to 19V,
VBATB = 4.75V to 19V,
IVDD = 0
VACDET = 2.2V to
VBATA and VBATB
813
µA
VACDET = 28V, VEXTLD = 28V
35
55
EXTLD Quiescent Current
VACDET= 2.2V to VBATA and VBATB,
VEXTLD = 16V
58
µA
LINEAR REGULATOR
IVDD = 0 to 100µA
3.234
3.3
3.367
VDD Output Voltage
IVDD = 100µA to 1mA
3.168
3.3
3.432
V
VBATA or VBATB = 5V to 19V, VEXTLD = 5V
1.0
VBATA = VBATB = 5V, VEXTLD = 5V to 28V
1.0
VDD Power-Supply Rejection Ratio
VBATA, VBATB, or VEXTLD = 5V to 19V,
sawtooth at 10V/µs, other supplies = 12V
1
mV/V
VDD Undervoltage Lockout
Hysteresis is typically 50mV
2.0
2.5
3.0
V
COMPARATORS
TCOMP Undervoltage Lockout
(Note 2)
0
1.1
V
THM_ Input Voltage Range
0
5.5
V
THM_ Input Leakage Current
VTHM_ = 5.5V
0.1
100
nA
VTHMA = VTHMB = 0 to 5.5V
0
5.5
TCOMP Input Voltage Range
VTHMA = VTHMB = 0 to 5.5V, VBATA = VBATB
= VEXTLD = 4.75V
0
4.3
V
Note 1: Signals on THMA and THMB below -0.3V are clamped by internal diodes limit forward diode current to maximum continuous current. When voltage
on these pins is below -0.3V.


Similar Part No. - MAX1773EUP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX177 MAXIM-MAX177 Datasheet
132Kb / 4P
   CMOS 10-Bit A/D Converter with Track-and-Hold
MAX17702 MAXIM-MAX17702 Datasheet
1Mb / 35P
   4.5V to 60V, Synchronous Step-Down LeadAcid Battery Charger Controller
Rev 0; 4/21
MAX17702EVKITA MAXIM-MAX17702EVKITA Datasheet
1Mb / 15P
   MAX17702 in 13.8V Lead-Acid Battery Charger Application
Rev 0; 4/21
MAX17703 MAXIM-MAX17703 Datasheet
1Mb / 33P
   4.5V to 60V, Synchronous Step-Down Li-Ion Battery Charger Controller
Rev 0; 4/21
MAX17703EVKITA MAXIM-MAX17703EVKITA Datasheet
1Mb / 15P
   MAX17703 in 4.2V Li-Ion Battery Charger Application
Rev 0; 4/21
More results

Similar Description - MAX1773EUP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1538 MAXIM-MAX1538 Datasheet
495Kb / 22P
   Power-Source Selector for Dual-Battery Systems
Rev 0; 1/04
logo
Intersil Corporation
ISL6256HRZ INTERSIL-ISL6256HRZ Datasheet
837Kb / 26P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
September 14, 2010
ISL6255 INTERSIL-ISL6255 Datasheet
804Kb / 22P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
ISL6255 INTERSIL-ISL6255_06 Datasheet
659Kb / 22P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
logo
Renesas Technology Corp
ISL6255 RENESAS-ISL6255 Datasheet
1Mb / 22P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
ISL6256 RENESAS-ISL6256 Datasheet
1Mb / 26P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
logo
Intersil Corporation
ISL6255HRZ INTERSIL-ISL6255HRZ Datasheet
654Kb / 22P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
May 23, 2006
ISL6256 INTERSIL-ISL6256 Datasheet
838Kb / 26P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
logo
Linear Technology
LTC1479 LINER-LTC1479 Datasheet
466Kb / 24P
   PowerPath Controller for Dual Battery Systems
LTC1479 LINER-LTC1479_15 Datasheet
384Kb / 24P
   PowerPath Controller for Dual Battery Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com