Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1771CSA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1771CSA
Description  12V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1771CSA Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1771CSA Datasheet HTML 2Page - Maxim Integrated Products MAX1771CSA Datasheet HTML 3Page - Maxim Integrated Products MAX1771CSA Datasheet HTML 4Page - Maxim Integrated Products MAX1771CSA Datasheet HTML 5Page - Maxim Integrated Products MAX1771CSA Datasheet HTML 6Page - Maxim Integrated Products MAX1771CSA Datasheet HTML 7Page - Maxim Integrated Products MAX1771CSA Datasheet HTML 8Page - Maxim Integrated Products MAX1771CSA Datasheet HTML 9Page - Maxim Integrated Products MAX1771CSA Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
12V or Adjustable, High-Efficiency,
Low IQ, Step-Up DC-DC Controller
6
_______________________________________________________________________________________
2ms/div
IOUT = 500mA, VIN = 5V
A: SHDN, 5V/div
B: VOUT, 5V/div
A
B
0V
0V
ENTERING/EXITING SHUTDOWN
5V
______________________________________________________________Pin Description
____________________________Typical Operating Characteristics (continued)
(Circuit of Figure 2a, TA = +25°C, unless otherwise noted.)
PIN
NAME
FUNCTION
1
EXT
Gate Drive for External N-Channel Power Transistor
2
V+
3
FB
4
SHDN
5
REF
6
AGND
Analog Ground
7
GND
High-Current Ground Return for the Output Driver
8
CS
Power-Supply Input. Also acts as a voltage-sense point when in bootstrapped mode.
Feedback Input for Adjustable-Output Operation. Connect to ground for fixed-output operation.
Use a resistor divider network to adjust the output voltage. See
Setting the Output Voltage section.
Active-High TTL/CMOS Logic-Level Shutdown Input. In shutdown mode, VOUT is a diode drop
below V+ (due to the DC path from V+ to the output) and the supply current drops to 5
µA
maximum. Connect to ground for normal operation.
1.5V Reference Output that can source 100
µA for external loads. Bypass to GND with 0.1µF.
The reference is disabled in shutdown.
Positive Input to the Current-Sense Amplifier. Connect the current-sense resistor between CS
and GND.


Similar Part No. - MAX1771CSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1771 MAXIM-MAX1771 Datasheet
67Kb / 3P
   fully assembled and tested surface-mount circuit board Evaluation Kit
1995
MAX17710 MAXIM-MAX17710 Datasheet
1Mb / 8P
   MAX17710 Evaluation Kit
Rev 1; 10/11
MAX17710 MAXIM-MAX17710 Datasheet
1Mb / 17P
   Energy-Harvesting Charger and Protector Lithium Cell Undervoltage Protection
Rev 0; 6/11
MAX17710 MAXIM-MAX17710 Datasheet
1Mb / 17P
   Energy-Harvesting Charger and Protector
Rev 1; 7/11
MAX17710 MAXIM-MAX17710 Datasheet
1Mb / 18P
   Energy-Harvesting Charger and Protector
Rev 2; 12/12
More results

Similar Description - MAX1771CSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX761 MAXIM-MAX761 Datasheet
122Kb / 12P
   12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Converters
Rev 0; 11/93
MAX770 MAXIM-MAX770 Datasheet
204Kb / 20P
   5V/12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Controllers
Rev 2; 11/96
MAX764 MAXIM-MAX764 Datasheet
132Kb / 12P
   -5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ DC-DC Inverters
Rev 0; 6/94
MAX774 MAXIM-MAX774 Datasheet
163Kb / 16P
   -5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ Inverting DC-DC Controllers
Rev 1; 3/94
MAX775CSA-T MAXIM-MAX775CSA-T Datasheet
312Kb / 16P
   -5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ Inverting DC-to-DC Controllers
Rev 2; 12/02
MAX608 MAXIM-MAX608 Datasheet
136Kb / 12P
   5V or Adjustable, Low-Voltage, Step-Up DC-DC Controller
Rev 0; 9/95
logo
Silicon Standard Corp.
SS6628 SSC-SS6628 Datasheet
554Kb / 7P
   High-Efficiency Step-Up DC/DC Controller
logo
ACE Technology Co., LTD...
ACE705 ACE-ACE705 Datasheet
656Kb / 14P
   High efficiency, Low supply current, step-up DC/DC Controller
VER 1.2
ACE705 ACE-ACE705_12 Datasheet
541Kb / 14P
   High efficiency, Low supply current, step-up DC/DC Controller
VER 1.4
logo
Analog Intergrations Co...
AIC1630A AIC-AIC1630A Datasheet
181Kb / 9P
   HIGH-EFFICIENCY STEP-UP DC/DC CONVERTER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com