Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAF-03 Datasheet(PDF) 1 Page - Minmax Technology Co., Ltd.

Part # AAF-03
Description  Fully Encapsulated Plastic Case for PCB Mounting
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

AAF-03 Datasheet(HTML) 1 Page - Minmax Technology Co., Ltd.

  AAF-03 Datasheet HTML 1Page - Minmax Technology Co., Ltd. AAF-03 Datasheet HTML 2Page - Minmax Technology Co., Ltd. AAF-03 Datasheet HTML 3Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AAF-03 SERIES
AC/DC Power Module 3W
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2015/05/22 REV:5
Page 1 of 3
FEATURES
Fully Encapsulated Plastic Case for PCB Mounting
Universal Input 85~264VAC, 47~440Hz
Protection Class II as per IEC/EN 60536
Operating Temp. Range -25°C to +70°C
Overload/Voltage and Short Circuit Protection
EMI Emission meets EN55011/22 Class B & FCC Level B
EMC Immunity meets EN61000-4-2,3,4,5,6,8,11
Eco Design, Low No Load Power Consumption < 150mW
UL/cUL/IEC/EN 60950-1, TUV/IEC/EN60335-1 Safety Approval
CE Marking with EMC and LVD
PRODUCT OVERVIEW
The new AAF-03 Series from MINMAX is a range of ultra-small,fully encapsulated 3 Watt AC/DC power supply modules.They are designed for easy PCB
mounting with solder pins.The modules feature EMI-filter to meet EN 55011/55022,class B and EN 55014.EMC immunity complies with EN 61000-6-1.The
low stand-by power consumption complies with European ErP Directive 2009/125/EC.
Universal input voltage range of 85-264VAC and an International safety approval package qualifies the power modules for worldwide markets.
The AAF-03 series provide a cost effective solution for space critical applications in consumer appliances and instrumentation and communication
equipment.
Model Selection Guide
Model
Number
Output
Voltage
Output Current
Input Current
Max. capacitive
Load
Efficiency
(typ.)
Max.
Peak(1)
@Max. Load
@Max. Load
VDC
mA
mA
mA(typ.)
μF
%
AAF-03S03
3.3
900
1170
62
1200
70
AAF-03S05
5
600
780
61
820
72
AAF-03S09
9
333
430
57
470
77
AAF-03S12
12
250
320
56
330
78
AAF-03S15
15
200
260
56
270
78
AAF-03S24
24
125
160
56
180
78
Input Specifications
Parameter
Model
Min.
Typ.
Max.
Unit
Input Voltage Range
All Models
85
---
264
VAC
Input Frequency Range
47
---
63
Hz
Input Voltage Range
120
---
370
VDC
No-Load Power Consumption
---
---
150
mW
Inrush Current (Cold Start at 25℃)
115VAC
---
---
15
A
230VAC
---
---
25
A


Similar Part No. - AAF-03

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
AAF-03S03 MINMAX-AAF-03S03 Datasheet
477Kb / 3P
   AC/DC Power Module 3W
AAF-03S05 MINMAX-AAF-03S05 Datasheet
477Kb / 3P
   AC/DC Power Module 3W
AAF-03S09 MINMAX-AAF-03S09 Datasheet
477Kb / 3P
   AC/DC Power Module 3W
AAF-03S12 MINMAX-AAF-03S12 Datasheet
477Kb / 3P
   AC/DC Power Module 3W
AAF-03S15 MINMAX-AAF-03S15 Datasheet
477Kb / 3P
   AC/DC Power Module 3W
More results

Similar Description - AAF-03

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
ANCA_SERIES ARCH-ANCA_SERIES Datasheet
407Kb / 5P
   Fully Encapsulated Plastic Case
AFC_SERIES ARCH-AFC_SERIES Datasheet
404Kb / 5P
   Fully Encapsulated Plastic Case
AFC-E1_SERIES ARCH-AFC-E1_SERIES Datasheet
404Kb / 5P
   Fully Encapsulated Plastic Case
AIC_SERIES ARCH-AIC_SERIES Datasheet
150Kb / 2P
   Fully Encapsulated Plastic Case
ATC_SERIES ARCH-ATC_SERIES Datasheet
463Kb / 5P
   Fully Encapsulated Plastic Case
AOCH_SERIES ARCH-AOCH_SERIES Datasheet
217Kb / 3P
   Fully Encapsulated Plastic Case
APC-E1_SERIES ARCH-APC-E1_SERIES Datasheet
449Kb / 5P
   Fully Encapsulated Plastic Case
MSC_SERIES ARCH-MSC_SERIES Datasheet
257Kb / 3P
   Fully Encapsulated Plastic Case
MTC_SERIES ARCH-MTC_SERIES Datasheet
249Kb / 3P
   Fully Encapsulated Plastic Case
logo
PREMO CORPORATION S.L
FAM_FILE00000052 PREMO-FAM_FILE00000052 Datasheet
122Kb / 1P
   Plastic case filter for PCB mounting
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com